Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LLNRK-ID Datasheet(PDF) 3 Page - Littelfuse

Part # LLNRK-ID
Description  CLASS RK1-LLNRK LLSRK LLSRK ID SERIES FUSES
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

LLNRK-ID Datasheet(HTML) 3 Page - Littelfuse

  LLNRK-ID Datasheet HTML 1Page - Littelfuse LLNRK-ID Datasheet HTML 2Page - Littelfuse LLNRK-ID Datasheet HTML 3Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
POWR-GARD® Fuse Datasheet
© 2013 Littelfuse POWR-GARD® Products
Littelfuse.com
Rev: 040913
3 of 3
Class RK1 – llNRK • llsRK • llsRK_ID seRIes FUses
AMPS
FIgURe
NUmbeR
seRIes
DImeNsIoNs INChes (mm)
A
b
C
D
e
F
g
H
J
K
1
/10–30
1
LLNRK
2 (50.8)
1
2 (12.7)
1
2 (12.7)
9
16 (14.3)
5
64 (2.0)
5
32 (4.0)
3
8 (9.5)
LLSRK
LSRK_ID
5 (127.0)
3
4 (19.1)
5
8 (15.9)
13
16 (20.6)
3
32 (2.4)
3
16 (4.8)
5
8 (15.9)
35 –60
1
LLNRK
3 (76.2)
3
4 (19.1)
5
8 (15.9)
13
16 (20.6)
3
32 (2.4)
3
16 (4.8)
5
8 (15.9)
LLSRK
LSRK_ID
51
2 (139.7)
1 (25.4)
5
8 (15.9)
11
16 (27.0)
3
32 (2.4)
1
4 (6.4)
7
8 (22.2)
70 – 100
2
LLNRK
57
8 (149.2)
1 (25.4)
11
16 (27.0) 1116 (27.0)
1
8 (3.2)
3
4 (19.1)
1
4 (6.4)
9
32 (7.1)
1
2 (12.7)
LLSRK
LSRK_ID
77
8 (200.0) 114 (31.8) 1116 (27.0) 1516 (33.3)
1
8 (3.2)
3
4 (19.1)
1
4 (6.4)
9
32 (7.1)
1
2 (12.7)
110 – 200
2
LLNRK
71
8 (181.0) 112 (38.1) 11532 (37.3) 11932 (40.5) 316 (4.8)
11
8 (28.6)
7
16 (11.1)
9
32 (7.1)
11
16 (17.5)
LLSRK
LLSRK_ID
95
8 (244.5) 134 (44.5) 11532 (37.3) 12732 (46.8) 316 (4.8)
11
8 (28.6)
7
16 (11.1)
9
32 (7.1)
11
16 (17.5)
225– 400
2
LLNRK
85
8 (219.1)
2 (50.8)
115
16 (49.2) 2332 (53.2)
1
4 (6.4)
15
8 (41.3)
5
8 (15.9)
13
32 (10.3) 1516 (23.8)
LLSRK
LLSRK_ID
115
8 (295.3) 212 (63.5)
2 (50.8)
219
32 (65.9)
1
4 (6.4)
15
8 (41.3)
5
8 (15.9)
13
32 (10.3) 1516 (23.8)
450 – 600
2
LLNRK
103
8 (263.5) 212 (63.5) 238 (60.3) 21932 (65.9)
1
4 (6.4)
2 (50.8)
3
4 (19.1)
17
32 (13.5) 118 (28.6)
LLSRK
LLSRK_ID
133
8 (339.7) 3 (76.2)
213
32 (61.1) 3332 (78.6)
1
4 (6.4)
2 (50.8)
3
4 (19.1)
17
32 (13.5) 118 (28.6)
A
F
E
C
D
G
B
A
J
K
H
B
C
F
D
70-600A
FIG. 1
FIG. 2
E
Dimensions


Similar Part No. - LLNRK-ID

ManufacturerPart #DatasheetDescription
logo
Littelfuse
LLNRK LITTELFUSE-LLNRK Datasheet
189Kb / 3P
   LLNRK/LLSRK Series POWR-PRO Class RK1
LLNRK LITTELFUSE-LLNRK Datasheet
494Kb / 3P
   CLASS RK1 ??LLNRK ??LLSRK ??LLSRK_ID SERIES FUSES
LLNRK080 LITTELFUSE-LLNRK080 Datasheet
494Kb / 3P
   CLASS RK1 ??LLNRK ??LLSRK ??LLSRK_ID SERIES FUSES
LLNRK080 LITTELFUSE-LLNRK080 Datasheet
421Kb / 3P
   CLASS RK1 ? LLNRK ? LLSRK ? LLSRK_ID SERIES FUSES
Rev: 1-A-031716
LLNRK LITTELFUSE-LLNRK_16 Datasheet
494Kb / 3P
   CLASS RK1 ??LLNRK ??LLSRK ??LLSRK_ID SERIES FUSES
More results

Similar Description - LLNRK-ID

ManufacturerPart #DatasheetDescription
logo
Littelfuse
LSRK015-T LITTELFUSE-LSRK015-T Datasheet
421Kb / 3P
   CLASS RK1 ? LLNRK ? LLSRK ? LLSRK_ID SERIES FUSES
Rev: 1-A-031716
LLNRK LITTELFUSE-LLNRK_16 Datasheet
494Kb / 3P
   CLASS RK1 ??LLNRK ??LLSRK ??LLSRK_ID SERIES FUSES
LLSRK LITTELFUSE-LLSRK Datasheet
404Kb / 3P
   CLASS RK1 ??LLNRK ??LLSRK ??LLSRK_ID SERIES FUSES
Rev: 1-A-052022
LLNRK LITTELFUSE-LLNRK Datasheet
189Kb / 3P
   LLNRK/LLSRK Series POWR-PRO Class RK1
KLSR LITTELFUSE-KLSR Datasheet
373Kb / 2P
   CLASS RK1-KLNR KLSR SERIES FUSES
logo
Cooper Bussmann, Inc.
KWN-R-1 COOPER-KWN-R-1 Datasheet
1Mb / 4P
   250V KWN-R and 600V KWS-R Class RK1 fuses
logo
List of Unclassifed Man...
KWN-R-1 ETC1-KWN-R-1 Datasheet
1Mb / 4P
   250V KWN-R and 600V KWS-R Class RK1 fuses
logo
Cooper Bussmann, Inc.
LPN-RK-70SP COOPER-LPN-RK-70SP Datasheet
78Kb / 2P
   Dual-Element Time-Delay Fuses Class RK1-250 Volts AC/DC
KTN-R-1 COOPER-KTN-R-1 Datasheet
317Kb / 3P
   Limitron짰 fast-acting, RK1 ??250 volt fuses
logo
Littelfuse
JLS LITTELFUSE-JLS Datasheet
415Kb / 2P
   CLASS J JLS SERIES FUSES
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com