Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

24LC22A-ISN Datasheet(PDF) 8 Page - Microchip Technology

Part # 24LC22A-ISN
Description  2K VESA짰 E-EDID??Serial EEPROM
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24LC22A-ISN Datasheet(HTML) 8 Page - Microchip Technology

Back Button 24LC22A-ISN Datasheet HTML 4Page - Microchip Technology 24LC22A-ISN Datasheet HTML 5Page - Microchip Technology 24LC22A-ISN Datasheet HTML 6Page - Microchip Technology 24LC22A-ISN Datasheet HTML 7Page - Microchip Technology 24LC22A-ISN Datasheet HTML 8Page - Microchip Technology 24LC22A-ISN Datasheet HTML 9Page - Microchip Technology 24LC22A-ISN Datasheet HTML 10Page - Microchip Technology 24LC22A-ISN Datasheet HTML 11Page - Microchip Technology 24LC22A-ISN Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
24LC22A
DS21683B-page 8
© 2007 Microchip Technology Inc.
FIGURE 3-5:
BUS TIMING START/STOP
FIGURE 3-6:
BUS TIMING DATA
3.1.6
SLAVE ADDRESS
After generating a Start condition, the bus master trans-
mits the slave address consisting of a 7-bit device code
(1010000) for the 24LC22A.
The eighth bit of slave address determines whether the
master device wants to read or write to the 24LC22A
(Figure 3-7).
The 24LC22A monitors the bus for its corresponding
slave
address
continuously.
It
generates
an
Acknowledge bit if the slave address was true and it is
not in a programming mode.
FIGURE 3-7:
CONTROL BYTE
ALLOCATION
SCL
SDA
Start
Stop
VHYS
TSU:STO
THD:STA
TSU:STA
SCL
SDA
IN
SDA
OUT
TSU:STA
TSP
TAA
TF
TLOW
THIGH
THD:STA
THD:DAT
TSU:DAT
TSU:STO
TBUF
TAA
TR
Operation
Slave Address
R/W
Read
1010000
1
Write
1010000
0
R/W A
10
1
0
0
0
0
Read/Write
Start
Slave Address


Similar Part No. - 24LC22A-ISN

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24LC22A-I MICROCHIP-24LC22A-I Datasheet
575Kb / 24P
   2K VESA E-EDID Serial EEPROM
10/05/07
24LC22A-I/P MICROCHIP-24LC22A-I/P Datasheet
575Kb / 24P
   2K VESA E-EDID Serial EEPROM
10/05/07
24LC22A-I/SN MICROCHIP-24LC22A-I/SN Datasheet
575Kb / 24P
   2K VESA E-EDID Serial EEPROM
10/05/07
More results

Similar Description - 24LC22A-ISN

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24LCS22A MICROCHIP-24LCS22A Datasheet
302Kb / 24P
   2K VESA짰 E-EDID??Serial EEPROM
2003
24LCS22A MICROCHIP-24LCS22A_09 Datasheet
368Kb / 26P
   2K VESA짰 E-EDID??Serial EEPROM
2009
24LC22A MICROCHIP-24LC22A Datasheet
312Kb / 24P
   2K VESA E - EDID SERIAL EEPROM
2001
24LC22A-I MICROCHIP-24LC22A-I Datasheet
575Kb / 24P
   2K VESA E-EDID Serial EEPROM
10/05/07
logo
Sanyo Semicon Device
LE24CBK22 SANYO-LE24CBK22 Datasheet
193Kb / 20P
   Two Wire Serial Interface EEPROM (2K2K EEPROM)
logo
Microchip Technology
24VL024 MICROCHIP-24VL024 Datasheet
488Kb / 30P
   2K I2C??Serial EEPROM
2009
24AA02 MICROCHIP-24AA02_07 Datasheet
401Kb / 26P
   2K I2C??Serial EEPROM
2007
24AA02 MICROCHIP-24AA02_09 Datasheet
605Kb / 32P
   2K I2C??Serial EEPROM
2009
24LC02B-I MICROCHIP-24LC02B-I Datasheet
411Kb / 26P
   2K I2C Serial EEPROM
12/08/06
24LC02BT-SN MICROCHIP-24LC02BT-SN Datasheet
605Kb / 32P
   2K I2C??Serial EEPROM
2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com