Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

FFP04U40DN Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part No. FFP04U40DN
Description  ULTRA FAST RECOVERY POWER RECTIFIER
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FFP04U40DN Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FFP04U40DN Datasheet HTML 1Page - Fairchild Semiconductor FFP04U40DN Datasheet HTML 2Page - Fairchild Semiconductor FFP04U40DN Datasheet HTML 3Page - Fairchild Semiconductor FFP04U40DN Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
©2000 Fairchild Semiconductor International
Rev. F, September 2000
Typical Characteristics
Typical Characteristics
Typical Characteristics
Typical Characteristics
Figure 1. Typical Forward Voltage Drop
vs. Forward Current
Figure 3. Typical Junction Capacitance
Figure 5. Typical Reverse Recovery Current
vs. di/dt
Figure 2. Typical Reverse Current
vs. Reverse Voltage
Figure 4. Typical Reverse Recovery Time
vs. di/dt
Figure 6. Forward Current Derating Curve
0.1
1
10
30
0.0
0.5
1.0
1.5
2.0
2.5
3.0
T
C
= 25
oC
T
C = 100
oC
Forward Voltage , V
F [V]
0.1
1
10
100
50
100
150
200
Typical Capacitance
at 0V = 138 pF
Reverse Voltage , V
R [V]
100
500
0
1
2
3
4
5
6
I
F
= 4A
T
C = 25
oC
di/dt [A/
µs]
50
100
150
200
250
300
350
400
0.001
0.01
0.1
1
10
100
1000
T
C
= 100
oC
T
C = 25
oC
Reverse Voltage , V
R [V]
100
500
20
25
30
35
40
45
50
I
F = 4A
T
C
= 25
oC
di/dt [A/
µs]
60
80
100
120
140
160
0
1
2
3
4
5
6
Case Temperature , T
C [
o
C]


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn