Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

FFP04U40DN Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part No. FFP04U40DN
Description  ULTRA FAST RECOVERY POWER RECTIFIER
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FFP04U40DN Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FFP04U40DN Datasheet HTML 1Page - Fairchild Semiconductor FFP04U40DN Datasheet HTML 2Page - Fairchild Semiconductor FFP04U40DN Datasheet HTML 3Page - Fairchild Semiconductor FFP04U40DN Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
©2000 Fairchild Semiconductor International
Rev. F, September 2000
ULTRA FAST RECOVERY POWER RECTIFIER
Absolute Maximum Ratings (per diode) T
C=25°
°°°C unless otherwise noted
Thermal Characteristics
Electrical Characteristics (per diode) T
C=25 °
°°°C unless otherwise noted
* Pulse Test: Pulse Width=300
µs, Duty Cycle=2%
Symbol
Parameter
Value
Units
VRRM
Peak Repetitive Reverse Voltage
400
V
IF(AV)
Average Rectified Forward Current
@ TC = 100°C4
A
IFSM
Non-repetitive Peak Surge Current
60Hz Single Half-Sine Wave
40
A
TJ, TSTG
Operating Junction and Storage Temperature
- 65 to +150
°C
Symbol
Parameter
Value
Units
RθJC
Maximum Thermal Resistance, Junction to Case
10
°C/W
Symbol
Parameter
Min.
Typ.
Max.
Units
VFM *
Maximum Instantaneous Forward Voltage
IF = 4A
IF = 4A
TC = 25 °C
TC = 100 °C
-
-
-
-
1.4
1.3
V
IRM *
Maximum Instantaneous Reverse Current
@ rated VR
TC = 25 °C
TC = 100 °C
-
-
-
-
10
100
µA
trr
Irr
Qrr
Maximum Reverse Recovery Time
Maximum Reverse Recovery Current
Maximum Reverse Recovery Charge
(IF =4A, di/dt = 200A/µs)
-
-
-
-
-
-
45
3.0
68
ns
A
nC
WAVL
Avalanche Energy
1.0
-
-
mJ
FFP04U40DN
Features
• Ultrafast with soft recovery
• Low forward voltage
Applications
• Power switching circuits
• Output rectifiers
• Freewheeling diodes
• Switching mode power supply
TO-220
1
2
3
1. Anode 2.Cathode 3. Anode


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn