Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

UCC28C43DGKRG4 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part No. UCC28C43DGKRG4
Description  BiCMOS LOW-POWER CURRENT-MODE PWM CONTROLLER
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC28C43DGKRG4 Datasheet(HTML) 14 Page - Texas Instruments

Back Button UCC28C43DGKRG4 Datasheet HTML 10Page - Texas Instruments UCC28C43DGKRG4 Datasheet HTML 11Page - Texas Instruments UCC28C43DGKRG4 Datasheet HTML 12Page - Texas Instruments UCC28C43DGKRG4 Datasheet HTML 13Page - Texas Instruments UCC28C43DGKRG4 Datasheet HTML 14Page - Texas Instruments UCC28C43DGKRG4 Datasheet HTML 15Page - Texas Instruments UCC28C43DGKRG4 Datasheet HTML 16Page - Texas Instruments UCC28C43DGKRG4 Datasheet HTML 17Page - Texas Instruments UCC28C43DGKRG4 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 32 page
background image
UCC28C40, UCC28C41, UCC28C42, UCC28C43, UCC28C44, UCC28C45
UCC38C40, UCC38C41, UCC38C42, UCC38C43, UCC38C44, UCC38C45
SLUS458E -- AUGUST 2001 -- REVISED OCTOBER 2010
14
www.ti.com
TYPICAL CHARACTERISTICS
Figure 17
5
0
10
15
20
25
200 k
400 k
600 k
800 k
0k
1M
1-nF LOAD
NO LOAD
SUPPLY CURRENT
vs
OSCILLATOR FREQUENCY
f -- Frequency -- Hz
Figure 18
--50
2.1
3.0
2.9
2.7
2.6
2.4
2.2
2.0
2.3
2.5
2.8
--25
0
25
50
75
100
125
SUPPLY CURRENT
vs
TEMPERATURE
TJ -- Temperature -- °C
NO LOAD
Figure 19
OUTPUT RISE TIME AND FALL TIME
vs
TEMPERATURE
10
15
40
35
30
20
25
tf
tr
(1 nF)
--50
--25
0
25
50
75
100
125
TJ -- Temperature -- °C
(1 nF)
10% to 90%
VDD =12V
Figure 20
f -- Frequency -- kHz
MAXIMUM DUTY CYCLE
vs
OSCILLATOR FREQUENCY
50
100
90
60
0
500
80
70
CT = 220 pF
CT = 1 nF
1000
1500
2000
2500


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn