Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FMB3946 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FMB3946
Description  NPN & PNP General Purpose Amplifier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FMB3946 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FMB3946 Datasheet HTML 1Page - Fairchild Semiconductor FMB3946 Datasheet HTML 2Page - Fairchild Semiconductor FMB3946 Datasheet HTML 3Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
4
NPN & PNP General Purpose Amplifier
Absolute Maximum Ratings*
T
A
= 25°C unless otherwise noted
*These ratings are limiting values above which the serviceability of any semiconductor device may be impaired.
Symbol
Parameter
Value
Units
VCEO
Collector-Emitter Voltage
40
V
VCBO
Collector-Base Voltage
40
V
VEBO
Emitter-Base Voltage
5.0
V
IC
Collector Current - Continuous
200
mA
TJ, Tstg
Operating and Storage Junction Temperature Range
-55 to +150
°C
 1999 Fairchild Semiconductor Corporation
Thermal Characteristics
T
A
= 25°C unless otherwise noted
This complementary device is designed for use as a general purpose
amplifier and switch The useful dynamic range extends to 100 mA as a
switch and 100 MHz as an amplifier. Sourced from Process 23 and 66.
See FFB3904 (NPN) and FFB3906 (PNP) for characteristics.
Symbol
Characteristic
Max
Units
FFB3946
FMB3946
PD
Total Device Dissipation
Derate above 25
°C
300
2.4
700
5.6
mW
mW/
°C
RθJA
Thermal Resistance, Junction to Ambient
415
180
°C/W
NOTES:
1) These ratings are based on a maximum junction temperature of 150 degrees C.
2) These are steady state limits. The factory should be consulted on applications involving pulsed or low duty cycle operations.
3) All voltages (V) and currents (A) are negative polarity for PNP transistors.
C1
B2
E2
E1
B1
C2
pin #1
FFB3946
SC70-6
Mark: .AB
Dot denotes pin #1
FMB3946
SuperSOT
-6
Mark: .002
Dot denotes pin #1
C1
E1
C2
B1
E2
B2
pin #1
TRANSISTOR TYPE
C1 B1 E1
NPN
C2 B2 E2
PNP


Similar Part No. - FMB3946

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FMB3946 FAIRCHILD-FMB3946 Datasheet
30Kb / 2P
   NPN & PNP Complementary Dual Transistor SuperSOT-6 Surface Mount Package
More results

Similar Description - FMB3946

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FFB2227A FAIRCHILD-FFB2227A Datasheet
43Kb / 3P
   NPN & PNP General Purpose Amplifier
logo
Unisonic Technologies
MMDT2227 UTC-MMDT2227_15 Datasheet
185Kb / 5P
   NPN & PNP GENERAL PURPOSE AMPLIFIER
MMDT2907A UTC-MMDT2907A Datasheet
137Kb / 4P
   NPN & PNP GENERAL PURPOSE AMPLIFIER
MMDT2227 UTC-MMDT2227 Datasheet
127Kb / 3P
   NPN & PNP GENERAL PURPOSE AMPLIFIER
logo
ON Semiconductor
FFB2227A ONSEMI-FFB2227A Datasheet
316Kb / 6P
   NPN & PNP General-Purpose Amplifier
November-2017, Rev. 2 1
logo
Fairchild Semiconductor
MMPQ6700 FAIRCHILD-MMPQ6700 Datasheet
185Kb / 6P
   Quad NPN & PNP General Purpose Amplifier
MMPQ6502 FAIRCHILD-MMPQ6502 Datasheet
195Kb / 6P
   Quad NPN & PNP General Purpose Amplifier
2N4125 FAIRCHILD-2N4125 Datasheet
23Kb / 2P
   PNP General Purpose Amplifier
logo
Micro Commercial Compon...
MMBT2907A MCC-MMBT2907A Datasheet
89Kb / 3P
   PNP General Purpose Amplifier
logo
Fairchild Semiconductor
BC214L FAIRCHILD-BC214L Datasheet
27Kb / 4P
   PNP General Purpose Amplifier
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com