Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCC283TDTR-3 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # UCC283TDTR-3
Description  LOW-DROPOUT 3-A LINEAR REGULATOR FAMILY
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC283TDTR-3 Datasheet(HTML) 8 Page - Texas Instruments

Back Button UCC283TDTR-3 Datasheet HTML 4Page - Texas Instruments UCC283TDTR-3 Datasheet HTML 5Page - Texas Instruments UCC283TDTR-3 Datasheet HTML 6Page - Texas Instruments UCC283TDTR-3 Datasheet HTML 7Page - Texas Instruments UCC283TDTR-3 Datasheet HTML 8Page - Texas Instruments UCC283TDTR-3 Datasheet HTML 9Page - Texas Instruments UCC283TDTR-3 Datasheet HTML 10Page - Texas Instruments UCC283TDTR-3 Datasheet HTML 11Page - Texas Instruments UCC283TDTR-3 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
UCC283-3, UCC283-5, UCC283-ADJ, UCC383-3, UCC383-5, UCC383-ADJ
LOW DROPOUT 3A LINEAR REGULATOR FAMILY
SLUS215B − OCTOBER 1998 − REVISED FEBRUARY 2004
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
APPLICATION INFORMATION
voltage programming and shutdown feature for adjustable version
A typical application circuit based on the UCC383 adjustable version is shown in Figure 5. The output voltage
is externally programmed through a resistive divider at the ADJ pin.
Figure 4
Temperature (
5C)
0.2
0.3
0.4
0.5
0.6
−40
10
60
V OUT= 3.3 V
V OUT= 5 V
TYPICAL DROPOUT VOLTAGE
vs.
CASE TEMPERATURE WITH A 3-A LOAD
V
OUT +
1.25
1
) R2
R1
Volts
The maximum programmed output voltage is constrained by the 9-V absolute rating of the IC (this includes the
charge pump voltage) and its ability to enhance the N-channel MOSFET. Unless the load current is below the
3-A rating of the device, output voltages above 7 V are not recommended. The minimum output voltage can
be programmed down to 1.25 V. However, the input voltage must always be greater than the UVLO of the part.
The adjustable version includes a shutdown feature, limiting quiescent current to 40
µA typical. The UCC383
is shut down by pulling the CT pin to below 0.25 V. As shown in Figure 5, a small logic level MOSFET or BJT
transistor in parallel with the timing capacitor can be driven with a digital signal, putting the device in shutdown.
If the CT pin is not pulled low, the IC internally pulls up the pin enabling the regulator. The CT pin should not
be forced high, as this interferes with the short-circuit-protection feature. Selection of the timing capacitor is
explained in Short-Circuit-Protection.
The adjustable version can be used in applications requiring remote voltage sensing (i.e. monitoring a voltage
other than or not directly tied to the VOUT pin). This is possible since the inverting input of the error-voltage
amplifier (see Block Diagram) is brought out to the ADJ pin.
(4)


Similar Part No. - UCC283TDTR-3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC283TDTR-3 TI-UCC283TDTR-3 Datasheet
466Kb / 17P
[Old version datasheet]   LOW DROPOUT 3-A LINEAR REGULATOR FAMILY
UCC283TDTR-3 TI1-UCC283TDTR-3 Datasheet
1Mb / 22P
[Old version datasheet]   LOW-DROPOUT 3A LINEAR REGULATOR FAMILY
UCC283TDTR-3G3 TI1-UCC283TDTR-3G3 Datasheet
1Mb / 22P
[Old version datasheet]   LOW-DROPOUT 3A LINEAR REGULATOR FAMILY
More results

Similar Description - UCC283TDTR-3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC283-3 TI-UCC283-3 Datasheet
466Kb / 17P
[Old version datasheet]   LOW DROPOUT 3-A LINEAR REGULATOR FAMILY
UCC283 TI-UCC283 Datasheet
214Kb / 8P
[Old version datasheet]   Low Dropout 3 Ampere Linear Regulator Family
UCC283-3 TI1-UCC283-3_16 Datasheet
1Mb / 22P
[Old version datasheet]   LOW-DROPOUT 3A LINEAR REGULATOR FAMILY
UCC281-3 TI1-UCC281-3_09 Datasheet
279Kb / 12P
[Old version datasheet]   Low Dropout 1 Ampere Linear Regulator Family
UCC281- TI-UCC281- Datasheet
102Kb / 10P
[Old version datasheet]   Low Dropout 1 Ampere Linear Regulator Family
logo
Analog Intergrations Co...
AIC1721 AIC-AIC1721 Datasheet
208Kb / 6P
   3-pin Low Dropout Linear Regulator
logo
ON Semiconductor
NCP565 ONSEMI-NCP565_10 Datasheet
180Kb / 17P
   1.5 A Low Dropout Linear Regulator
November, 2010 ??Rev. 15
NCP565 ONSEMI-NCP565 Datasheet
111Kb / 12P
   1.5 A Low Dropout Linear Regulator
July, 2004 ??Rev. 8
NCP565 ONSEMI-NCP565_07 Datasheet
135Kb / 16P
   1.5 A Low Dropout Linear Regulator
February, 2007 ??Rev. 12
NCP566 ONSEMI-NCP566 Datasheet
109Kb / 10P
   1.5 A Low Dropout Linear Regulator
March, 2007 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com