Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

UCC2895N Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part No. UCC2895N
Description  BiCMOS Advanced Phase-Shift PWM Controller
Download  28 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI1 [Texas Instruments]
Homepage  http://www.ti.com
Logo TI1 - Texas Instruments

UCC2895N Datasheet(HTML) 14 Page - Texas Instruments

Back Button UCC2895N Datasheet HTML 10Page - Texas Instruments UCC2895N Datasheet HTML 11Page - Texas Instruments UCC2895N Datasheet HTML 12Page - Texas Instruments UCC2895N Datasheet HTML 13Page - Texas Instruments UCC2895N Datasheet HTML 14Page - Texas Instruments UCC2895N Datasheet HTML 15Page - Texas Instruments UCC2895N Datasheet HTML 16Page - Texas Instruments UCC2895N Datasheet HTML 17Page - Texas Instruments UCC2895N Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
9
11
10
12
DELCD
DELAB
ADS
CS
RDELAB
RDELCD
UCC3895
(
)
DEL
CS
ADS
V
0.75
V
V
0.5 V
é
ù
=
´
-
+
ë
û
(
)
12
DEL
DELAY
DEL
25
10
R
t
25 NS
V
-
´
´
=
+
UCC1895, UCC2895, UCC3895
SLUS157P – DECEMBER 1999 – REVISED JUNE 2013
www.ti.com
APPLICATION INFORMATION
Programming DELAB, DELCD and the Adaptive Delay Set
The UCC2895N allows the user to set the delay between switch commands within each leg of the full-bridge
power circuit according to Equation 5.
(5)
From Equation 5 VDEL is determined in conjunction with the desire to use (or not) the ADS feature from
Equation 6.
(6)
Figure 12 illustrates the resistors needed to program the delay periods and the ADS function.
Figure 12. Programming Adaptive Delay Set
The ADS allows the user to vary the delay times between switch commands within each of the two legs of the
converter. The delay-time modulation is implemented by connecting ADS (pin 11) to CS, GND, or a resistive
divider from CS through ADS to GND to set VADS as shown in Figure 12. From Equation 6 for VDEL, if ADS is tied
to GND then VDEL rises in direct proportion to VCS, causing a decrease in tDELAY as the load increases. In this
condition, the maximum value of VDEL is 2 V.
If ADS is connected to a resistive divider between CS and GND, the term (VCS – VADS) becomes smaller,
reducing the level of VDEL. This reduction decreases the amount of delay modulation. In the limit of ADS tied to
CS, VDEL = 0.5 V and no delay modulation occurs. Figure 13 graphically shows the delay time versus load for
varying adaptive delay set feature voltages (VADS).
In the case of maximum delay modulation (ADS = GND), when the circuit goes from light load to heavy load, the
variation of VDEL is from 0.5 to 2 V. This change causes the delay times to vary by a 4:1 ratio as the load is
changed.
The ability to program an adaptive delay is a desirable feature because the optimum delay time is a function of
the current flowing in the primary winding of the transformer, and changes by a factor of 10:1 or more as circuit
loading changes. Reference 5 (see References) describes the many interrelated factors for choosing the
optimum delay times for the most efficient power conversion, and illustrates an external circuit to enable ADS
using the UC3879. Implementing this adaptive feature is simplified in the UCC3895 controller, giving the user the
ability to tailor the delay times to suit a particular application with a minimum of external parts.
14
Submit Documentation Feedback
Copyright © 1999–2013, Texas Instruments Incorporated
Product Folder Links: UCC1895 UCC2895 UCC3895


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn