Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

UCC2895N Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part No. UCC2895N
Description  BiCMOS Advanced Phase-Shift PWM Controller
Download  28 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI1 [Texas Instruments]
Homepage  http://www.ti.com
Logo TI1 - Texas Instruments

UCC2895N Datasheet(HTML) 7 Page - Texas Instruments

Back Button UCC2895N Datasheet HTML 3Page - Texas Instruments UCC2895N Datasheet HTML 4Page - Texas Instruments UCC2895N Datasheet HTML 5Page - Texas Instruments UCC2895N Datasheet HTML 6Page - Texas Instruments UCC2895N Datasheet HTML 7Page - Texas Instruments UCC2895N Datasheet HTML 8Page - Texas Instruments UCC2895N Datasheet HTML 9Page - Texas Instruments UCC2895N Datasheet HTML 10Page - Texas Instruments UCC2895N Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
UCC1895, UCC2895, UCC3895
www.ti.com
SLUS157P – DECEMBER 1999 – REVISED JUNE 2013
TERMINAL FUNCTIONS (continued)
TERMINAL
I/O
DESCRIPTION
NAME
NO.
OUTA
18
O
OUTB
17
O
The four outputs are 100-mA complementary MOS drivers, and are optimized to drive FET driver circuits
such as UCC27424 or gate drive transformers.
OUTC
14
O
OUTD
13
O
PGND
16
-
Output stage ground.
RAMP
3
I
Inverting input of the PWM comparator.
5 V, ±1.2%, 5 mA voltage reference. For best performance, bypass with a 0.1-
μF low ESR, low ESL
REF
4
O
capacitor to ground. Do not use more than 4.7
μF of total capacitance on this pin.
RT
8
I
Oscillator timing resistor for programming the switching frequency.
SS/DISB
19
I
Soft-start and disable pin which combines the two independent functions.
SYNC
6
I/O
The oscillator synchronization pin is bidirectional.
The power supply input pin, VDD, must be bypassed with a minimum of a 1-
μF low ESR, low ESL capacitor
VDD
15
I
to ground. The addition of a 10-
μF low ESR, low ESL between VDD and PGND is recommended.
Copyright © 1999–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: UCC1895 UCC2895 UCC3895


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn