Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

UCC2895-W Datasheet(PDF) 13 Page - Texas Instruments

Part No. UCC2895-W
Description  BiCMOS Advanced Phase-Shift PWM Controller
Download  28 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI1 [Texas Instruments]
Homepage  http://www.ti.com
Logo TI1 - Texas Instruments

UCC2895-W Datasheet(HTML) 13 Page - Texas Instruments

Back Button UCC2895-W Datasheet HTML 9Page - Texas Instruments UCC2895-W Datasheet HTML 10Page - Texas Instruments UCC2895-W Datasheet HTML 11Page - Texas Instruments UCC2895-W Datasheet HTML 12Page - Texas Instruments UCC2895-W Datasheet HTML 13Page - Texas Instruments UCC2895-W Datasheet HTML 14Page - Texas Instruments UCC2895-W Datasheet HTML 15Page - Texas Instruments UCC2895-W Datasheet HTML 16Page - Texas Instruments UCC2895-W Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
4
5
6
7
8
9
0
400
800
1200
1600
Oscillator Frequency (kHz)
Vdd = 10 V
Vdd = 12 V
Vdd = 15 V
Vdd = 17 V
C005
4
5
6
7
8
9
10
11
12
13
0
400
800
1200
1600
Oscillator Frequency (kHz)
Vdd = 10 V
Vdd = 12 V
Vdd = 15 V
Vdd = 17 V
C006
0.80
0.85
0.90
0.95
1.00
±60
±40
±20
0
20
40
60
80
100
120
Temperature (
ƒC)
C003
0
40
80
120
160
200
0
20
40
60
80
100
1
10
100
1k
10k
100k
1M
10M
Frequency (Hz)
Gain (dB)
Phase Margin (°C)
C004
0
200
400
600
800
1000
1200
1400
1600
1800
2000
0
10
20
30
40
Delay Resistance (k
Vcs = 0 V
Vcs = 2 V
C001
0
200
400
600
800
1000
1200
1400
1600
100
1000
Timing Capacitance (pF)
RT = 47 k
RT = 62 k
RT = 82 k
RT = 100 k
C002
UCC1895, UCC2895, UCC3895
www.ti.com
SLUS157P – DECEMBER 1999 – REVISED JUNE 2013
TYPICAL CHARACTERISTICS
OUTPUT DELAY (tDELAY)
OSCILLATOR FREQUENCY (fSW)
vs
vs
DELAY RESISTANCE (RDEL)
TIMING CAPACITANCE (CT)
Figure 6.
Figure 7.
EAOUT to RAMP OFFSET (VOFFSET)
AMPLIFIER GAIN AND PHASE MARGIN
vs
vs
TEMPERATURE (TA)
FREQUENCY (fOSC)
Figure 8.
Figure 9.
INPUT CURRENT (IDD)
INPUT CURRENT (IDD)
vs
vs
OSCILLATOR FREQUENCY (fOSC)
OSCILLATOR FREQUENCY (fOSC)
Figure 10.
Figure 11.
Copyright © 1999–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: UCC1895 UCC2895 UCC3895


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn