Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

UCC2895-W Datasheet(PDF) 12 Page - Texas Instruments

Part No. UCC2895-W
Description  BiCMOS Advanced Phase-Shift PWM Controller
Download  28 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI1 [Texas Instruments]
Homepage  http://www.ti.com
Logo TI1 - Texas Instruments

UCC2895-W Datasheet(HTML) 12 Page - Texas Instruments

Back Button UCC2895-W Datasheet HTML 8Page - Texas Instruments UCC2895-W Datasheet HTML 9Page - Texas Instruments UCC2895-W Datasheet HTML 10Page - Texas Instruments UCC2895-W Datasheet HTML 11Page - Texas Instruments UCC2895-W Datasheet HTML 12Page - Texas Instruments UCC2895-W Datasheet HTML 13Page - Texas Instruments UCC2895-W Datasheet HTML 14Page - Texas Instruments UCC2895-W Datasheet HTML 15Page - Texas Instruments UCC2895-W Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
UCC1895, UCC2895, UCC3895
SLUS157P – DECEMBER 1999 – REVISED JUNE 2013
www.ti.com
SS/DISB (Soft-Start/Disable)
This pin combines two independent functions.
Disable Mode: A rapid shutdown of the chip is accomplished by externally forcing SS/DISB below 0.5 V,
externally forcing REF below 4 V, or if VDD drops below the undervoltage lockout threshold. In the case of REF
being pulled below 4 V or an undervoltage condition, SS/DISB is actively pulled to ground via an internal
MOSFET switch.
If an overcurrent fault is sensed (CS = 2.5 V), a soft-stop is initiated. In this mode, SS/DISB sinks a constant
current of (10 × IRT). The soft-stop continues until SS/DISB falls below 0.5 V. When any of these faults are
detected, all outputs are forced to ground immediately.
NOTE
If SS/DISB is forced below 0.5 V, the pin starts to source current equal to IRT. The only
time the part switches into low IDD current mode, though, is when the part is in
undervoltage lockout.
Soft-start Mode: After a fault or disable condition has passed, VDD is above the start threshold, and, or,
SS/DISB falls below 0.5 V during a soft-stop, SS/DISB switches to a soft-start mode. The pin then sources
current, equal to IRT. A user-selected resistor/capacitor combination on SS/DISB determines the soft start time
constant.
NOTE
SS/DISB actively clamps the EAOUT pin voltage to approximately the SS/DISB pin
voltage during both soft-start, soft-stop, and disable conditions.
SYNC (Oscillator Synchronization)
This pin is bidirectional (refer to Figure 3). When used as an output, SYNC is used as a clock, which is the same
as the internal clock of the device. When used as an input, SYNC overrides the internal oscillator of the chip and
acts as the clock signal. This bidirectional feature allows synchronization of multiple power supplies. Also, the
SYNC signal internally discharge the CT capacitor and any filter capacitors that are present on the RAMP pin.
The internal SYNC circuitry is level sensitive, with an input-low threshold of 1.9 V, and an input-high threshold of
2.1 V. A resistor as small as 3.9 k
Ω may be tied between SYNC and GND to reduce the sync pulse width.
VDD (Chip Supply)
This is the input pin to the chip. VDD must be bypassed with a minimum of 1-
μF low ESR, low ESL capacitor to
ground. The addition of a 10-
μF low ESR, low ESL between VDD and PGND is recommended.
12
Submit Documentation Feedback
Copyright © 1999–2013, Texas Instruments Incorporated
Product Folder Links: UCC1895 UCC2895 UCC3895


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn