Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

UCC2895-W Datasheet(PDF) 10 Page - Texas Instruments

Part No. UCC2895-W
Description  BiCMOS Advanced Phase-Shift PWM Controller
Download  28 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI1 [Texas Instruments]
Homepage  http://www.ti.com
Logo TI1 - Texas Instruments

UCC2895-W Datasheet(HTML) 10 Page - Texas Instruments

Back Button UCC2895-W Datasheet HTML 6Page - Texas Instruments UCC2895-W Datasheet HTML 7Page - Texas Instruments UCC2895-W Datasheet HTML 8Page - Texas Instruments UCC2895-W Datasheet HTML 9Page - Texas Instruments UCC2895-W Datasheet HTML 10Page - Texas Instruments UCC2895-W Datasheet HTML 11Page - Texas Instruments UCC2895-W Datasheet HTML 12Page - Texas Instruments UCC2895-W Datasheet HTML 13Page - Texas Instruments UCC2895-W Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
(
)
12
DEL
DELAY
DEL
25
10
R
t
25 ns
V
-
´
´
=
+
T
T
OSC
5
R
C
t
120 ns
48
´
´
=
+
(
)
DEL
CS
ADS
V
0.75
V
V
0.5 V
é
ù
=
´
-
+
ë
û
UCC1895, UCC2895, UCC3895
SLUS157P – DECEMBER 1999 – REVISED JUNE 2013
www.ti.com
DETAILED PIN DESCRIPTION
ADS (Adaptive Delay Set)
This function sets the ratio between the maximum and minimum programmed output-delay dead time. When the
ADS pin is directly connected to the CS pin, no delay modulation occurs. The maximum delay modulation occurs
when ADS is grounded. In this case, delay time is four-times longer when CS = 0 than when CS = 2 V (the peak-
current threshold), ADS changes the output voltage on the delay pins DELAB and DELCD by Equation 1.
where
VCS and VADS are in volts
(1)
ADS must be limited to between 0 V and 2.5 V and must be less-than or equal-to CS. DELAB and DELCD are
clamped to a minimum of 0.5 V.
CS (Current Sense)
The CS input connects to the inverting input of the current-sense comparator and the non-inverting input of the
overcurrent comparator and the ADS amplifier. The current sense signal is used for cycle-by-cycle current
limiting in peak current-mode control, and for overcurrent protection in all cases with a secondary threshold for
output shutdown. An output disable initiated by an overcurrent fault also results in a restart cycle, called soft-stop,
with full soft-start.
CT (Oscillator Timing Capacitor)
The UCC3895 oscillator charges CT via a programmed current. The waveform on CT is a sawtooth, with a peak
voltage of 2.35 V. The approximate oscillator period is calculated by Equation 2.
where
CT is in Farads
RT is in Ohms
tOSC is in seconds
CT can range from 100 to 880 pF.
(2)
NOTE
A large CT and a small RT combination results in extended fall times on the CT waveform.
The increased fall time increases the SYNC pulse width, hence limiting the maximum
phase shift between OUTA, OUTB and OUTC, OUTD outputs, which limits the maximum
duty cycle of the converter (see to Figure 3).
DELAB and DELCD (Delay Programming Between Complementary Outputs)
DELAB programs the dead time between switching of OUTA and OUTB. DELCD programs the dead time
between OUTC and OUTD. This delay is introduced between complementary outputs in the same leg of the
external bridge. The UCC2895N allows the user to select the delay, in which the resonant switching of the
external power stages takes place. Separate delays are provided for the two half-bridges to accommodate
differences in resonant-capacitor charging currents. The delay in each stage is set according to Equation 3.
where
VDEL is in volts
RDEL is in Ohms
tDELAY is in seconds
(3)
10
Submit Documentation Feedback
Copyright © 1999–2013, Texas Instruments Incorporated
Product Folder Links: UCC1895 UCC2895 UCC3895


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn