Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

UCC2895-W Datasheet(PDF) 8 Page - Texas Instruments

Part No. UCC2895-W
Description  BiCMOS Advanced Phase-Shift PWM Controller
Download  28 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI1 [Texas Instruments]
Homepage  http://www.ti.com
Logo TI1 - Texas Instruments

UCC2895-W Datasheet(HTML) 8 Page - Texas Instruments

Back Button UCC2895-W Datasheet HTML 4Page - Texas Instruments UCC2895-W Datasheet HTML 5Page - Texas Instruments UCC2895-W Datasheet HTML 6Page - Texas Instruments UCC2895-W Datasheet HTML 7Page - Texas Instruments UCC2895-W Datasheet HTML 8Page - Texas Instruments UCC2895-W Datasheet HTML 9Page - Texas Instruments UCC2895-W Datasheet HTML 10Page - Texas Instruments UCC2895-W Datasheet HTML 11Page - Texas Instruments UCC2895-W Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
SYNC
CT
S
R
Q
VREF
CLOCK
CLOCK
0.2 V
2.5 V
REF
RT
IRT
CT
RT
8IRT
+
+
OSC
Q
Q
Q
Q
D
Q
Q
S
R
0.5V
11 V / 9 V
Q
Q
D
Q
D
2 V
2.5 V
REF
4 V
0.5 V
REF
0.5 V / 0.6 V
19
8
7
6
2
20
1
12
5
4
11
16
13
10
14
17
9
18
15
3
SS
CS
EAN
EAP
EAOUT
RAMP
SYNC
CT
RT
GND
REF
ADS
OUTD
PGND
DELCD
OUTC
OUTB
DELAB
OUTA
VDD
DELAY C
DELAY D
DELAY A
DELAY B
Q
HI=ON
IRT
10(IRT)
DISABLE
COMPARATOR
OVER CURRENT
COMPARATOR
ERROR
AMP
CURRENT SENSE
COMPARATOR
PWM
COMPARATOR
S
R
S
R
IRT
8(IRT)
NO LOAD
COMPARATOR
HI=ON
S
R
0.8 V
ADAPTIVE DELAY
SET AMPLIFIER
UVLO COMPARATOR
REFERENCE OK
COMPARATOR
+
+
+
+
+
+
+
+
+
UCC1895, UCC2895, UCC3895
SLUS157P – DECEMBER 1999 – REVISED JUNE 2013
www.ti.com
BLOCK DIAGRAM
Figure 3. Oscillator Block Diagram
8
Submit Documentation Feedback
Copyright © 1999–2013, Texas Instruments Incorporated
Product Folder Links: UCC1895 UCC2895 UCC3895


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn