Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

UCC2895-W Datasheet(PDF) 6 Page - Texas Instruments

Part No. UCC2895-W
Description  BiCMOS Advanced Phase-Shift PWM Controller
Download  28 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI1 [Texas Instruments]
Homepage  http://www.ti.com
Logo TI1 - Texas Instruments

UCC2895-W Datasheet(HTML) 6 Page - Texas Instruments

Back Button UCC2895-W Datasheet HTML 2Page - Texas Instruments UCC2895-W Datasheet HTML 3Page - Texas Instruments UCC2895-W Datasheet HTML 4Page - Texas Instruments UCC2895-W Datasheet HTML 5Page - Texas Instruments UCC2895-W Datasheet HTML 6Page - Texas Instruments UCC2895-W Datasheet HTML 7Page - Texas Instruments UCC2895-W Datasheet HTML 8Page - Texas Instruments UCC2895-W Datasheet HTML 9Page - Texas Instruments UCC2895-W Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
3
18
17
16
EAN
1
2
20 19
15
14
4
5
6
7
8
9
11
10
12 13
EAOUT
RAMP
EAP
SS/DISB
OUTA
OUTB
OUTC
OUTD
PGND
REF
GND
SYNC
CT
RT
VDD
CS
ADS
DELAB
DELCD
OUTA
SS/DISB
EAP
OUTB
PGND
OUTC
VDD
OUTD
EAOUT
EAN
RT
SYNC
CT
RAMP
REF
GND
DELCD
DELAB
CS
20
19
18
17
16
15
14
13
12
11
1
2
3
4
5
6
7
8
9
10
ADS
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
EAN
EAOUT
RAMP
REF
GND
SYNC
CT
RT
DELAB
DELCD
EAP
SS/DISB
OUTA
OUTB
PGND
VDD
OUTC
OUTD
CS
ADS
PW and DW PACKAGE
(TOP VIEW)
UCC1895, UCC2895, UCC3895
SLUS157P – DECEMBER 1999 – REVISED JUNE 2013
www.ti.com
DEVICE INFORMATION
PW AND DW PACKAGE DRAWINGS
N AND J PACKAGE DRAWINGS
(TOP VIEW)
(TOP VIEW)
FN AND FK PACKAGE DRAWINGS
(TOP VIEW)
TERMINAL FUNCTIONS
TERMINAL
I/O
DESCRIPTION
NAME
NO.
The adaptive-delay-set pin sets the ratio between the maximum and minimum programmed output delay
ADS
11
I
dead time.
CS
12
I
Current sense input for cycle-by-cycle current limiting and for over-current comparator.
Oscillator timing capacitor for programming the switching frequency. The UCC3895 oscillator charges CT via
CT
7
I
a programmed current.
The delay-programming between complementary-outputs pin, DELAB, programs the dead time between
DELAB
9
I
switching of output A and output B.
The delay-programming between complementary-outputs pin, DELCD, programs the dead time between
DELCD
10
I
switching of output C and output D.
EAOUT
2
I/O
Error amplifier output.
EAP
20
I
Non-inverting input to the error amplifier. Keep below 3.6 V for proper operation.
EAN
1
I
Inverting input to the error amplifier. Keep below 3.6 V for proper operation.
GND
5
-
Chip ground for all circuits except the output stages.
6
Submit Documentation Feedback
Copyright © 1999–2013, Texas Instruments Incorporated
Product Folder Links: UCC1895 UCC2895 UCC3895


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn