Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

UCC2895-W Datasheet(PDF) 4 Page - Texas Instruments

Part No. UCC2895-W
Description  BiCMOS Advanced Phase-Shift PWM Controller
Download  28 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI1 [Texas Instruments]
Homepage  http://www.ti.com
Logo TI1 - Texas Instruments

UCC2895-W Datasheet(HTML) 4 Page - Texas Instruments

  UCC2895-W Datasheet HTML 1Page - Texas Instruments UCC2895-W Datasheet HTML 2Page - Texas Instruments UCC2895-W Datasheet HTML 3Page - Texas Instruments UCC2895-W Datasheet HTML 4Page - Texas Instruments UCC2895-W Datasheet HTML 5Page - Texas Instruments UCC2895-W Datasheet HTML 6Page - Texas Instruments UCC2895-W Datasheet HTML 7Page - Texas Instruments UCC2895-W Datasheet HTML 8Page - Texas Instruments UCC2895-W Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
UCC1895, UCC2895, UCC3895
SLUS157P – DECEMBER 1999 – REVISED JUNE 2013
www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
VDD = 12 V, RT = 82 kΩ, CT = 220 pF, RDELAB = 10 kΩ, RDELCD = 10 kΩ, CREF = 0.1 μF, CVDD = 0.1 μF and no load on the
outputs, TA = TJ. TA = 0°C to 70°C for UCC3895x, TA = –40°C to +85°C for UCC2895x and TA = –55°C to +125°C for the
UCC1895x. (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
No-load comparator turn-off threshold
0.45
0.5
0.55
No-load comparator turn-on threshold
0.55
0.6
0.69
V
No-load comparator hysteresis
0.035
0.1
0.165
OSCILLATOR
fOSC
Frequency
TJ = 25°C
473
500
527
kHZ
Frequency total variation(
Over line, temperature
2.5%
5%
VIH_SYNC
SYNC input threshold, SYNC
2.05
2.1
2.4
VOH_SYNC
High-level output voltage, SYNC
ISYNC = –400 μA, VCT = 2.6 V
4.1
4.5
5
V
VOL_SYNC
Low-level output voltage, SYNC
ISYNC = 100 μA, VCT = 0 V
0
0.5
1
Sync output pulse width
LOADSYNC = 3.9 kΩ and 30 pF in parallel
85
135
ns
VRT
Timing resistor voltage
2.9
3
3.1
VCT(peak)
Timing capacitor peak voltage
2.25
2.35
2.55
v
VCT(valley)
Timing capacitor valley voltage
0
0.2
0.4
CURRENT SENSE
ICS(bias)
Current sense bias current
0 V < CS < 2.5 V
–4.5
20
µA
0 V ADS < 2.5 V
Peak current threshold
1.9
2
2.1
V
Overcurrent threshold
2.4
2.5
2.6
V
Current sense to output delay
0 V
≤ CS ≤ 2.3 V
75
110
ns
DELAB = DELCD = REF
SOFT-START/SHUTDOWN
ISOURCE
Softstart source current
SS/DISB = 3.0 V
–40
–35
–30
µA
CS = 1.9 V
ISINK
Softstart sink current
SS/DISB = 3.0 V,
325
350
375
µA
CS = 2.6 V
Softstart/disable comparator
0.44
0.5
0.56
V
threshold
ADAPTIVE DELAY SET (ADS)
DELAB/DELCD output voltage
ADS = CS = 0 V
0.45
0.5
0.55
V
ADS = 0 V
1.9
2
2.1
CS = 2 V
tDELAY
Output delay(2)(3)
ADS = CS = 0 V
450
560
620
ns
ADS bias current
0 V < ADS < 2.5 V
–20
20
µA
0 V < CS < 2.5 V
(2)
Ensured by design. Not production tested.
(3)
Output delay is measured between OUTA and OUTB, or OUTC and OUTD. Output delay is defined as shown below where: tf(OUTA) =
falling edge of OUTA signal, tr(OUTB) = rising edge of OUTB signal (see Figure 1 and Figure 2).
4
Submit Documentation Feedback
Copyright © 1999–2013, Texas Instruments Incorporated
Product Folder Links: UCC1895 UCC2895 UCC3895


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn