Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

UCC2895-W Datasheet(PDF) 2 Page - Texas Instruments

Part No. UCC2895-W
Description  BiCMOS Advanced Phase-Shift PWM Controller
Download  28 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI1 [Texas Instruments]
Homepage  http://www.ti.com
Logo TI1 - Texas Instruments

UCC2895-W Datasheet(HTML) 2 Page - Texas Instruments

  UCC2895-W Datasheet HTML 1Page - Texas Instruments UCC2895-W Datasheet HTML 2Page - Texas Instruments UCC2895-W Datasheet HTML 3Page - Texas Instruments UCC2895-W Datasheet HTML 4Page - Texas Instruments UCC2895-W Datasheet HTML 5Page - Texas Instruments UCC2895-W Datasheet HTML 6Page - Texas Instruments UCC2895-W Datasheet HTML 7Page - Texas Instruments UCC2895-W Datasheet HTML 8Page - Texas Instruments UCC2895-W Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
UCC1895, UCC2895, UCC3895
SLUS157P – DECEMBER 1999 – REVISED JUNE 2013
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
ORDERING INFORMATION
PACKAGED DEVICES
TA
SOIC-20 (DW)(1)
PDIP-20 (N)
TSSOP-20 (PW)(1)
PLCC-20 (FN)(1)
LCCC-20 (FK)
CDIP-20 (J)
–55°C to +125°C
UCC1895L
UCC1895J
–40°C to +85°C
UCC2895DW
UCC2895N
UCC2895PW
UCC2895Q
0°C to 70°C
UCC3895DW
UCC3895N
UCC3895PW
UCC3895Q
(1)
The DW, PW and Q packages are available taped and reeled. Add TR suffix to device type (for example: UCC2895DWTR) to order
quantities of 2000 devices per reel for DW.
ABSOLUTE MAXIMUM RATINGS
All voltage values are with respect to the network ground terminal unless otherwise noted.
(1)
VALUE
UNIT
MIN
MAX
Supply voltage
17
V
Output current
100
Reference current
15
mA
Supply current
30
Analog inputs
EAP, EAN, EAOUT, RAMP, SYNC, ADS, CS,
–0.3
REF + 0.3
V
SS/DISB
Drive outputs
OUTA, OUTB, OUTC, OUTD
–0.3
VCC + 0.3
Power dissipation at TA = 25°C
DW-20 package
650
mW
N-20 package
1
W
TJ
Junction temperature range
–55
150
Lead temperature 1.6 mm (1/16 in) from case for 10 seconds
300
°C
Tstg Storage temperature range
–65
150
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to Absolute Maximum Rated conditions for extended periods may affect device reliability
THERMAL CHARACTERISTICS
PART
TJA
TJC
UNIT
UCC2895DW
90
25
UCC2895N
80
35
UCC2895PW
125
14
°C/W
UCC2895Q
75
34
UCC1895J
85
28
UCC1895L
80
20
2
Submit Documentation Feedback
Copyright © 1999–2013, Texas Instruments Incorporated
Product Folder Links: UCC1895 UCC2895 UCC3895


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn