Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCC28503 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # UCC28503
Description  BiCMOS PFC/PWM COMBINATION CONTROLLER
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC28503 Datasheet(HTML) 5 Page - Texas Instruments

  UCC28503 Datasheet HTML 1Page - Texas Instruments UCC28503 Datasheet HTML 2Page - Texas Instruments UCC28503 Datasheet HTML 3Page - Texas Instruments UCC28503 Datasheet HTML 4Page - Texas Instruments UCC28503 Datasheet HTML 5Page - Texas Instruments UCC28503 Datasheet HTML 6Page - Texas Instruments UCC28503 Datasheet HTML 7Page - Texas Instruments UCC28503 Datasheet HTML 8Page - Texas Instruments UCC28503 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 35 page
background image
UCC28500, UCC28501, UCC28502, UCC28503
UCC38500, UCC38501, UCC38502, UCC38503
SLUS419C − AUGUST 1999 − REVISED NOVEMBER 2001
5
www.ti.com
electrical characteristics TA = 0°C to 70°C for the UCC3850X, –40°C to 85°C for the UCC2850X,
TA = TJ, VCC = 12 V, RT = 22 kΩ, CT = 330 pF (unless otherwise noted)
PFC gate driver
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
GT1 pull up resistance
IOUT from −100 mA to –200 mA
5
12
GT1 pull down resistance
IOUT = 100 mA
2
10
GT1 output rise time
CLOAD = 1 nF,
RLOAD = 10 Ω
VGT1 from 0.7 V to 9.0 V
25
50
ns
GT1 output fall time
CLOAD = 1 nF,
RLOAD = 10 Ω
VGT1 from 9.0 V to 0.7 V
10
50
ns
Maximum duty cycle
93%
95%
100%
Minimum controlled duty cycle
f = 100 kHZ
2%
second stage undervoltage lockout (UVLO2)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
PWM turn-on reference (UCCx8500/501)
6.30
6.75
7.30
V
Hysteresis (UCCx8500/501)
0.96
1.20
1.44
V
PWM turn−on reference (UCCx8502/503)
6.30
6.75
7.30
V
Hysteresis (UCCx8502/503)
2.4
3
3.6
V
second stage soft-start
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
SS2 charge current
–7.3
–10
–12.5
µA
Input voltage (VERR)
IVERR = 2 mA,UVLO = Low
300
mV
SS2 discharge current
ENBL = High, UVLO = Low, SS2 = 2.5 V
3
10
mA
second stage duty cycle clamp
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Maximum duty cycle
44%
50%
second stage pulse-by-pulse current sense
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Current sense comparator threshold
VERR = 2.5 V measured on ISENSE2
0.94
1.05
1.15
V
second stage overcurrent limit
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Peak current comparator threshold
1.15
1.30
1.45
V
Input bias current
50
nA
second stage gate driver
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
GT2 pull up resistance
IOUT from −100 mA to –200 mA
5
12
GT2 pull down resistance
IOUT = 100 mA
3
10
GT2 output rise time
CLOAD = 1 nF,RLOAD = 10 Ω
VGT2 from 0.7 V to 9.0 V
25
50
ns
GT2 output fall time
CLOAD = 1 nF,RLOAD = 10 Ω
VGT2 from 9.0 V to 0.7 V
25
50
ns
NOTES:
1. Ensured by design. Not production tested.
2. See Figure 6 for reference variation.
3. See Figure 5 for reference variation for VCC < 10.8 V .


Similar Part No. - UCC28503

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28503 TI-UCC28503 Datasheet
91Kb / 8P
[Old version datasheet]   BiCMOS PFC/PWM Combination Controller
UCC28503 TI-UCC28503 Datasheet
571Kb / 31P
[Old version datasheet]   BICMOS PFC/PWM COMBINATION CONTROLLER
UCC28503DW TI-UCC28503DW Datasheet
571Kb / 31P
[Old version datasheet]   BICMOS PFC/PWM COMBINATION CONTROLLER
UCC28503DWTR TI-UCC28503DWTR Datasheet
571Kb / 31P
[Old version datasheet]   BICMOS PFC/PWM COMBINATION CONTROLLER
UCC28503N TI-UCC28503N Datasheet
571Kb / 31P
[Old version datasheet]   BICMOS PFC/PWM COMBINATION CONTROLLER
More results

Similar Description - UCC28503

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28500 TI-UCC28500 Datasheet
571Kb / 31P
[Old version datasheet]   BICMOS PFC/PWM COMBINATION CONTROLLER
UCC18500 TI-UCC18500 Datasheet
91Kb / 8P
[Old version datasheet]   BiCMOS PFC/PWM Combination Controller
logo
Fairchild Semiconductor
FAN4800AU FAIRCHILD-FAN4800AU Datasheet
987Kb / 20P
   PFC/ PWM Controller Combination
AN-8027 FAIRCHILD-AN-8027 Datasheet
620Kb / 17P
   PFCPWM Combination Controller
FAN4800A FAIRCHILD-FAN4800A_09 Datasheet
647Kb / 24P
   PFC/PWM Controller Combination
FAN4800AS FAIRCHILD-FAN4800AS Datasheet
583Kb / 19P
   PFC/PWM Controller Combination
FAN4800AUN FAIRCHILD-FAN4800AUN Datasheet
987Kb / 20P
   PFC/ PWM Controller Combination
FAN4800A FAIRCHILD-FAN4800A Datasheet
659Kb / 24P
   PFC/PWM Controller Combination
FAN3988IL6X-F113 FAIRCHILD-FAN3988IL6X-F113 Datasheet
992Kb / 21P
   PFC/ PWM Controller Combination
logo
Texas Instruments
UCC28521 TI1-UCC28521_16 Datasheet
790Kb / 34P
[Old version datasheet]   ADVANCED PFC/PWM COMBINATION CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com