Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCC1895 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # UCC1895
Description  BiCMOS Advanced Phase-Shift PWM Controller
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC1895 Datasheet(HTML) 7 Page - Texas Instruments

Back Button UCC1895 Datasheet HTML 3Page - Texas Instruments UCC1895 Datasheet HTML 4Page - Texas Instruments UCC1895 Datasheet HTML 5Page - Texas Instruments UCC1895 Datasheet HTML 6Page - Texas Instruments UCC1895 Datasheet HTML 7Page - Texas Instruments UCC1895 Datasheet HTML 8Page - Texas Instruments UCC1895 Datasheet HTML 9Page - Texas Instruments UCC1895 Datasheet HTML 10Page - Texas Instruments UCC1895 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
UCC1895, UCC2895, UCC3895
www.ti.com
SLUS157P – DECEMBER 1999 – REVISED JUNE 2013
TERMINAL FUNCTIONS (continued)
TERMINAL
I/O
DESCRIPTION
NAME
NO.
OUTA
18
O
OUTB
17
O
The four outputs are 100-mA complementary MOS drivers, and are optimized to drive FET driver circuits
such as UCC27424 or gate drive transformers.
OUTC
14
O
OUTD
13
O
PGND
16
-
Output stage ground.
RAMP
3
I
Inverting input of the PWM comparator.
5 V, ±1.2%, 5 mA voltage reference. For best performance, bypass with a 0.1-
μF low ESR, low ESL
REF
4
O
capacitor to ground. Do not use more than 4.7
μF of total capacitance on this pin.
RT
8
I
Oscillator timing resistor for programming the switching frequency.
SS/DISB
19
I
Soft-start and disable pin which combines the two independent functions.
SYNC
6
I/O
The oscillator synchronization pin is bidirectional.
The power supply input pin, VDD, must be bypassed with a minimum of a 1-
μF low ESR, low ESL capacitor
VDD
15
I
to ground. The addition of a 10-
μF low ESR, low ESL between VDD and PGND is recommended.
Copyright © 1999–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: UCC1895 UCC2895 UCC3895


Similar Part No. - UCC1895

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC1895 TI-UCC1895 Datasheet
291Kb / 14P
[Old version datasheet]   BiCMOS Advanced Phase Shift PWM Controller
UCC1895 TI-UCC1895 Datasheet
667Kb / 25P
[Old version datasheet]   BiCMOS ADVANCED PHASE-SHIFT PWM CONTROLLER
UCC1895J TI-UCC1895J Datasheet
291Kb / 14P
[Old version datasheet]   BiCMOS Advanced Phase Shift PWM Controller
UCC1895J TI-UCC1895J Datasheet
667Kb / 25P
[Old version datasheet]   BiCMOS ADVANCED PHASE-SHIFT PWM CONTROLLER
UCC1895L TI-UCC1895L Datasheet
291Kb / 14P
[Old version datasheet]   BiCMOS Advanced Phase Shift PWM Controller
More results

Similar Description - UCC1895

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC2895-EP TI1-UCC2895-EP Datasheet
623Kb / 20P
[Old version datasheet]   BiCMOS ADVANCED PHASE-SHIFT PWM CONTROLLER
UCC2895-Q1 TI1-UCC2895-Q1 Datasheet
349Kb / 22P
[Old version datasheet]   BiCMOS ADVANCED PHASE-SHIFT PWM CONTROLLER
UCC2895-Q1 TI-UCC2895-Q1_15 Datasheet
838Kb / 24P
[Old version datasheet]   BiCMOS ADVANCED PHASE-SHIFT PWM CONTROLLER
UCC1895 TI-UCC1895 Datasheet
291Kb / 14P
[Old version datasheet]   BiCMOS Advanced Phase Shift PWM Controller
UCC2818A-Q1 TI-UCC2818A-Q1_15 Datasheet
858Kb / 21P
[Old version datasheet]   BiCMOS ADVANCED PHASE-SHIFT PWM CONTROLLER
UCC2895-EP TI-UCC2895-EP_15 Datasheet
795Kb / 21P
[Old version datasheet]   BiCMOS ADVANCED PHASE-SHIFT PWM CONTROLLER
UCC1895 TI-UCC1895_08 Datasheet
667Kb / 25P
[Old version datasheet]   BiCMOS ADVANCED PHASE-SHIFT PWM CONTROLLER
UCC28500-12 TI1-UCC28500-12 Datasheet
914Kb / 35P
[Old version datasheet]   BiCMOS PFC/PWM COMBINATION CONTROLLER
logo
List of Unclassifed Man...
B38C42 ETC1-B38C42 Datasheet
215Kb / 5P
   BiCMOS Current Mode PWM Controller
logo
Texas Instruments
UCC28500 TI-UCC28500 Datasheet
571Kb / 31P
[Old version datasheet]   BICMOS PFC/PWM COMBINATION CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com