Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FMB3904 Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # FMB3904
Description  NPN General Purpose Amplifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FMB3904 Datasheet(HTML) 5 Page - Fairchild Semiconductor

  FMB3904 Datasheet HTML 1Page - Fairchild Semiconductor FMB3904 Datasheet HTML 2Page - Fairchild Semiconductor FMB3904 Datasheet HTML 3Page - Fairchild Semiconductor FMB3904 Datasheet HTML 4Page - Fairchild Semiconductor FMB3904 Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Typical Characteristics (continued)
Storage Time vs Collector Current
1
10
100
5
10
100
500
I
- COLLECTOR CURRENT (mA)
I
= I
=
B1
C
B2
I c
10
T
= 125°C
T
= 25°C
J
J
Fall Time vs Collector Current
1
10
100
5
10
100
500
I
- COLLECTOR CURRENT (mA)
I
= I
=
B1
C
B2
I c
10
V
= 40V
CC
T
= 125°C
T
= 25°C
J
J
Test Circuits
10 K
3.0 V
275
t
1
C
1
<<<<< 4.0 pF
Duty Cycle
===== 2%
Duty Cycle
===== 2%
<<<<< 1.0 ns
- 0.5 V
300 ns
10.6 V
10
<<<<< t
1 <
<<<< 500 µµµµµs
10.9 V
- 9.1 V
<<<<< 1.0 ns
0
0
10 K
3.0 V
275
C
1
<<<<< 4.0 pF
1N916
FIGURE 2: Storage and Fall Time Equivalent Test Circuit
FIGURE 1: Delay and Rise Time Equivalent Test Circuit
NPN Multi-Chip General Purpose Amplifier
(continued)


Similar Part No. - FMB3904

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FMB3904 FAIRCHILD-FMB3904 Datasheet
99Kb / 7P
   NPN Multi-Chip General Purpose Amplifier
More results

Similar Description - FMB3904

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
BCW33 FAIRCHILD-BCW33 Datasheet
85Kb / 5P
   NPN General Purpose Amplifier
BSR14 FAIRCHILD-BSR14 Datasheet
49Kb / 3P
   NPN General Purpose Amplifier
PN2484 FAIRCHILD-PN2484 Datasheet
39Kb / 2P
   NPN General Purpose Amplifier
PN3643 FAIRCHILD-PN3643 Datasheet
23Kb / 2P
   NPN General Purpose Amplifier
MPSW01 FAIRCHILD-MPSW01 Datasheet
140Kb / 5P
   NPN General Purpose Amplifier
logo
Unisonic Technologies
BC817 UTC-BC817 Datasheet
79Kb / 4P
   NPN GENERAL PURPOSE AMPLIFIER
logo
Fairchild Semiconductor
MPSA18 FAIRCHILD-MPSA18_01 Datasheet
296Kb / 7P
   NPN General Purpose Amplifier
2N3904 FAIRCHILD-2N3904 Datasheet
64Kb / 7P
   NPN General Purpose Amplifier
2N4124 FAIRCHILD-2N4124 Datasheet
93Kb / 2P
   NPN General Purpose Amplifier
2N4410 FAIRCHILD-2N4410 Datasheet
24Kb / 2P
   NPN General Purpose Amplifier
2N4953 FAIRCHILD-2N4953 Datasheet
24Kb / 2P
   NPN General Purpose Amplifier
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com