Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FFB3906 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # FFB3906
Description  PNP Multi-Chip General Purpose Amplifier
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FFB3906 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FFB3906 Datasheet HTML 1Page - Fairchild Semiconductor FFB3906 Datasheet HTML 2Page - Fairchild Semiconductor FFB3906 Datasheet HTML 3Page - Fairchild Semiconductor FFB3906 Datasheet HTML 4Page - Fairchild Semiconductor FFB3906 Datasheet HTML 5Page - Fairchild Semiconductor FFB3906 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Electrical Characteristics
T
A
= 25°C unless otherwise noted
Symbol
Parameter
Test Conditions
Min
Typ
Max Units
OFF CHARACTERISTICS
ON CHARACTERISTICS
SMALL SIGNAL CHARACTERISTICS
SWITCHING CHARACTERISTICS
*Pulse Test: Pulse Width ≤ 300 µs, Duty Cycle ≤ 2.0%
V(BR)CEO
Collector-Emitter Breakdown
Voltage*
IC = 1.0 mA, IB = 0
40
V
V(BR)CBO
Collector-Base Breakdown Voltage
IC = 10
µA, IE = 0
40
V
V(BR)EBO
Emitter-Base Breakdown Voltage
IE = 10
µA, IC = 0
5.0
V
IBL
Base Cutoff Current
VCE = 30 V, VBE = 3.0 V
50
nA
ICEX
Collector Cutoff Current
VCE = 30 V, VBE = 3.0 V
50
nA
hFE
DC Current Gain *
IC = 0.1 mA, VCE = 1.0 V
IC = 1.0 mA, VCE = 1.0 V
IC = 10 mA, VCE = 1.0 V
IC = 50 mA, VCE = 1.0 V
IC = 100 mA, VCE = 1.0 V
60
80
100
60
30
300
VCE(sat)
Collector-Emitter Saturation Voltage
IC = 10 mA, IB = 1.0 mA
IC = 50 mA, IB = 5.0 mA
0.25
0.4
V
V
VBE(sat)
Base-Emitter Saturation Voltage
IC = 10 mA, IB = 1.0 mA
IC = 50 mA, IB = 5.0 mA
0.65
0.85
0.95
V
V
fT
Current Gain - Bandwidth Product
IC = 10 mA, VCE = 20 V,
f = 100 MHz
450
MHz
Cobo
Output Capacitance
VCB = 5.0 V, IE = 0,
f = 100 kHz
3.0
pF
Cibo
Input Capacitance
VEB = 0.5 V, IC = 0,
f = 100 kHz
8.0
pF
NF
Noise Figure (except MMPQ3906)
IC = 100
µA, VCE = 5.0 V,
RS =1.0k
Ω, f=10 Hz to 15.7 kHz
2.5
dB
td
Delay Time
VCC = 3.0 V, VBE = 0.5 V,
15
ns
tr
Rise Time
IC = 10 mA, IB1 = 1.0 mA
20
ns
ts
Storage Time
VCC = 3.0 V, IC = 10mA
110
ns
tf
Fall Time
IB1 = IB2 = 1.0 mA
40
ns
PNP Multi-Chip General Purpose Amplifier
(continued)
Spice Model
PNP (Is=1.41f Xti=3 Eg=1.11 Vaf=18.7 Bf=180.7 Ne=1.5 Ise=0 Ikf=80m Xtb=1.5 Br=4.977 Nc=2 Isc=0 Ikr=0
Rc=2.5 Cjc=9.728p Mjc=.5776 Vjc=.75 Fc=.5 Cje=8.063p Mje=.3677 Vje=.75 Tr=33.42n Tf=179.3p Itf=.4 Vtf=4
Xtf=6 Rb=10)


Similar Part No. - FFB3906

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
FFB3906D FS-FFB3906D Datasheet
497Kb / 6P
   Dual General Purpose PNP Transistor
More results

Similar Description - FFB3906

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FMB200 FAIRCHILD-FMB200 Datasheet
50Kb / 4P
   PNP Multi-Chip General Purpose Amplifier
FFB2907A FAIRCHILD-FFB2907A Datasheet
62Kb / 5P
   PNP Multi-Chip General Purpose Amplifier
BC857S FAIRCHILD-BC857S Datasheet
51Kb / 5P
   PNP Multi-Chip General Purpose Amplifier
FFB2907A FAIRCHILD-FFB2907A_1 Datasheet
90Kb / 7P
   PNP Multi-Chip General Purpose Amplifier
FMBA56 FAIRCHILD-FMBA56 Datasheet
42Kb / 4P
   PNP Multi-Chip General Purpose Amplifier
FJYF2906 FAIRCHILD-FJYF2906 Datasheet
141Kb / 5P
   PNP Multi-Chip General Purpose Amplifier
FMB100 FAIRCHILD-FMB100 Datasheet
44Kb / 3P
   NPN Multi-Chip General Purpose Amplifier
logo
ON Semiconductor
FMBA06 ONSEMI-FMBA06 Datasheet
161Kb / 7P
   NPN Multi-Chip General Purpose Amplifier
1998
logo
Fairchild Semiconductor
BC847BS FAIRCHILD-BC847BS Datasheet
199Kb / 3P
   NPN Multi-chip General Purpose Amplifier
FFB2222A FAIRCHILD-FFB2222A_1 Datasheet
88Kb / 7P
   NPN Multi-Chip General Purpose Amplifier
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com