Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCC28250PWR Datasheet(PDF) 40 Page - Texas Instruments

Click here to check the latest version.
Part # UCC28250PWR
Description  Advanced PWM Controller With Pre-Bias Operation
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC28250PWR Datasheet(HTML) 40 Page - Texas Instruments

Back Button UCC28250PWR Datasheet HTML 36Page - Texas Instruments UCC28250PWR Datasheet HTML 37Page - Texas Instruments UCC28250PWR Datasheet HTML 38Page - Texas Instruments UCC28250PWR Datasheet HTML 39Page - Texas Instruments UCC28250PWR Datasheet HTML 40Page - Texas Instruments UCC28250PWR Datasheet HTML 41Page - Texas Instruments UCC28250PWR Datasheet HTML 42Page - Texas Instruments UCC28250PWR Datasheet HTML 43Page - Texas Instruments UCC28250PWR Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 53 page
background image
UCC28250
SLUSA29C
– APRIL 2010 – REVISED JULY 2011
www.ti.com
Design Steps
Step 1, Power Stage Design
The power stage design in this example is standard and the same as that for symmetrical half bridge converter of
voltage mode control. From the standard design, these components are determined. This includes Q1 through
Q4, C1, C2, CT1, D1 and D2, D3, T1, T2 and T3, and U6. Their design is standard. Also, design associated to
current sensing and protection is also standard. This includes CT1, D1, D2, R5 and C5.
Step 2, Feedback Loop Design
D3 (TLV431) with U6, R6, R9, R10, R12, R13, C11 and C12 are composed of standard type 3 feedback loop
compensation network and output voltage set point. Their design is also standard.
Table 1. Specifications for the Design Example
PARAMETER
MIN
TYP
MAX
UNITS
VIN
Input voltage
36
48
72
VDC
VOUT
Output voltage
3.3
POUT
Outpu power
75
W
IOUT
Output load current
23
A
COUT
Load capacitance
5000
µF
fSW
Switching frequency
150
kHz
PLIMIT
Over-power limit
150%
η
Efficiancy at full load
90%
Isolation
1500
V
40
Submit Documentation Feedback
Copyright
© 2010–2011, Texas Instruments Incorporated
Product Folder Link(s): UCC28250


Similar Part No. - UCC28250PWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28250PWR TI-UCC28250PWR Datasheet
758Kb / 48P
[Old version datasheet]   Advanced PWM Controller With Pre-Bias Operation
UCC28250PWR TI-UCC28250PWR Datasheet
761Kb / 50P
[Old version datasheet]   Advanced PWM Controller With Pre-Bias Operation
More results

Similar Description - UCC28250PWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28250 TI-UCC28250_15 Datasheet
997Kb / 54P
[Old version datasheet]   Advanced PWM Controller With Pre-Bias Operation
UCC28251 TI1-UCC28251 Datasheet
902Kb / 54P
[Old version datasheet]   Advanced PWM Controller With Pre-Bias Operation
UCC28250 TI-UCC28250_10 Datasheet
758Kb / 48P
[Old version datasheet]   Advanced PWM Controller With Pre-Bias Operation
UCC28250 TI-UCC28250 Datasheet
761Kb / 50P
[Old version datasheet]   Advanced PWM Controller With Pre-Bias Operation
UCC28251 TI1-UCC28251_16 Datasheet
1Mb / 55P
[Old version datasheet]   Advanced PWM Controller With Prebias Operation
UCC28251 TI-UCC28251_15 Datasheet
1Mb / 55P
[Old version datasheet]   UCC28251 Advanced PWM Controller With Prebias Operation
logo
Microsemi Corporation
LX1660 MICROSEMI-LX1660 Datasheet
323Kb / 15P
   ADVANCED PWM CONTROLLER
logo
International Rectifier
IR3621 IRF-IR3621 Datasheet
375Kb / 29P
   2-PHASE / DUAL SYNCHRONOUS PWM CONTROLLER WITH OSCILLATOR SYNCHRONIZATION AND PRE-BIAS STARTUP
logo
Anpec Electronics Corop...
APW7016 ANPEC-APW7016 Datasheet
114Kb / 11P
   Advanced PWM Power Controller
logo
Texas Instruments
UC1638 TI1-UC1638_13 Datasheet
4Mb / 16P
[Old version datasheet]   Advanced PWM Motor Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com