Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCC28250RGPR Datasheet(PDF) 31 Page - Texas Instruments

Click here to check the latest version.
Part # UCC28250RGPR
Description  Advanced PWM Controller With Pre-Bias Operation
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC28250RGPR Datasheet(HTML) 31 Page - Texas Instruments

Back Button UCC28250RGPR Datasheet HTML 27Page - Texas Instruments UCC28250RGPR Datasheet HTML 28Page - Texas Instruments UCC28250RGPR Datasheet HTML 29Page - Texas Instruments UCC28250RGPR Datasheet HTML 30Page - Texas Instruments UCC28250RGPR Datasheet HTML 31Page - Texas Instruments UCC28250RGPR Datasheet HTML 32Page - Texas Instruments UCC28250RGPR Datasheet HTML 33Page - Texas Instruments UCC28250RGPR Datasheet HTML 34Page - Texas Instruments UCC28250RGPR Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 53 page
background image
UCC28250
www.ti.com
SLUSA29C
– APRIL 2010 – REVISED JULY 2011
APPLICATION INFORMATION
The UCC28250 is a high performance PWM controller with advanced synchronous rectifier outputs and is ideally
suited for regulated half-bridge, full-bridge and push-pull converters. A dedicated internal pre-biased start up
control loop working in conjunction with a primary-side voltage loop achieves monotonic pre-biased start up for
either primary-side or secondary-side control applications. The UCC28250 architecture allows either voltage
mode or current mode control.
Input voltage feedforward can be implemented, allowing PWM ramp generator to improve the converter line
transient response. Advanced cycle-by-cycle current limit achieves volt-second balancing even during fault
conditions. The hiccup timer helps the system to stay within a safe operation range under over load conditions.
With a multifunction OVP/OTP pin, combinations of input voltage protection, output voltage protection and over
temperature protection can be implemented. The UCC28250 allows individual programming of dead time
between primary-side switch and secondary-side SRs, in order to allow optimal power stage design. Dead time
can also be reduced to zero, and this allows optimal system configuration considering the delays on the gate
driver stage. The UCC28250 also provides complete system level protection functions, including UVLO, thermal
shut down and over voltage, over current protection.
Error Amplifier and PWM Generation
The UCC28250 includes a high performance internal error amplifier with low input offset, high source/sink current
capability and high gain bandwidth (typical 3.5 MHz). The reference of the error amplifier (REF/EA+ pin) is set
externally to support flexible trimming of the voltage loop, and to make the controller flexible for both primary
side, as well as secondary-side control. The extra positive input for the error amplifier is the SS pin which is used
to externally program the soft-start time of the converter
’s output.
During steady state operation, the primary switch duty cycle, D, is generated based on the external ramp on
RAMP/CS pin and the COMP pin voltage. A higher COMP pin voltage results in a larger duty cycle. The
secondary-side SR duty cycle is SR_D = (1-D), complementary to the primary-side duty cycle, without
considering the dead time between primary-side switch and secondary-side SR. The primary outputs begin to
switch when COMP pin voltage is above the 350 mV internal offset. The synchronous rectifier outputs only switch
after COMP pin voltage is above 550 mV internal offset. According to the internal logic, the minimum pulse width
for the primary-side OUTA and OUTB is typically 100 ns.
During soft start, the primary-side switch duty cycle is generated based on the external ramp on RAMP/CS pin
and the COMP pin voltage. However, the duty cycle of secondary-side SR is generated based on an internal
ramp and the COMP pin voltage. When the converter is controlled on the primary side, an internal ramp is a
fixed ramp with 3-V peak voltage. When the converter is controlled on secondary side, an internal ramp is
generated based on the internal pre-biased start-up loop. An internal pre-biased start-up loop modifies the SR
duty cycle during soft start to achieve the optimal pre-biased start-up performance.
After the SS pin reaches 2.9 V, the pre-biased start-up control loop is disabled. The secondary-side SR
instantaneously changes into its steady state value as complementary to the primary-side duty cycle.
Copyright
© 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
31
Product Folder Link(s): UCC28250


Similar Part No. - UCC28250RGPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28250RGPR TI-UCC28250RGPR Datasheet
758Kb / 48P
[Old version datasheet]   Advanced PWM Controller With Pre-Bias Operation
UCC28250RGPR TI-UCC28250RGPR Datasheet
761Kb / 50P
[Old version datasheet]   Advanced PWM Controller With Pre-Bias Operation
More results

Similar Description - UCC28250RGPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28250 TI-UCC28250_15 Datasheet
997Kb / 54P
[Old version datasheet]   Advanced PWM Controller With Pre-Bias Operation
UCC28251 TI1-UCC28251 Datasheet
902Kb / 54P
[Old version datasheet]   Advanced PWM Controller With Pre-Bias Operation
UCC28250 TI-UCC28250_10 Datasheet
758Kb / 48P
[Old version datasheet]   Advanced PWM Controller With Pre-Bias Operation
UCC28250 TI-UCC28250 Datasheet
761Kb / 50P
[Old version datasheet]   Advanced PWM Controller With Pre-Bias Operation
UCC28251 TI1-UCC28251_16 Datasheet
1Mb / 55P
[Old version datasheet]   Advanced PWM Controller With Prebias Operation
UCC28251 TI-UCC28251_15 Datasheet
1Mb / 55P
[Old version datasheet]   UCC28251 Advanced PWM Controller With Prebias Operation
logo
Microsemi Corporation
LX1660 MICROSEMI-LX1660 Datasheet
323Kb / 15P
   ADVANCED PWM CONTROLLER
logo
International Rectifier
IR3621 IRF-IR3621 Datasheet
375Kb / 29P
   2-PHASE / DUAL SYNCHRONOUS PWM CONTROLLER WITH OSCILLATOR SYNCHRONIZATION AND PRE-BIAS STARTUP
logo
Anpec Electronics Corop...
APW7016 ANPEC-APW7016 Datasheet
114Kb / 11P
   Advanced PWM Power Controller
logo
Texas Instruments
UC1638 TI1-UC1638_13 Datasheet
4Mb / 16P
[Old version datasheet]   Advanced PWM Motor Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com