Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCC28250RGPT Datasheet(PDF) 25 Page - Texas Instruments

Click here to check the latest version.
Part # UCC28250RGPT
Description  Advanced PWM Controller With Pre-Bias Operation
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC28250RGPT Datasheet(HTML) 25 Page - Texas Instruments

Back Button UCC28250RGPT Datasheet HTML 21Page - Texas Instruments UCC28250RGPT Datasheet HTML 22Page - Texas Instruments UCC28250RGPT Datasheet HTML 23Page - Texas Instruments UCC28250RGPT Datasheet HTML 24Page - Texas Instruments UCC28250RGPT Datasheet HTML 25Page - Texas Instruments UCC28250RGPT Datasheet HTML 26Page - Texas Instruments UCC28250RGPT Datasheet HTML 27Page - Texas Instruments UCC28250RGPT Datasheet HTML 28Page - Texas Instruments UCC28250RGPT Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 53 page
background image
VREF
OVP
UCC28250
+
0.7 V
11 mA
R3
R1
PTC
4
NTC1
0.7 V
R
R
3.3 V
0.7 V
=
´
-
VREF
OVP
UCC28250
+
0.7 V
11 mA
R3
R1
R2
VIN or VOUT
NTC
R4
UCC28250
www.ti.com
SLUSA29C
– APRIL 2010 – REVISED JULY 2011
Figure 18. Over Temperature Protection
Figure 19 shows an external configuration using the OVP/OTP pin to achieve both over-voltage and over
temperature protection. Follow the same design procedure for the OVP setting to choose R1, R2, and R3. Choose
an NTC value at protection temperature much smaller than R1 and with the resistance at protection temperature
as RNTC1, and recover temperature as RNTC2. The R4 value can be calculated as:
(22)
Because of the interaction between the two voltage dividers, over temperature protection thresholds move
slightly with the different input voltages.
Figure 19. Over Voltage and Over Temperature Protection With Single OVP Pin
OUTA (9/16) and OUTB (8/15)
OUTA and OUTB are the primary-side switch control signals. With the 0.2-A peak current capability, an external
gate driver is required.
SRA (7/14) and SRB (6/13)
SRA and SRB are the synchronous rectifier control signals. With the 0.2A peak current capability, an external
gate driver is required.
GND (4/11)
GND pin is the ground reference for the whole device. Tie all the signal returns to this pin.
Copyright
© 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
25
Product Folder Link(s): UCC28250


Similar Part No. - UCC28250RGPT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28250RGPT TI-UCC28250RGPT Datasheet
758Kb / 48P
[Old version datasheet]   Advanced PWM Controller With Pre-Bias Operation
UCC28250RGPT TI-UCC28250RGPT Datasheet
761Kb / 50P
[Old version datasheet]   Advanced PWM Controller With Pre-Bias Operation
More results

Similar Description - UCC28250RGPT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28250 TI-UCC28250_15 Datasheet
997Kb / 54P
[Old version datasheet]   Advanced PWM Controller With Pre-Bias Operation
UCC28251 TI1-UCC28251 Datasheet
902Kb / 54P
[Old version datasheet]   Advanced PWM Controller With Pre-Bias Operation
UCC28250 TI-UCC28250_10 Datasheet
758Kb / 48P
[Old version datasheet]   Advanced PWM Controller With Pre-Bias Operation
UCC28250 TI-UCC28250 Datasheet
761Kb / 50P
[Old version datasheet]   Advanced PWM Controller With Pre-Bias Operation
UCC28251 TI1-UCC28251_16 Datasheet
1Mb / 55P
[Old version datasheet]   Advanced PWM Controller With Prebias Operation
UCC28251 TI-UCC28251_15 Datasheet
1Mb / 55P
[Old version datasheet]   UCC28251 Advanced PWM Controller With Prebias Operation
logo
Microsemi Corporation
LX1660 MICROSEMI-LX1660 Datasheet
323Kb / 15P
   ADVANCED PWM CONTROLLER
logo
International Rectifier
IR3621 IRF-IR3621 Datasheet
375Kb / 29P
   2-PHASE / DUAL SYNCHRONOUS PWM CONTROLLER WITH OSCILLATOR SYNCHRONIZATION AND PRE-BIAS STARTUP
logo
Anpec Electronics Corop...
APW7016 ANPEC-APW7016 Datasheet
114Kb / 11P
   Advanced PWM Power Controller
logo
Texas Instruments
UC1638 TI1-UC1638_13 Datasheet
4Mb / 16P
[Old version datasheet]   Advanced PWM Motor Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com