Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCC28250RGPT Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # UCC28250RGPT
Description  Advanced PWM Controller With Pre-Bias Operation
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC28250RGPT Datasheet(HTML) 24 Page - Texas Instruments

Back Button UCC28250RGPT Datasheet HTML 20Page - Texas Instruments UCC28250RGPT Datasheet HTML 21Page - Texas Instruments UCC28250RGPT Datasheet HTML 22Page - Texas Instruments UCC28250RGPT Datasheet HTML 23Page - Texas Instruments UCC28250RGPT Datasheet HTML 24Page - Texas Instruments UCC28250RGPT Datasheet HTML 25Page - Texas Instruments UCC28250RGPT Datasheet HTML 26Page - Texas Instruments UCC28250RGPT Datasheet HTML 27Page - Texas Instruments UCC28250RGPT Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 53 page
background image
(
)
(
)
R
F
2
R
0.7 V
V
V
R
11 A
V
0.7 V
´
-
<
m ´
-
R
1
2
V
0.7 V
R
R
0.7 V
-
=
´
(
)
(
)
R
F
2
R
3
R
0.7 V
V
V
11 A R
V
0.7 V
R
11 A V
´
-
-
m ´
´
-
=
m ´
(
)
PTC1
PTC2
PTC1
PTC2
0.7 V
R
R
11 A R
R
0
´
-
-
m ´
´
³
1
PTC1
R
3.7
R
=
´
(
)
(
)
PTC1
PTC2
PTC1
PTC2
3
PTC1
PTC2
2.6 V
0.7 V
R
R
11 A R
R
R
11 A
2.6 V R
0.7 V R
é
ù
´
´
-
-
m ´
´
ë
û
=
m ´
´
+
´
VREF
OVP
UCC28250
+
0.7 V
11 mA
R3
R1
R2
VIN or VOUT
UCC28250
SLUSA29C
– APRIL 2010 – REVISED JULY 2011
www.ti.com
OVP/OTP (19/6)
The OVP/OTP pin provides multiple fault protection functions. If the voltage on the OVP/OTP pin exceeds 0.7 V,
a fault shutdown occurs. All outputs stop switching and stay off (low) during the shutdown, and the SS pin is
pulled to ground internally. Once the fault condition is cleared (i.e. OVP/OTP voltage drops below 0.7 V), the
UCC28250 enters hiccup mode. A soft-start cycle begins after the hiccup cycle is finished. An internal 11-
µA
switched current source is used to create hysteresis.
If the external resistor divider runs from line voltage VIN, a line over voltage protection is implemented.
If the external resistor divider runs from the output voltage, output over voltage fault protection is achieved.
Figure 17 shows the over-voltage protection external configuration at the OVP/OTP pin.
According to the protection threshold VR and recovery threshold VF, choose an arbitrary R2 value. To ensure a
realistic solution, R2 needs to meet the following:
(16)
The other two resistors, R1 and R3 can be calculated.
(17)
(18)
If the external resistor divider runs from 3.3-V VREF, and replaces R2 with a positive temperature coefficient
(PTC) thermistor, an over temperature fault protection with programmable hysteresis is accomplished
(Figure 18). Choose an arbitrary PTC value, which has a resistance as RPTC1 at protection temperature and
resistance as RPTC2 at recovery temperature. Because of its positive temperature coefficient, RPTC1 is larger than
RPTC2. To ensure an available solution, RPTC1 and RPTC2 need to meet the criteria.
(19)
And resistors R1 and R3 can be calculated as:
(20)
(21)
Figure 17. Over Voltage Protection
24
Submit Documentation Feedback
Copyright
© 2010–2011, Texas Instruments Incorporated
Product Folder Link(s): UCC28250


Similar Part No. - UCC28250RGPT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28250RGPT TI-UCC28250RGPT Datasheet
758Kb / 48P
[Old version datasheet]   Advanced PWM Controller With Pre-Bias Operation
UCC28250RGPT TI-UCC28250RGPT Datasheet
761Kb / 50P
[Old version datasheet]   Advanced PWM Controller With Pre-Bias Operation
More results

Similar Description - UCC28250RGPT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28250 TI-UCC28250_15 Datasheet
997Kb / 54P
[Old version datasheet]   Advanced PWM Controller With Pre-Bias Operation
UCC28251 TI1-UCC28251 Datasheet
902Kb / 54P
[Old version datasheet]   Advanced PWM Controller With Pre-Bias Operation
UCC28250 TI-UCC28250_10 Datasheet
758Kb / 48P
[Old version datasheet]   Advanced PWM Controller With Pre-Bias Operation
UCC28250 TI-UCC28250 Datasheet
761Kb / 50P
[Old version datasheet]   Advanced PWM Controller With Pre-Bias Operation
UCC28251 TI1-UCC28251_16 Datasheet
1Mb / 55P
[Old version datasheet]   Advanced PWM Controller With Prebias Operation
UCC28251 TI-UCC28251_15 Datasheet
1Mb / 55P
[Old version datasheet]   UCC28251 Advanced PWM Controller With Prebias Operation
logo
Microsemi Corporation
LX1660 MICROSEMI-LX1660 Datasheet
323Kb / 15P
   ADVANCED PWM CONTROLLER
logo
International Rectifier
IR3621 IRF-IR3621 Datasheet
375Kb / 29P
   2-PHASE / DUAL SYNCHRONOUS PWM CONTROLLER WITH OSCILLATOR SYNCHRONIZATION AND PRE-BIAS STARTUP
logo
Anpec Electronics Corop...
APW7016 ANPEC-APW7016 Datasheet
114Kb / 11P
   Advanced PWM Power Controller
logo
Texas Instruments
UC1638 TI1-UC1638_13 Datasheet
4Mb / 16P
[Old version datasheet]   Advanced PWM Motor Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com