Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCC28250 Datasheet(PDF) 19 Page - Texas Instruments

Part # UCC28250
Description  Advanced PWM Controller With Pre-Bias Operation
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC28250 Datasheet(HTML) 19 Page - Texas Instruments

Back Button UCC28250_12 Datasheet HTML 15Page - Texas Instruments UCC28250_12 Datasheet HTML 16Page - Texas Instruments UCC28250_12 Datasheet HTML 17Page - Texas Instruments UCC28250_12 Datasheet HTML 18Page - Texas Instruments UCC28250_12 Datasheet HTML 19Page - Texas Instruments UCC28250_12 Datasheet HTML 20Page - Texas Instruments UCC28250_12 Datasheet HTML 21Page - Texas Instruments UCC28250_12 Datasheet HTML 22Page - Texas Instruments UCC28250_12 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 53 page
background image
O
O2
O1
REF / EA
V
R
1
R
V
+
æ
ö
=
-
´
ç
÷
è
ø
UCC28250
www.ti.com
SLUSA29C
– APRIL 2010 – REVISED JULY 2011
FB/EA- (2/9)
FB/EA- is the inverting input of the UCC28250
’s internal error amplifier.
When the UCC28250 is configured for secondary-side control, connect the output voltage sensing divider to this
pin. The voltage divider can be selected according to the voltage on REF/EA+ pin. Referring to Figure 13, pick
the lower resistor RO1 value arbitrarily, and choose the upper resistor RO2 value as:
(8)
Because the control loop gain is affected by voltage divider resistor values, choose an appropriate RO1 value so
that the voltage loop DC gain is larger than 40 dB to prevent interference between the primary-side control loop
and the SR control loop during start up.
When the UCC28250 is sitting on the primary side, the error amplifier is connected as a voltage follower.
Connect FB/EA- directly with COMP pin.
The maximum voltage allowed on FB/EA- pin is 3.7 V.
COMP (3/10)
The COMP pin is the internal error amplifier
’s output. The voltage range of COMP pin is 0 V to 3 V. Both the
primary-side switches
’ duty cycle and secondary-side SRs’ duty cycle is controlled by the COMP pin voltage. At
steady state, a higher COMP pin voltage results in a larger duty cycle for the primary-side switches and a smaller
duty cycle on the SRs.
When the UCC28250 controller is set up for secondary-side control, connect the compensation network from the
FB/EA- pin to the COMP pin.
For primary-side control, the error amplifier is connected as a voltage follower. Directly connect the COMP pin to
the FB/EA- pin.
VSENSE (14/1)
The VSENSE pin is used to directly sense the output voltage and to feed it into a transconductance error
amplifier. The measured voltage allows the UCC28250 to achieve optimal pre-biased start up performance.
When configured as a secondary-side controller, the output voltage is sensed and fed into the FB/EA- pin. The
UCC28250 uses a conventional error amplifier approach to allow type III compensation. Therefore, the FB/EA-
pin voltage always follows the REF/EA+ voltage. The FB/EA- pin does not reflect the true output voltage and
therefore this dedicated VSENSE pin is required. The voltage divider connected to VSENSE is discussed in the
Pre-Biased Start-Up Section.
When UCC28250 is set up as primary-side control, connect VSENSE pin to VREF.
Copyright
© 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Link(s): UCC28250


Similar Part No. - UCC28250_12

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28250 TI-UCC28250_10 Datasheet
758Kb / 48P
[Old version datasheet]   Advanced PWM Controller With Pre-Bias Operation
UCC28250 TI-UCC28250_15 Datasheet
997Kb / 54P
[Old version datasheet]   Advanced PWM Controller With Pre-Bias Operation
More results

Similar Description - UCC28250_12

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28250 TI-UCC28250_15 Datasheet
997Kb / 54P
[Old version datasheet]   Advanced PWM Controller With Pre-Bias Operation
UCC28251 TI1-UCC28251 Datasheet
902Kb / 54P
[Old version datasheet]   Advanced PWM Controller With Pre-Bias Operation
UCC28250 TI-UCC28250_10 Datasheet
758Kb / 48P
[Old version datasheet]   Advanced PWM Controller With Pre-Bias Operation
UCC28250 TI-UCC28250 Datasheet
761Kb / 50P
[Old version datasheet]   Advanced PWM Controller With Pre-Bias Operation
UCC28251 TI1-UCC28251_16 Datasheet
1Mb / 55P
[Old version datasheet]   Advanced PWM Controller With Prebias Operation
UCC28251 TI-UCC28251_15 Datasheet
1Mb / 55P
[Old version datasheet]   UCC28251 Advanced PWM Controller With Prebias Operation
logo
Microsemi Corporation
LX1660 MICROSEMI-LX1660 Datasheet
323Kb / 15P
   ADVANCED PWM CONTROLLER
logo
International Rectifier
IR3621 IRF-IR3621 Datasheet
375Kb / 29P
   2-PHASE / DUAL SYNCHRONOUS PWM CONTROLLER WITH OSCILLATOR SYNCHRONIZATION AND PRE-BIAS STARTUP
logo
Anpec Electronics Corop...
APW7016 ANPEC-APW7016 Datasheet
114Kb / 11P
   Advanced PWM Power Controller
logo
Texas Instruments
UC1638 TI1-UC1638_13 Datasheet
4Mb / 16P
[Old version datasheet]   Advanced PWM Motor Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com