Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE44527 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE44527
Description  N Male Right Angle Connector Crimp/Solder Attachment For PE-C600, 0.600 inch
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44527 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE44527 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44527 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
© 2013 Pasternack Enterprises All Rights Reserved
2
PE44527 REV
N Male Right Angle Connector Crimp/Solder Attachment For PE-C600, 0.600 inch
PE44527 CAD Drawing


Similar Part No. - PE44527

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4452 PASTERNACK-PE4452 Datasheet
206Kb / 2P
   TNC Male Right Angle Connector Clamp - Solder Attachment For RG59, RG62
PE44520 PASTERNACK-PE44520 Datasheet
361Kb / 3P
   N Male Connector Crimp-Crimp Attachment for PE-C195, .195 inch
PE44521 PASTERNACK-PE44521 Datasheet
264Kb / 2P
   N Male Connector Crimp-Solder Attachment For PE-C240, 0.240 inch
PE44522 PASTERNACK-PE44522 Datasheet
256Kb / 2P
   N Male Connector Crimp-Solder Attachment For PE-C400, 0.400 inch, PE-B400, PE-B405, LMR-400
PE44523 PASTERNACK-PE44523 Datasheet
246Kb / 2P
   N Male Connector Crimp/Solder Attachment For PE-C600, 0.600 inch
More results

Similar Description - PE44527

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44523 PASTERNACK-PE44523 Datasheet
246Kb / 2P
   N Male Connector Crimp/Solder Attachment For PE-C600, 0.600 inch
PE44454 PASTERNACK-PE44454 Datasheet
250Kb / 2P
   N Male Connector Crimp/Solder Attachment For PE-C600
PE44543 PASTERNACK-PE44543 Datasheet
215Kb / 3P
   7/16 DIN Male Right Angle Connector Crimp/ Solder Attachment For PE-C600, 0.600 inch
PE44535 PASTERNACK-PE44535 Datasheet
256Kb / 2P
   N Female Connector Crimp/Solder Attachment For PE-C600, 0.600 inch
PE44349 PASTERNACK-PE44349 Datasheet
236Kb / 3P
   N Male Connector Clamp/Solder Attachment For PE-C600
PE44524 PASTERNACK-PE44524 Datasheet
265Kb / 2P
   N Male Right Angle Connector Crimp/Solder Attachment For PE-C195, 0.195 inch
PE44525 PASTERNACK-PE44525 Datasheet
217Kb / 2P
   N Male Right Angle Connector Crimp/Solder Attachment For PE-C240, 0.240 inch
PE44547 PASTERNACK-PE44547 Datasheet
283Kb / 2P
   7/16 DIN Female Connector Crimp/Solder Attachment For PE-C600, 0.600 inch
PE44521 PASTERNACK-PE44521 Datasheet
264Kb / 2P
   N Male Connector Crimp-Solder Attachment For PE-C240, 0.240 inch
PE44641 PASTERNACK-PE44641 Datasheet
294Kb / 2P
   BNC Male Right Angle Connector Crimp-Solder Attachment For RG8X, PE-C240, 0.240 inch
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com