Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DAC8420 Datasheet(PDF) 6 Page - Analog Devices

Part # DAC8420
Description  Quad 12-Bit Serial Voltage Output DAC
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

DAC8420 Datasheet(HTML) 6 Page - Analog Devices

Back Button DAC8420_07 Datasheet HTML 2Page - Analog Devices DAC8420_07 Datasheet HTML 3Page - Analog Devices DAC8420_07 Datasheet HTML 4Page - Analog Devices DAC8420_07 Datasheet HTML 5Page - Analog Devices DAC8420_07 Datasheet HTML 6Page - Analog Devices DAC8420_07 Datasheet HTML 7Page - Analog Devices DAC8420_07 Datasheet HTML 8Page - Analog Devices DAC8420_07 Datasheet HTML 9Page - Analog Devices DAC8420_07 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
DAC8420
Rev. B | Page 6 of 24
ABSOLUTE MAXIMUM RATINGS
TA = 25°C, unless otherwise noted.
Table 3.
Parameter
Rating
VDD to GND
−0.3 V, +18.0 V
VSS to GND
+0.3 V, −18.0 V
VSS to VDD
−0.3 V, +36.0 V
VSS to VVREFLO
−0.3 V, VSS − 2.0 V
VVREFHI to VVREFLO
+2.0 V, VDD − VSS
VVREFHI to VDD
+2.0 V, +33.0 V
IVREFHI, IVREFLO
10 mA
Digital Input Voltage to GND
−0.3 V, VDD + 0.3 V
Output Short-Circuit Duration
Indefinite
Operating Temperature Range
EP, FP, ES, FS, EQ, FQ
–40°C to +85°C
Dice Junction Temperature
150°C
Storage Temperature Range
–65°C to +150°C
Power Dissipation
1000 mW
Lead Temperature
JEDEC Industry Standard
Soldering
J-STD-020
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
THERMAL RESISTANCE
Table 4.
Package Type
θJA
θJC
Unit
16-Lead PDIP (N)
701
27
°C/W
16-Lead CERDIP (Q)
821
9
°C/W
16-Lead SOIC (RW)
862
22
°C/W
1 θJA is specified for worst case mounting conditions, that is, θJA is specified for
device in socket.
2 θJA is specified for device on board.
ESD CAUTION


Similar Part No. - DAC8420_07

ManufacturerPart #DatasheetDescription
logo
Analog Devices
DAC8420EP AD-DAC8420EP Datasheet
587Kb / 16P
   Quad 12-Bit Serial Voltage Output DAC
REV. 0
DAC8420EPZ AD-DAC8420EPZ Datasheet
511Kb / 23P
   Quad 12-Bit Serial Voltage Output DAC
DAC8420EQ AD-DAC8420EQ Datasheet
587Kb / 16P
   Quad 12-Bit Serial Voltage Output DAC
REV. 0
DAC8420ES AD-DAC8420ES Datasheet
587Kb / 16P
   Quad 12-Bit Serial Voltage Output DAC
REV. 0
DAC8420ES AD-DAC8420ES Datasheet
511Kb / 23P
   Quad 12-Bit Serial Voltage Output DAC
More results

Similar Description - DAC8420_07

ManufacturerPart #DatasheetDescription
logo
Analog Devices
DAC8420 AD-DAC8420 Datasheet
587Kb / 16P
   Quad 12-Bit Serial Voltage Output DAC
REV. 0
DAC8420 AD-DAC8420_16 Datasheet
511Kb / 23P
   Quad 12-Bit Serial Voltage Output DAC
logo
Wolfson Microelectronic...
WM2614 WOLFSON-WM2614 Datasheet
155Kb / 10P
   Quad 12-bit Serial Input Voltage Output DAC
logo
Maxim Integrated Produc...
MAX5253 MAXIM-MAX5253 Datasheet
135Kb / 16P
   3V, Quad, 12-Bit Voltage-Output DAC with Serial Interface
Rev 0; 9/96
logo
Analog Devices
AD5726 AD-AD5726 Datasheet
523Kb / 20P
   Quad 12-Bit Serial Input Unipolar/Bipolar Voltage Output DAC
REV. 0
logo
Maxim Integrated Produc...
MAX5253 MAXIM-MAX5253_V01 Datasheet
695Kb / 16P
   3V, Quad, 12-Bit Voltage-Output DAC with Serial Interface
2002
logo
Wolfson Microelectronic...
WM2616 WOLFSON-WM2616 Datasheet
132Kb / 9P
   12-bit Serial Input Voltage Output DAC
logo
Maxim Integrated Produc...
MAX5312 MAXIM-MAX5312 Datasheet
1Mb / 19P
   -10V, 12-Bit, Serial, Voltage-Output DAC
Rev 0; 12/03
MAX5742 MAXIM-MAX5742 Datasheet
676Kb / 15P
   12-Bit, Low-Power, Quad, Voltage-Output DAC with Serial Interface
Rev 2; 7/03
MAX5842 MAXIM-MAX5842 Datasheet
462Kb / 15P
   Quad, 12-Bit, Low-Power, 2-Wire, Serial Voltage-Output DAC
Rev 0; 1/02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com