Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCC27523DGN Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # UCC27523DGN
Description  Dual 5-A High-Speed Low-Side Gate Driver
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC27523DGN Datasheet(HTML) 1 Page - Texas Instruments

  UCC27523DGN Datasheet HTML 1Page - Texas Instruments UCC27523DGN Datasheet HTML 2Page - Texas Instruments UCC27523DGN Datasheet HTML 3Page - Texas Instruments UCC27523DGN Datasheet HTML 4Page - Texas Instruments UCC27523DGN Datasheet HTML 5Page - Texas Instruments UCC27523DGN Datasheet HTML 6Page - Texas Instruments UCC27523DGN Datasheet HTML 7Page - Texas Instruments UCC27523DGN Datasheet HTML 8Page - Texas Instruments UCC27523DGN Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 41 page
background image
1
2
3
4
ENA
INA
GND
INB
8
7
6
5
ENB
OUTA
VDD
OUTB
UCC27523
Dual Inverting Inputs
1
2
3
4
ENA
INA
GND
INB
8
7
6
5
ENB
OUTA
VDD
OUTB
UCC27524
Dual Non-Inverting Inputs
1
2
3
4
ENA
INA
GND
INB
8
7
6
5
ENB
OUTA
VDD
OUTB
UCC27525
One Inverting and One
Non-Inverting Input
1
2
3
4
INA-
INB-
GND
OUTB
8
7
6
5
INA+
INB+
OUTA
VDD
UCC27526
Dual Input Configuration
UCC27523, UCC27524, UCC27525, UCC27526
www.ti.com
SLUSAQ3F – NOVEMBER 2011 – REVISED MAY 2013
Dual 5-A High-Speed Low-Side Gate Driver
Check for Samples: UCC27523, UCC27524, UCC27525, UCC27526
1
FEATURES
APPLICATIONS
2
Industry-Standard Pin Out
Switch-Mode Power Supplies
Two Independent Gate-Drive Channels
DC-to-DC Converters
5-A Peak Source and Sink-Drive Current
Motor Control, Solar Power
Independent-Enable Function for Each Output
Gate Drive for Emerging Wide Band-Gap
Power Devices such as GaN
TTL and CMOS Compatible Logic Threshold
Independent of Supply Voltage
DESCRIPTION
Hysteretic-Logic Thresholds for High Noise
The UCC2752x family of devices are dual-channel
Immunity
high-speed low-side gate-driver devices capable of
Inputs and Enable Pin-Voltage Levels Not
effectively
driving
MOSFET
and
IGBT
power
Restricted by VDD Pin Bias Supply Voltage
switches. Using a design that inherently minimizes
shoot-through current, UCC2752x is capable of
4.5 to 18-V Single-Supply Range
delivering high-peak current pulses of up to 5-A
Outputs Held Low During VDD-UVLO, (ensures
source and 5-A sink into capacitive loads along with
glitch-free operation at power-up and power-
rail-to-rail
drive
capability
and
extremely
small
down)
propagation delay typically 13 ns. In addition, the
Fast Propagation Delays (13-ns typical)
drivers feature matched internal propagation delays
between the two channels which are very well suited
Fast Rise and Fall Times (7-ns and 6-ns
for applications requiring dual-gate drives with critical
typical)
timing, such as synchronous rectifiers. This also
1-ns Typical Delay Matching Between 2-
enables connecting two channels in parallel to
Channels
effectively increase current-drive capability or driving
Two Outputs are Paralleled for Higher Drive
two switches in parallel with a single input signal. The
input pin thresholds are based on TTL and CMOS
Current
compatible low-voltage logic, which is fixed and
Outputs Held in LOW When Inputs Floating
independent of the VDD supply voltage. Wide
PDIP-8, SOIC-8, MSOP-8 PowerPAD™ and 3-
hysteresis between the high and low thresholds offers
mm × 3-mm WSON-8 Package Options
excellent noise immunity.
Operating Temperature Range of –40°C to
+140°C
PRODUCT MATRIX
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
PowerPAD is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2011–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - UCC27523DGN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC27523DGN TI1-UCC27523DGN Datasheet
1Mb / 31P
[Old version datasheet]   Dual 5-A High-Speed Low-Side Gate Driver
JUNE2012
UCC27523DGNR TI1-UCC27523DGNR Datasheet
2Mb / 43P
[Old version datasheet]   Industry-Standard Pinout
UCC27523DGNR TI1-UCC27523DGNR Datasheet
1Mb / 31P
[Old version datasheet]   Dual 5-A High-Speed Low-Side Gate Driver
JUNE2012
More results

Similar Description - UCC27523DGN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC27523 TI1-UCC27523 Datasheet
1Mb / 31P
[Old version datasheet]   Dual 5-A High-Speed Low-Side Gate Driver
JUNE2012
UCC27624 TI-UCC27624 Datasheet
2Mb / 31P
[Old version datasheet]   UCC27624 Dual Channel 30-V, 5-A High-Speed Low-Side Gate Driver
AUGUST 2021
UCC27524A-Q1 TI1-UCC27524A-Q1_15 Datasheet
1Mb / 35P
[Old version datasheet]   Dual 5-A, High-Speed, Low-Side Gate Driver With Negative Input Voltage Capability
UCC27524A-Q1 TI1-UCC27524A-Q1 Datasheet
1Mb / 28P
[Old version datasheet]   Dual 5-A, High-Speed, Low-Side Gate Driver With Negative Input Voltage Capability
UCC27524ADGN TI-UCC27524ADGN Datasheet
1Mb / 31P
[Old version datasheet]   Dual 5-A, High-Speed, Low-Side Gate Driver with Negative Input Voltage Capability
UCC27524A1-Q1 TI1-UCC27524A1-Q1 Datasheet
1Mb / 33P
[Old version datasheet]   Dual 5-A, High-Speed, Low-Side Gate Driver With Negative Input Voltage Capability
logo
ON Semiconductor
NCP51100 ONSEMI-NCP51100 Datasheet
2Mb / 16P
   Single 2 A High-Speed, Low-Side Gate Driver
June, 2021 ??Rev. P0
logo
Rohm
BD2310G ROHM-BD2310G Datasheet
1Mb / 18P
   1ch 4 A High Speed Low-side Gate Driver
26.Mar.2020 Rev.001
logo
ON Semiconductor
FAN3121 ONSEMI-FAN3121 Datasheet
3Mb / 21P
   Single 9-A High-Speed, Low-Side Gate Driver
October-2017, Rev. 2
logo
Fairchild Semiconductor
FAN3121 FAIRCHILD-FAN3121_13 Datasheet
1Mb / 21P
   Single 9-A High-Speed, Low-Side Gate Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com