Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCC27516 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # UCC27516
Description  Single-Channel High-Speed Low-Side Gate Driver (with 4-A Peak Source and 4-A Peak Sink)
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC27516 Datasheet(HTML) 9 Page - Texas Instruments

Back Button UCC27516 Datasheet HTML 5Page - Texas Instruments UCC27516 Datasheet HTML 6Page - Texas Instruments UCC27516 Datasheet HTML 7Page - Texas Instruments UCC27516 Datasheet HTML 8Page - Texas Instruments UCC27516 Datasheet HTML 9Page - Texas Instruments UCC27516 Datasheet HTML 10Page - Texas Instruments UCC27516 Datasheet HTML 11Page - Texas Instruments UCC27516 Datasheet HTML 12Page - Texas Instruments UCC27516 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 31 page
background image
1
1.5
2
2.5
3
3.5
−50
0
50
100
150
Temperature (°C)
Turn−On
Turn−Off
VDD = 12 V
CLoad = 1.8 nF
G014
4
5
6
7
8
−50
0
50
100
150
Temperature (°C)
RoH
VDD = 12 V
Iout = 10 mA
G004
0.1
0.2
0.3
0.4
0.5
−50
0
50
100
150
Temperature (°C)
IN+=Low,IN−=Low
IN+=High, IN−=Low
VDD = 12 V
G002
3.6
3.8
4
4.2
4.4
4.6
−50
0
50
100
150
Temperature (°C)
UVLO Rising
UVLO Falling
G003
0.05
0.06
0.07
0.08
0.09
0.1
0.11
0.12
−50
0
50
100
150
Temperature (°C)
IN+=Low,IN−=Low
IN+=High, IN−=Low
VDD = 3.4 V
G001
2
2.5
3
3.5
4
−50
0
50
100
150
Temperature (°C)
VDD = 12 V
CLoad = 500 pF
fsw = 500 kHz
G013
UCC27517
UCC27516
www.ti.com
SLUSAY4C – MARCH 2012 – REVISED MAY 2013
TYPICAL CHARACTERISTICS
STARTUP CURRENT
OPERATING SUPPLY CURRENT
vs
vs
TEMPERATURE
TEMPERATURE (Output Switching)
Figure 5.
Figure 6.
SUPPLY CURRENT
UVLO THRESHOLD VOLTAGE
vs
vs
TEMPERATURE (Output in DC On/Off condition)
TEMPERATURE
Figure 7.
Figure 8.
INPUT THRESHOLD
OUTPUT PULLUP RESISTANCE
vs
vs
TEMPERATURE
TEMPERATURE
Figure 9.
Figure 10.
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: UCC27517 UCC27516


Similar Part No. - UCC27516

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC27516 TI1-UCC27516 Datasheet
983Kb / 29P
[Old version datasheet]   Single Channel High-Speed, Low-Side Gate Driver (with 4-A Peak Source and 4-A Peak Sink)
UCC27516DRS TI1-UCC27516DRS Datasheet
1Mb / 24P
[Old version datasheet]   Single Channel High-Speed, Low-Side Gate Driver
UCC27516DRS TI1-UCC27516DRS Datasheet
993Kb / 29P
[Old version datasheet]   Single Channel High-Speed, Low-Side Gate Driver
UCC27516DRS TI1-UCC27516DRS Datasheet
671Kb / 24P
[Old version datasheet]   Single Channel High-Speed, Low-Side Gate Driver
UCC27516DRS TI1-UCC27516DRS Datasheet
1Mb / 32P
[Old version datasheet]   Single Channel High-Speed, Low-Side Gate Driver
More results

Similar Description - UCC27516

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC27516 TI1-UCC27516 Datasheet
983Kb / 29P
[Old version datasheet]   Single Channel High-Speed, Low-Side Gate Driver (with 4-A Peak Source and 4-A Peak Sink)
UCC27511 TI1-UCC27511_13 Datasheet
1Mb / 33P
[Old version datasheet]   Single-Channel High-Speed Low-Side Gate Driver (with 4-A Peak Source and 8-A Peak Sink)
UCC27511A TI1-UCC27511A Datasheet
817Kb / 31P
[Old version datasheet]   Single-Channel High-Speed Low-Side Gate Driver With 4-A Peak Source and 8-A Peak Sink
UCC27512-EP TI-UCC27512-EP_15 Datasheet
1Mb / 29P
[Old version datasheet]   SINGLE CHANNEL HIGH-SPEED, LOW-SIDE GATE DRIVER (WITH 4-A PEAK SOURCE AND 8-A PEAK SINK)
UCC27511A-Q1 TI-UCC27511A-Q1_15 Datasheet
1Mb / 31P
[Old version datasheet]   Single-Channel High-Speed Low-Side Gate Driver With 4-A Peak Source and 8-A Peak Sink
UCC27511 TI1-UCC27511_15 Datasheet
1Mb / 39P
[Old version datasheet]   UCC2751x Single-Channel, High-Speed, Low-Side Gate Driver (With 4-A Peak Source and 8-A Peak Sink)
UCC27517A-Q1 TI1-UCC27517A-Q1 Datasheet
936Kb / 26P
[Old version datasheet]   Single-Channel High-Speed Low-Side Gate Driver (with 4-A Peak Source and Sink)
UCC27517A TI-UCC27517A_15 Datasheet
1Mb / 31P
[Old version datasheet]   UCC27517A Single-Channel High-Speed Low-Side Gate Driver with Negative Input Voltage Capability (with 4-A Peak Source and Sink)
UCC27714 TI-UCC27714_15 Datasheet
2Mb / 43P
[Old version datasheet]   High-Speed, 600-V High-Side Low-Side Gate Driver with 4-A Peak Output
LM5114 TI1-LM5114_15 Datasheet
2Mb / 26P
[Old version datasheet]   Single 7.6-A Peak Current Low-Side Gate Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com