Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UC2901 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # UC2901
Description  Isolated Feedback Generator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UC2901 Datasheet(HTML) 3 Page - Texas Instruments

  UC2901 Datasheet HTML 1Page - Texas Instruments UC2901 Datasheet HTML 2Page - Texas Instruments UC2901 Datasheet HTML 3Page - Texas Instruments UC2901 Datasheet HTML 4Page - Texas Instruments UC2901 Datasheet HTML 5Page - Texas Instruments UC2901 Datasheet HTML 6Page - Texas Instruments UC2901 Datasheet HTML 7Page - Texas Instruments UC2901 Datasheet HTML 8Page - Texas Instruments UC2901 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
UC1901
UC2901
UC3901
ELECTRICAL CHARACTERISTICS Unless otherwise stated, these specifications apply for VIN = 10V, RT = 10kΩ, CT =
820pF, TA = TJ.
PARAMETER
TEST CONDITIONS
UC1901/UC2901
UC3901
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
Reference Section
Output Voltage
TJ = 25°C
1.485
1.5
1.515
1.47
1.5
1.53
V
TMIN ≤ TJ ≤ TMAX
1.470
1.5
1.530
1.455
1.5
1.545
Line Regulation
VIN = 4.5 to 35V
2
10
2
15
mV
Load Regulation
IOUT = 0 to 5mA
4
10
4
15
mV
Short Circuit Current
TJ = 25°C
–35
–55
–35
–55
mV
Error Amplifier Section (To Compensation Terminal)
Input Offset Voltage
VCM = 1.5V
1
4
1
8
mV
Input Bias Current
VCM = 1.5V
–1
–3
–1
–6
µA
Input Offset Current
VCM = 1.5V
0.1
1
0.1
2
µA
Small Signal Open Loop Gain
40
60
40
60
dB
CMRR
VCM = 0.5 to 7.5V
60
80
60
80
dB
PSRR
VIN = 5 to 25V
80
100
80
100
dB
Output Swing,
∆ VO
0.4
0.7
0.4
0.7
V
Maximum Sink Current
90
150
90
150
µA
Maximum Source Current
–2
–3
–2
–3
mA
Gain Band Width Product
1
1
MHz
Slew Rate
0.3
0.3
V/
µS
Modulators/Drivers Section (From Compensation Terminal)
Voltage Gain
11
12
13
10
12
14
dB
Output Swing
±1.6
±2.8
±1.6
±2.8
V
Driver Sink Current
500
700
500
700
µA
Driver Source Current
–15
–35
–15
–35
mA
Gain Band Width Product
25
25
MHz
Oscillator Section
Initial Accuracy
TJ = 25°C
140
150
160
130
150
170
kHz
TMIN ≤ TJ ≤ TMAX
130
170
120
180
kHz
Line Sensitivity
VIN = 5 to 35V
.15
.35
.15
.60
%/V
Maximum Frequency
RT = 10k, CT = 10pF
5
5
MHz
Ext. Clock Low Threshold
Pin 1 (CT) = VIN
0.5
0.5
V
Ext. Clock High Threshold
Pin 1 (CT) = VIN
1.6
1.6
V
Status Indicator Section
Input Voltage Window
@ E/A Inputs, VCM = 1.5V
±135 ±150 ±165
±130
±150
±170
mV
Saturation Voltage
E/A
∆ Input = 0V, ISINK = 1.6mA
0.45
0.45
V
Max. Output Current
Pin 13 = 3V, E/A
∆ Input = 0.0V
8
15
8
15
mA
Leakage Current
Pin 13 = 40V, E/A
∆Input = 0.2V
.05
1
.05
5
µA
Supply Current
VIN = 35V
5
8
5
10
mA
UVLO Section
Drivers Enabled Threshold
At Input Supply VIN
3.9
4.5
3.9
4.5
V
Status Output Enabled
Threshold
At Input Supply VIN
3.9
4.5
3.9
4.5
V
Change in Reference Output
When VIN Reaches UVLO
Threshold
–2
–30
–2
–30
mV


Similar Part No. - UC2901

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC2901 TI-UC2901 Datasheet
397Kb / 7P
[Old version datasheet]   Isolated Feedback Generator
UC2901-EP TI1-UC2901-EP Datasheet
249Kb / 9P
[Old version datasheet]   ISOLATED FEEDBACK GENERATOR
UC2901-EP TI-UC2901-EP_15 Datasheet
266Kb / 10P
[Old version datasheet]   ISOLATED FEEDBACK GENERATOR
UC2901D TI-UC2901D Datasheet
397Kb / 7P
[Old version datasheet]   Isolated Feedback Generator
UC2901DW TI-UC2901DW Datasheet
397Kb / 7P
[Old version datasheet]   Isolated Feedback Generator
More results

Similar Description - UC2901

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC1901 TI-UC1901 Datasheet
397Kb / 7P
[Old version datasheet]   Isolated Feedback Generator
UC2901-EP TI-UC2901-EP_15 Datasheet
266Kb / 10P
[Old version datasheet]   ISOLATED FEEDBACK GENERATOR
UC2901-EP TI1-UC2901-EP Datasheet
249Kb / 9P
[Old version datasheet]   ISOLATED FEEDBACK GENERATOR
logo
Analog Devices
ADUM3070 AD-ADUM3070_V01 Datasheet
763Kb / 20P
   Isolated Switching Regulator With Integrated Feedback
Rev. A
ADUM4070 AD-ADUM4070 Datasheet
561Kb / 20P
   Isolated Switching Regulator with Integrated Feedback
Rev. 0
logo
Maxim Integrated Produc...
MAX5058 MAXIM-MAX5058 Datasheet
460Kb / 25P
   Parallelable Secondary-Side Synchronous Rectifier Driver and Feedback-Generator Controller ICs
Rev 0; 10/03
logo
Linear Technology
LT1228 LINER-LT1228_12 Datasheet
666Kb / 22P
   100MHz Current Feedback
logo
Analog Devices
AD8001 AD-AD8001_17 Datasheet
329Kb / 17P
   Current Feedback Amplifier
AD8004 AD-AD8004_17 Datasheet
449Kb / 17P
   Current Feedback Amplifier
logo
Texas Instruments
TPS5904 TI-TPS5904 Datasheet
118Kb / 10P
[Old version datasheet]   OPTOISOLATED FEEDBACK AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com