Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5962-9462201Q2A Datasheet(PDF) 1 Page - Texas Instruments

Part # 5962-9462201Q2A
Description  Resonant Fluorescent Lamp Driver
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

5962-9462201Q2A Datasheet(HTML) 1 Page - Texas Instruments

  5962-9462201Q2A Datasheet HTML 1Page - Texas Instruments 5962-9462201Q2A Datasheet HTML 2Page - Texas Instruments 5962-9462201Q2A Datasheet HTML 3Page - Texas Instruments 5962-9462201Q2A Datasheet HTML 4Page - Texas Instruments 5962-9462201Q2A Datasheet HTML 5Page - Texas Instruments 5962-9462201Q2A Datasheet HTML 6Page - Texas Instruments 5962-9462201Q2A Datasheet HTML 7Page - Texas Instruments 5962-9462201Q2A Datasheet HTML 8Page - Texas Instruments 5962-9462201Q2A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
10/94
BLOCK DIAGRAM
1
µA ICC when Disabled
PWM Control for LCD Supply
Zero Voltage Switched (ZVS) on
Push-Pull Drivers
Open Lamp Detect Circuitry
4.5V to 20V Operation
Non-saturating Transformer
Topology
Smooth 100% Duty Cycle on
Buck PWM and 0% to 95% on
Flyback PWM
The UC1871 Family of IC’s is optimized for highly efficient fluorescent lamp
control. An additional PWM controller is integrated on the IC for applications re-
quiring an additional supply, as in LCD displays. When disabled the IC draws
only 1
µA, providing a true disconnect feature, which is optimum for battery
powered systems. The switching frequency of all outputs are synchronized to
the resonant frequency of the external passive network, which provides Zero
Voltage Switching on the Push-Pull drivers.
Soft-Start and open lamp detect circuitry have been incorporated to minimize
component stress. An open lamp is detected on the completion of a soft-start
cycle.
The Buck controller is optimized for smooth duty cycle control to 100%, while
the flyback control ensures a maximum duty cycle of 95%.
Other features include a precision 1% reference, under voltage lockout, flyback
current limit, and accurate minimum and maximum frequency control.
Resonant Fluorescent Lamp Driver
FEATURES
DESCRIPTION
UDG-92061-1
UC1871
UC2871
UC3871
Note: Pin numbers refer to DIL-18 and SOIC-18 packages only.


Similar Part No. - 5962-9462201Q2A

ManufacturerPart #DatasheetDescription
logo
International Rectifier
5962-9462401 IRF-5962-9462401 Datasheet
97Kb / 12P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTERS
5962-9462501 IRF-5962-9462501 Datasheet
97Kb / 12P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTERS
5962-9462601 IRF-5962-9462601 Datasheet
97Kb / 12P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTERS
logo
M.S. Kennedy Corporatio...
5962-94629 MSK-5962-94629 Datasheet
265Kb / 9P
   6W DC-DC CONVERTERS
logo
Anaren Microwave
5962-94629 ANAREN-5962-94629 Datasheet
412Kb / 9P
   6W DC-DC CONVERTERS
More results

Similar Description - 5962-9462201Q2A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC1871 TI-UC1871 Datasheet
466Kb / 6P
[Old version datasheet]   Resonant Fluorescent Lamp Driver
logo
Monolithic Power System...
MP1010B MPS-MP1010B Datasheet
35Kb / 1P
   Cold Cathode Fluorescent Lamp Driver
MP1011A MPS-MP1011A Datasheet
128Kb / 6P
   Cold Cathode Fluorescent Lamp Driver
HR2000 MPS-HR2000 Datasheet
992Kb / 20P
   Fluorescent Lamp HB Driver with PFC
logo
Texas Instruments
UCC3973PWTRG4 TI1-UCC3973PWTRG4 Datasheet
895Kb / 24P
[Old version datasheet]   BiCMOS Cold Cathode Fluorescent Lamp Driver Controller
UCC1972 TI1-UCC1972_13 Datasheet
895Kb / 24P
[Old version datasheet]   BiCMOS Cold Cathode Fluorescent Lamp Driver Controller
UCC1972 TI-UCC1972 Datasheet
308Kb / 17P
[Old version datasheet]   BiCMOS Cold Cathode Fluorescent Lamp Driver Controller
logo
Cirrus Logic
CRD1601-120W CIRRUS-CRD1601-120W Datasheet
290Kb / 12P
   High-efficiency PFC Fluorescent Lamp Driver Reference Design
logo
NXP Semiconductors
UBA2017 PHILIPS-UBA2017 Datasheet
530Kb / 29P
   600 V fluorescent lamp driver with linear dimming function
Rev. 2-15 May 2012
logo
Texas Instruments
UC1872 TI1-UC1872_09 Datasheet
387Kb / 11P
[Old version datasheet]   Resonant Lamp Ballast Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com