Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADV7611WBSWZ Datasheet(PDF) 9 Page - Analog Devices

Part # ADV7611WBSWZ
Description  Low Power 165 MHz HDMI Receiver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7611WBSWZ Datasheet(HTML) 9 Page - Analog Devices

Back Button ADV7611WBSWZ Datasheet HTML 5Page - Analog Devices ADV7611WBSWZ Datasheet HTML 6Page - Analog Devices ADV7611WBSWZ Datasheet HTML 7Page - Analog Devices ADV7611WBSWZ Datasheet HTML 8Page - Analog Devices ADV7611WBSWZ Datasheet HTML 9Page - Analog Devices ADV7611WBSWZ Datasheet HTML 10Page - Analog Devices ADV7611WBSWZ Datasheet HTML 11Page - Analog Devices ADV7611WBSWZ Datasheet HTML 12Page - Analog Devices ADV7611WBSWZ Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Data Sheet
ADV7611
Rev. D | Page 9 of 16
Pin No.
Mnemonic
Type
Description
25
LLC
Digital video output
Line-Locked Output Clock for the Pixel Data (Range is 13.5 MHz to 162.5 MHz).
26
P15
Digital video output
Video Pixel Output Port.
27
P14
Digital video output
Video Pixel Output Port.
28
P13
Digital video output
Video Pixel Output Port.
29
P12
Digital video output
Video Pixel Output Port.
30
P11
Digital video output
Video Pixel Output Port.
31
P10
Digital video output
Video Pixel Output Port.
32
P9
Digital video output
Video Pixel Output Port.
33
P8
Digital video output
Video Pixel Output Port.
34
DVDDIO
Power
Digital I/O Supply Voltage (3.3 V).
35
P7
Digital video output
Video Pixel Output Port.
36
P6
Digital video output
Video Pixel Output Port.
37
P5
Digital video output
Video Pixel Output Port.
38
P4
Digital video output
Video Pixel Output Port.
39
P3
Digital video output
Video Pixel Output Port.
40
DVDD
Power
Digital Core Supply Voltage (1.8 V).
41
P2
Digital video output
Video Pixel Output Port.
42
P1
Digital video output
Video Pixel Output Port.
43
P0
Digital video output
Video Pixel Output Port.
44
DVDDIO
Power
Digital I/O Supply Voltage (3.3 V).
45
DE
Miscellaneous digital
DE (data enable) is a signal that indicates active pixel data.
46
HS
Digital video output
HS is a horizontal synchronization output signal.
47
VS/FIELD/ALS
B
Digital input/output
VS is a vertical synchronization output signal. FIELD is a field synchronization output
signal in all interlaced video modes. VS or FIELD can be configured for this pin. The
ALSB allows selection of the I2C address.
48
AP
Miscellaneous digital
Audio Output Pin. Pin can be configured to output S/PDIF digital audio output
(S/PDIF) or I2S.
49
SCLK/INT2
Miscellaneous digital
A dual function pin that can be configured to output an audio serial clock or an
Interrupt 2 signal.
50
LRCLK
Miscellaneous digital
Audio Left/Right Clock.
51
MCLK/INT2
Miscellaneous digital
A dual function pin that can be configured to output an audio master clock or an
Interrupt 2 signal.
52
DVDD
Power
Digital Core Supply Voltage (1.8 V).
53
SCL
Miscellaneous digital
I2C Port Serial Clock Input. SCL is the clock line for the control port.
54
SDA
Miscellaneous digital
I2C Port Serial Data Input/Output Pin. SDA is the data line for the control port.
55
INT1
Miscellaneous digital
Interrupt. This pin can be active low or active high. When status bits change, this pin is
triggered. The events that trigger an interrupt are under user configuration.
56
RESET
Miscellaneous digital
System Reset Input. Active low. A minimum low reset pulse width of 5 ms is required
to reset the ADV7611 circuitry.
57
PVDD
Power
PLL Supply Voltage (1.8 V).
58
XTALP
Miscellaneous analog
Input Pin for 28.63636 MHz Crystal or an External 1.8 V, 28.63636 MHz Clock Oscillator
Source to Clock the ADV7611.
59
XTALN
Miscellaneous analog
Crystal Input. Input pin for 28.63636 MHz crystal.
60
DVDD
Power
Digital Core Supply Voltage (1.8 V).
61
CEC
Digital input/output
Consumer Electronic Control Channel.
62
DDCA_SCL
HDMI input
HDCP Slave Serial Clock Port A. DDCA_SCL is a 3.3 V input that is 5 V tolerant.
63
DDCA_SDA
HDMI input
HDCP Slave Serial Data Port A. DDCA_SDA is a 3.3 V input that is 5 V tolerant.
64
RXA_5V
HDMI input
5 V Detect Pin for Port A in the HDMI Interface.


Similar Part No. - ADV7611WBSWZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7610 AD-ADV7610 Datasheet
279Kb / 16P
   Low Power, 165 MHz HDMI Receiver
REV. 0
ADV7610BBCZ AD-ADV7610BBCZ Datasheet
279Kb / 16P
   Low Power, 165 MHz HDMI Receiver
REV. 0
ADV7610BBCZ-P AD-ADV7610BBCZ-P Datasheet
279Kb / 16P
   Low Power, 165 MHz HDMI Receiver
REV. 0
ADV7610BBCZ-P-RL AD-ADV7610BBCZ-P-RL Datasheet
279Kb / 16P
   Low Power, 165 MHz HDMI Receiver
REV. 0
ADV7610BBCZ-RL AD-ADV7610BBCZ-RL Datasheet
279Kb / 16P
   Low Power, 165 MHz HDMI Receiver
REV. 0
More results

Similar Description - ADV7611WBSWZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7610 AD-ADV7610 Datasheet
279Kb / 16P
   Low Power, 165 MHz HDMI Receiver
REV. 0
ADV7511W AD-ADV7511W_12 Datasheet
199Kb / 12P
   165 MHz, High Performance HDMI Transmitter
ADV7513 AD-ADV7513_14 Datasheet
199Kb / 12P
   165 MHz, High Performance HDMI Transmitter
ADV7612 AD-ADV7612_14 Datasheet
308Kb / 20P
   Dual Port, Xpressview, 225 MHz HDMI Receiver
ADV7612BSWZ AD-ADV7612BSWZ Datasheet
501Kb / 20P
   Dual Port, Xpressview, 225 MHz HDMI Receiver
REV. D
logo
Silicon image
SII9033 SILICONIMAGE-SII9033 Datasheet
314Kb / 2P
   HDMI Receiver
SII9023 SILICONIMAGE-SII9023 Datasheet
310Kb / 2P
   HDMI Receiver
logo
Analog Devices
ADV7511W AD-ADV7511W Datasheet
191Kb / 12P
   165 MHz, High Performance HDMI Transmitter 3D video support
REV. 0
logo
Silicon image
SII9135 SILICONIMAGE-SII9135 Datasheet
288Kb / 2P
   VastLane??HDMI Receiver
SII9233 SILICONIMAGE-SII9233 Datasheet
240Kb / 2P
   VastLane HDMI Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com