Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD5660CRM-1 Datasheet(PDF) 6 Page - Analog Devices

Part # AD5660CRM-1
Description  Single, 12-/14-/16-Bit nanoDAC with 5 ppm/째C On-Chip Reference in SOT-23
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5660CRM-1 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD5660CRM-1 Datasheet HTML 2Page - Analog Devices AD5660CRM-1 Datasheet HTML 3Page - Analog Devices AD5660CRM-1 Datasheet HTML 4Page - Analog Devices AD5660CRM-1 Datasheet HTML 5Page - Analog Devices AD5660CRM-1 Datasheet HTML 6Page - Analog Devices AD5660CRM-1 Datasheet HTML 7Page - Analog Devices AD5660CRM-1 Datasheet HTML 8Page - Analog Devices AD5660CRM-1 Datasheet HTML 9Page - Analog Devices AD5660CRM-1 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
AD5620/AD5640/AD5660
Rev. F | Page 6 of 28
Parameter
A Grade2
B Grade2
C Grade2
Unit
Conditions/Comments
LOGIC INPUTS4
Input Current
±1
±1
±1
μA max
All digital inputs
VINL, Input Low Voltage
0.8
0.8
0.8
V max
VDD = 3 V
VINH, Input High Voltage
2
2
2
V min
VDD = 3 V
Pin Capacitance
3
3
3
pF max
POWER REQUIREMENTS
VDD
2.7
2.7
2.7
V min
All digital inputs at 0 V or VDD
3.3
3.3
3.3
V max
DAC active and excluding load current
IDD (Normal Mode)
VDD = 2.7 V to 3.3 V
0.55
0.55
0.55
mA typ
VIH = VDD and VIL = GND
VDD = 2.7 V to 3.3 V
0.65
0.65
0.65
mA max
VIH = VDD and VIL = GND
IDD (All Power-Down Modes)
VDD = 2.7 V to 3.3 V
0.2
0.2
0.2
μA typ
VIH = VDD and VIL = GND
VDD = 2.7 V to 3.3 V
0.25
0.25
0.25
μA max
VIH = VDD and VIL = GND
1 Part is functional with VDD up to 5.5 V.
2 Temperature range is −40°C to +105°C, typical at +25°C.
3 Linearity calculated using a reduced code range: AD5660 (Code 511 to Code 65024); AD5640 (Code 128 to Code 16256); AD5620 (Code 32 to Code 4064). Output
unloaded.
4 Guaranteed by design and characterization; not production tested.


Similar Part No. - AD5660CRM-1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5660CRM-1 AD-AD5660CRM-1 Datasheet
469Kb / 20P
   3 V/5 V, 16-Bit nanoDACTM D/A with 10 ppm/째C Max On-Chip Reference in SOT-23
Rev. Pr J
More results

Similar Description - AD5660CRM-1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5620 AD-AD5620_15 Datasheet
661Kb / 28P
   Single, 12-/14-/16-Bit nanoDAC with 5 ppm/C On-Chip Reference in SOT-23
Rev. G
AD5640 AD-AD5640_15 Datasheet
661Kb / 28P
   Single, 12-/14-/16-Bit nanoDAC with 5 ppm/C On-Chip Reference in SOT-23
Rev. G
AD5620 AD-AD5620 Datasheet
558Kb / 24P
   Single, 12-/14-/16-Bit nanoDAC with 5 ppm/C On-Chip Reference in SOT-23
REV. A
AD5660 AD-AD5660_15 Datasheet
661Kb / 28P
   Single, 12-/14-/16-Bit nanoDAC with 5 ppm/C On-Chip Reference in SOT-23
Rev. G
AD5623RBCPZ-5REEL7 AD-AD5623RBCPZ-5REEL7 Datasheet
967Kb / 32P
   Dual 12-/14-/16-Bit nanoDAC with 5 ppm/ C On-Chip Reference
Rev. F
AD5623RARMZ-5 AD-AD5623RARMZ-5 Datasheet
967Kb / 32P
   Dual 12-/14-/16-Bit nanoDAC with 5 ppm/C On-Chip Reference
Rev. F
AD5623R AD-AD5623R Datasheet
1Mb / 28P
   Dual 12-/14-/16-Bit nanoDAC with 5 ppm/C On-Chip Reference
REV. A
AD5624R AD-AD5624R_V01 Datasheet
843Kb / 28P
   Quad, 12-/14-/16-Bit nanoDACs with 5 ppm/째C On-Chip Reference
Rev. D
AD5625R AD-AD5625R_13 Datasheet
1Mb / 36P
   Quad, 12-/14-/16-Bit nanoDACs with 5 ppm/째C On-Chip Reference, I2C Interface
REV. C
AD5672R AD-AD5672R Datasheet
865Kb / 34P
   Octal, 12-/16-Bit nanoDAC with ppm/째C Reference, SPI Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com