Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADP160 Datasheet(PDF) 5 Page - Analog Devices

Part # ADP160
Description  Ultralow Quiescent Current, 150 mA, CMOS Linear Regulators
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP160 Datasheet(HTML) 5 Page - Analog Devices

  ADP160_12 Datasheet HTML 1Page - Analog Devices ADP160_12 Datasheet HTML 2Page - Analog Devices ADP160_12 Datasheet HTML 3Page - Analog Devices ADP160_12 Datasheet HTML 4Page - Analog Devices ADP160_12 Datasheet HTML 5Page - Analog Devices ADP160_12 Datasheet HTML 6Page - Analog Devices ADP160_12 Datasheet HTML 7Page - Analog Devices ADP160_12 Datasheet HTML 8Page - Analog Devices ADP160_12 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
Data Sheet
ADP160/ADP161/ADP162/ADP163
Rev. G | Page 5 of 24
ABSOLUTE MAXIMUM RATINGS
Table 3.
Parameter
Rating
VIN to GND
−0.3 V to +6.5 V
VOUT to GND
−0.3 V to VIN
EN to GND
−0.3 V to VIN
ADJ to GND
−0.3 V to VIN
NC to GND
−0.3 V to VIN
Storage Temperature Range
−65°C to +150°C
Operating Junction Temperature Range
−40°C to +125°C
Operating Ambient Temperature Range
−40°C to +125°C
Soldering Conditions
JEDEC J-STD-020
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
THERMAL DATA
Absolute maximum ratings only apply individually; they do not
apply in combination. The ADP16x can be damaged when the
junction temperature limits are exceeded. Monitoring ambient
temperature does not guarantee that TJ is within the specified
temperature limits. In applications with high power dissipation
and poor thermal resistance, the maximum ambient temperature
may have to be derated.
In applications with moderate power dissipation and low PCB
thermal resistance, the maximum ambient temperature can
exceed the maximum limit as long as the junction temperature
is within specification limits. The junction temperature (TJ) of
the device is dependent on the ambient temperature (TA), the
power dissipation of the device (PD), and the junction-to-ambient
thermal resistance of the package (θJA).
Maximum junction temperature (TJ) is calculated from the ambient
temperature (TA) and power dissipation (PD) using the formula
TJ = TA + (PD × θJA)
Junction-to-ambient thermal resistance (θJA) of the package is
based on modeling and calculation using a 4-layer board. The
junction-to-ambient thermal resistance is highly dependent on the
application and board layout. In applications where high maximum
power dissipation exists, close attention to thermal board design
is required. The value of θJA may vary, depending on PCB material,
layout, and environmental conditions. The specified values of
θJA are based on a 4-layer, 4 inches × 3 inches, circuit board. Refer
to JESD 51-7 and JESD 51-9 for detailed information on the
board construction. For additional information, see the AN-617
Application Note, MicroCSP™ Wafer Level Chip Scale Package.
ΨJB is the junction to board thermal characterization parameter
with units of °C/W. ΨJB of the package is based on modeling and
calculation using a 4-layer board. The JESD51-12, Guidelines for
Reporting and Using Electronic Package Thermal Information,
states that thermal characterization parameters are not the same
as thermal resistances. ΨJB measures the component power flowing
through multiple thermal paths rather than a single path as in
thermal resistance, θJB. Therefore, ΨJB thermal paths include
convection from the top of the package as well as radiation from
the package, factors that make ΨJB more useful in real-world
applications. Maximum junction temperature (TJ) is calculated
from the board temperature (TB) and power dissipation (PD)
using the formula
TJ = TB + (PD × ΨJB)
Refer to JESD51-8 and JESD51-12 for more detailed information
about ΨJB.
THERMAL RESISTANCE
θJA and ΨJB are specified for the worst-case conditions, that is, a
device soldered in a circuit board for surface-mount packages.
Table 4. Thermal Resistance
Package Type
θ
JA
Ψ
JB
Unit
5-Lead TSOT
170
43
°C/W
4-Ball, 0.4 mm Pitch WLCSP
260
58
°C/W
ESD CAUTION


Similar Part No. - ADP160_12

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP1606 AD-ADP1606 Datasheet
520Kb / 16P
   2 MHz, Synchronous Boost DC-to-DC Converters
Rev. D
ADP1606-1.8-EVALZ AD-ADP1606-1.8-EVALZ Datasheet
520Kb / 16P
   2 MHz, Synchronous Boost DC-to-DC Converters
Rev. D
ADP1606ACPZN1.8-R7 AD-ADP1606ACPZN1.8-R7 Datasheet
520Kb / 16P
   2 MHz, Synchronous Boost DC-to-DC Converters
Rev. D
ADP1607 AD-ADP1607 Datasheet
626Kb / 16P
   2 MHz, Synchronous Boost DC-to-DC Converter
REV. C
ADP1607 AD-ADP1607 Datasheet
520Kb / 16P
   2 MHz, Synchronous Boost DC-to-DC Converters
Rev. D
More results

Similar Description - ADP160_12

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP160 AD-ADP160 Datasheet
513Kb / 20P
   Ultralow Quiescent Current, 150 mA, CMOS Linear Regulator
REV. 0
ADP121 AD-ADP121 Datasheet
986Kb / 20P
   150 mA, Low Quiescent Current, CMOS Linear Regulator
REV. 0
ADP121-AUJZ12R7 AD-ADP121-AUJZ12R7 Datasheet
667Kb / 20P
   150 mA, Low Quiescent Current, CMOS Linear Regulator
Rev. G
ADP170 AD-ADP170 Datasheet
538Kb / 20P
   300 mA, Low Quiescent Current, CMOS Linear Regulators
REV. B
ADP150 AD-ADP150 Datasheet
620Kb / 20P
   Ultralow Noise, 150 mA CMOS Linear Regulator
REV. 0
ADP150_VA AD-ADP150_VA Datasheet
580Kb / 20P
   Ultralow Noise, 150 mA CMOS Linear Regulator
REV. A
logo
Texas Instruments
TPS7B6933 TI1-TPS7B6933 Datasheet
1Mb / 21P
[Old version datasheet]   150-mA, 40-V Ultralow-Quiescent-Current LDO
logo
Analog Devices
ADP150 AD-ADP150_13 Datasheet
603Kb / 20P
   Ultralow Noise, 150 mA CMOS Linear Regulator
REV. B
logo
Texas Instruments
TPS76601 TI1-TPS76601_13 Datasheet
1Mb / 24P
[Old version datasheet]   ULTRALOW QUIESCENT CURRENT 250-mA LOW DROPOUT VOLTAGE REGULATORS
TPS76615 TI1-TPS76615_16 Datasheet
1Mb / 24P
[Old version datasheet]   ULTRALOW QUIESCENT CURRENT 250-mA LOW DROPOUT VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com