Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UC3710T Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # UC3710T
Description  High Current FET Driver
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UC3710T Datasheet(HTML) 2 Page - Texas Instruments

  UC3710T Datasheet HTML 1Page - Texas Instruments UC3710T Datasheet HTML 2Page - Texas Instruments UC3710T Datasheet HTML 3Page - Texas Instruments UC3710T Datasheet HTML 4Page - Texas Instruments UC3710T Datasheet HTML 5Page - Texas Instruments UC3710T Datasheet HTML 6Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
UC1710
UC2710
UC3710
CONNECTION DIAGRAMS
N-Package
J-Package
T-Package
Supply Voltage, Vin . . . . . . . . . . . . . . . . . . . . . . . . . . . 20V . . . . . . . . . . . . . . 20V . . . . . . . . . . . . . . 20V
Collector Supply Voltage, VC . . . . . . . . . . . . . . . . . . . . 20V . . . . . . . . . . . . . . 20V . . . . . . . . . . . . . . 20V
Operating Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . 18V . . . . . . . . . . . . . . 18V . . . . . . . . . . . . . . 18V
Output Current (Source or Sink)
Steady-State. . . . . . . . . . . . . . . . . . . . . . . . . . . . .
± 500mA. . . . . . . . . . . . ± 500mA . . . . . . . . . . . . . ± 1A
Digital Inputs . . . . . . . . . . . . . . . . . . . . . . . . . . . . –0.3V-VIN . . . . . . . . –0.3V – VIN . . . . . . . . –0.3V – VIN
Power Dissipation at Ta=25°C . . . . . . . . . . . . . . . . . . . 1W . . . . . . . . . . . . . . . 1W . . . . . . . . . . . . . . . 3W
Power Dissipation at T (Case) = 25°C. . . . . . . . . . . . . . 2W . . . . . . . . . . . . . . . 2W . . . . . . . . . . . . . . 25W
Operating Junction Temperature . . . . . . . –55°C to +150°C . . . . –55°C to +150°C . . . . –55°C to +150°C
Storage Temperature . . . . . . . . . . . . . . . –65°C to +150°C . . . . –65°C to +150°C . . . . –65°C to +150°C
Lead Temperature (Soldering, 10 seconds) . . . . . . . 300°C . . . . . . . . . . . . 300°C . . . . . . . . . . . . 300°C
Note 1: All currents are positive into, negative out of the specified terminal.
Note 2: Consult Unitrode Integrated Circuits databook for information regarding thermal specifications
and limitations of packages.
ABSOLUTE MAXIMUM RATINGS
DIL-8 MINIDIP (Top View)
J or N Package
SOIC-16 (Top View)
DW Package
5-Pin TO-220 (Top View)
T Package
ELECTRICAL CHARACTERISTICS: Unless otherwise stated, these specifications apply for VIN = VC = 15V, No load,
TA = TJ.
PARAMETERS
TEST CONDITIONS
MIN
TYP
MAX
UNITS
VIN Supply Current
VIN =18V, VC =18V, Output Low
26
35
mA
VIN =18V, VC =18V, Output High
21
30
mA
VC Supply Current
VIN =18V, VC =18V, Output Low
1.5
5.0
mA
VIN =18V, VC =18V,Output High
5.0
8
mA
UVLO Threshold
VIN High to Low
3.8
4.1
4.4
V
VIN Low to High
4.1
4.4
4.8
V


Similar Part No. - UC3710T

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC3710T TI-UC3710T Datasheet
72Kb / 4P
[Old version datasheet]   High Current FET Driver
UC3710T TI1-UC3710T Datasheet
101Kb / 7P
[Old version datasheet]   High Current FET Driver
UC3710T TI-UC3710T Datasheet
253Kb / 9P
[Old version datasheet]   High Current FET Driver
UC3710TG3 TI1-UC3710TG3 Datasheet
101Kb / 7P
[Old version datasheet]   High Current FET Driver
UC3710TG3 TI-UC3710TG3 Datasheet
253Kb / 9P
[Old version datasheet]   High Current FET Driver
More results

Similar Description - UC3710T

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC1710 TI1-UC1710_15 Datasheet
101Kb / 7P
[Old version datasheet]   High Current FET Driver
UC1710 TI-UC1710 Datasheet
72Kb / 4P
[Old version datasheet]   High Current FET Driver
UC1710 TI-UC1710_V01 Datasheet
253Kb / 9P
[Old version datasheet]   High Current FET Driver
logo
Fairchild Semiconductor
FDMF8704 FAIRCHILD-FDMF8704 Datasheet
423Kb / 11P
   High Current / High Frequency FET plus Driver Multi-chip Module
logo
IXYS Corporation
IXTK80N25 IXYS-IXTK80N25 Datasheet
568Kb / 5P
   High Current MegaMOSTM FET
IXTN120N25 IXYS-IXTN120N25 Datasheet
584Kb / 5P
   High Current MegaMOS FET
logo
Texas Instruments
UC1709 TI-UC1709 Datasheet
178Kb / 5P
[Old version datasheet]   DUAL HIGH-SPEED FET DRIVER
logo
IK Semicon Co., Ltd
IL33091A IKSEMICON-IL33091A_16 Datasheet
316Kb / 5P
   Powerful High-grade FET driver
logo
Texas Instruments
UC1725 TI-UC1725 Datasheet
294Kb / 5P
[Old version datasheet]   Isolated High Side FET Driver
UC1725 TI1-UC1725_12 Datasheet
253Kb / 5P
[Old version datasheet]   Isolated High Side FET Driver
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com