Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MPSW63 Datasheet(PDF) 2 Page - Motorola, Inc

Part # MPSW63
Description  One Watt Darlington Transistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPSW63 Datasheet(HTML) 2 Page - Motorola, Inc

  MPSW63 Datasheet HTML 1Page - Motorola, Inc MPSW63 Datasheet HTML 2Page - Motorola, Inc MPSW63 Datasheet HTML 3Page - Motorola, Inc MPSW63 Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MPSW63 MPSW64
2
Motorola Small–Signal Transistors, FETs and Diodes Device Data
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted) (Continued)
Characteristic
Symbol
Min
Max
Unit
ON CHARACTERISTICS(1)
DC Current Gain
(IC = –10 mAdc, VCE = –5.0 Vdc)
MPSW63
MPSW64
(IC = –100 mAdc, VCE = –5.0 Vdc)
MPSW63
MPSW64
hFE
5,000
10,000
10,000
20,000
Collector–Emitter Saturation Voltage
(IC = –100 mAdc, IB = –0.1 mAdc)
VCE(sat)
–1.5
Vdc
Base–Emitter On Voltage
(IC = –100 mAdc, VCE = –5.0 Vdc)
VBE(on)
–2.0
Vdc
SMALL–SIGNAL CHARACTERISTICS
Current–Gain — Bandwidth Product(2)
(IC = –10 mAdc, VCE = –5.0 Vdc, f = 100 MHz)
fT
125
MHz
1. Pulse Test: Pulse Width
v 300 ms, Duty Cycle v 2.0%.
2. fT = |hfe| • ftest.
TYPICAL ELECTRICAL CHARACTERISTICS
Figure 1. DC Current Gain
Figure 2. “ON” Voltage
Figure 3. Collector Saturation Region
–1.0
–2.0
–0.5
IC, COLLECTOR CURRENT (mA)
200
50
5.0
3.0
2.0
–1.0
–100
–0.3
IC, COLLECTOR CURRENT (mA)
–1.6
–2.0
–0.8
–0.4
0
IB, BASE CURRENT (mA)
–0.6
–30
–10
–20
–7.0
–100
–200
–50
70
–3.0 –5.0
–10
–50
–2.0
–1.6
–1.4
–1.2
–1.0
–30
–70
–300
–5.0
–3.0
–0.7
30
100
–300
–1.2
–0.3
–100
–0.1
–1.0 –3.0
–10
–30
–300
–1 k
–0.3
10
7.0
20
–0.5
–3 k –10 k
–0.8
–1.8
TJ = 25°C
IC = –10 mA
–50 mA –100 mA –175 mA
–300 mA
TJ = 25°C
IC/IB = 100
TJ = 125°C
25
°C
–55
°C
–10 V
VCE = –2.0 V
–5.0 V
VBE(sat) @ IC/IB = 100
VCE(sat) @ IC/IB = 1000
VBE(on) @ VCE = –5.0 V


Similar Part No. - MPSW63

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MPSW63 ONSEMI-MPSW63 Datasheet
153Kb / 4P
   One Watt Darlington Transistors(PNP Silicon)
1996
MPSW63 ONSEMI-MPSW63 Datasheet
100Kb / 4P
   One Watt Darlington Transistors PNP Silicon
March, 2006 ??Rev. 3
MPSW63 ONSEMI-MPSW63 Datasheet
96Kb / 4P
   One Watt Darlington Transistors
March, 2006 ??Rev. 3
MPSW63G ONSEMI-MPSW63G Datasheet
96Kb / 4P
   One Watt Darlington Transistors
March, 2006 ??Rev. 3
MPSW63 ONSEMI-MPSW63_06 Datasheet
100Kb / 4P
   One Watt Darlington Transistors PNP Silicon
March, 2006 ??Rev. 3
More results

Similar Description - MPSW63

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPSW45 MOTOROLA-MPSW45 Datasheet
228Kb / 6P
   One Watt Darlington Transistors
logo
ON Semiconductor
MPSW63G ONSEMI-MPSW63G Datasheet
96Kb / 4P
   One Watt Darlington Transistors
March, 2006 ??Rev. 3
logo
Motorola, Inc
MPS6724 MOTOROLA-MPS6724 Datasheet
233Kb / 6P
   One Watt Darlington Transistors
MPSW13 MOTOROLA-MPSW13 Datasheet
113Kb / 4P
   One Watt Darlington Transistors
logo
ON Semiconductor
MPSW45 ONSEMI-MPSW45 Datasheet
228Kb / 6P
   One Watt Darlington Transistors(NPN Silicon)
1996
MPSW63 ONSEMI-MPSW63 Datasheet
153Kb / 4P
   One Watt Darlington Transistors(PNP Silicon)
1996
MPS6724 ONSEMI-MPS6724 Datasheet
58Kb / 5P
   One Watt Darlington Transistors NPN Silicon
February, 2006 ??Rev. 3
MPSW45 ONSEMI-MPSW45_06 Datasheet
72Kb / 6P
   One Watt Darlington Transistors NPN Silicon
February, 2006 ??Rev. 3
MPSW63 ONSEMI-MPSW63_06 Datasheet
100Kb / 4P
   One Watt Darlington Transistors PNP Silicon
March, 2006 ??Rev. 3
logo
Motorola, Inc
MPSW05 MOTOROLA-MPSW05 Datasheet
138Kb / 4P
   One Watt Amplifier Transistors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com