Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

505303B00000G Datasheet(PDF) 9 Page - Aavid, Thermal Division of Boyd Corporation

Part # 505303B00000G
Description  How to Use This Catalog
Download  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAVID [Aavid, Thermal Division of Boyd Corporation]
Direct Link  https://www.boydcorp.com/aavid.html
Logo AAVID - Aavid, Thermal Division of Boyd Corporation

505303B00000G Datasheet(HTML) 9 Page - Aavid, Thermal Division of Boyd Corporation

Back Button 505303B00000G Datasheet HTML 5Page - Aavid, Thermal Division of Boyd Corporation 505303B00000G Datasheet HTML 6Page - Aavid, Thermal Division of Boyd Corporation 505303B00000G Datasheet HTML 7Page - Aavid, Thermal Division of Boyd Corporation 505303B00000G Datasheet HTML 8Page - Aavid, Thermal Division of Boyd Corporation 505303B00000G Datasheet HTML 9Page - Aavid, Thermal Division of Boyd Corporation 505303B00000G Datasheet HTML 10Page - Aavid, Thermal Division of Boyd Corporation 505303B00000G Datasheet HTML 11Page - Aavid, Thermal Division of Boyd Corporation 505303B00000G Datasheet HTML 12Page - Aavid, Thermal Division of Boyd Corporation 505303B00000G Datasheet HTML 13Page - Aavid, Thermal Division of Boyd Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 116 page
background image
9
EUROPE
ASIA
Italy Tel: +39 051 764011 email: sales.it@aavid.com
United Kingdom Tel: +44 1793 401400 email: sales.uk@aavid.com
Singapore Tel: +65 6362 8388 email: sales@aavid.com.sg
Taiwan Tel: +886(2) 2698-9888 email: sales@aavid.com.tw
AMERICA
USA Tel: +1 (603) 224-9988 email: info@aavid.com
www.aavidthermalloy.com
The basic equation for heat transfer or power dissipation may be stated as follows:
Where:
PD = the power dissipated by the semiconductor device in watts.
ΔT = the temperature difference of driving potential which causes the flow of heat.
ΣRθ = the sum of the thermal resistances of the heat flow path across which ΔT exists.
The above relationship may be stated in the following forms:
The above equations are generally used to determine the required thermal resistance of the heat sink (RθSA),
since the heat dissipation, maximum junction and/or case temperature, and ambient temperature are known or set.
How To Select a Heat Sink
Where:
TJ = the junction temperature in °C (maximum is usually stated by the manufacturer of the semiconductor device).
TC = case temperature of the semiconductor device in °C.
TS = temperature of the heat sink mounting surface in thermal contact with the semiconductor device in °C.
TA = ambient air temperature in °C.
RθJC = thermal resistance from junction to case of the semiconductor device in °C per watt
(usually stated by manufacturer of semiconductor device).
RθCS = thermal resistance through the interface between the semiconductor device
and the surface on which it is mounted in °C per watt.
RθSA = thermal resistance from mounting surface to ambient or thermal resistance of heat sink in °C per watt.
Figure 1 indicates the location of the various heat
flow paths, temperatures and thermal resistances.
The common practice is to represent the system with
a network of resistances in series as shown in Figure 2.
Atmosphere
or ambient
Mounting surface
(cooler/dissipator)
Semiconductor case
Junction
(heat source)
Interface
Heat flow path mounting
surface to ambient, equation (3)
Heat flow path case
to ambient equation (2)
Heat flow path junction
to ambient, equation (1)
P
D
P
D
T
A
R
θSA
R
θCS
R
θJC
T
S
T
C
T
A
T
J
TJ–TA
PD =
RθJC + RθCS + RθSA
TC–TA
PD =
RθCS + RθSA
TS–TA
PD =
RθSA
Δ T
PD =
ΣRθ
RθCS
RθJC
TS
TA
TJ
RθSA
TC
FIGURE 1
FIGURE 2
How to select a heat sink


Similar Part No. - 505303B00000G

ManufacturerPart #DatasheetDescription
logo
Aavid, Thermal Division...
505303B00000G AAVID-505303B00000G Datasheet
8Mb / 116P
   Channel style heat sink with folded back fins
More results

Similar Description - 505303B00000G

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN3972 STMICROELECTRONICS-AN3972 Datasheet
1Mb / 21P
   This document describes how to use the STM3210C-EVAL
AN1051 STMICROELECTRONICS-AN1051 Datasheet
174Kb / 9P
   This application note explains how to use the VIPER20
AN4570 STMICROELECTRONICS-AN4570 Datasheet
574Kb / 46P
   This application note describes how to use the high-density
UM0457 STMICROELECTRONICS-UM0457 Datasheet
382Kb / 9P
   How to use the BT_HTS_RX_R2
AN3117 STMICROELECTRONICS-AN3117 Datasheet
421Kb / 28P
   This application note describes how to use the direct memory access
AN3008 STMICROELECTRONICS-AN3008 Datasheet
697Kb / 14P
   This application note describes how to use the STOD2540 DC-DC converter
AN934 STMICROELECTRONICS-AN934 Datasheet
129Kb / 14P
   How to use the digital calibration feature
AN1633 STMICROELECTRONICS-AN1633 Datasheet
68Kb / 9P
   This application note describes how to implement
AN2512 STMICROELECTRONICS-AN2512 Datasheet
668Kb / 38P
   This application note describes how to design
PM0059 STMICROELECTRONICS-PM0059 Datasheet
381Kb / 29P
   This programming manual describes how to program
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com