Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD5271BRMZ-100 Datasheet(PDF) 6 Page - Analog Devices

Part # AD5271BRMZ-100
Description  1024-/256-Position, 1% Resistor Tolerance Error, SPI Interface and 50-TP Memory Digital Rheostat
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5271BRMZ-100 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD5271BRMZ-100 Datasheet HTML 2Page - Analog Devices AD5271BRMZ-100 Datasheet HTML 3Page - Analog Devices AD5271BRMZ-100 Datasheet HTML 4Page - Analog Devices AD5271BRMZ-100 Datasheet HTML 5Page - Analog Devices AD5271BRMZ-100 Datasheet HTML 6Page - Analog Devices AD5271BRMZ-100 Datasheet HTML 7Page - Analog Devices AD5271BRMZ-100 Datasheet HTML 8Page - Analog Devices AD5271BRMZ-100 Datasheet HTML 9Page - Analog Devices AD5271BRMZ-100 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
AD5270/AD5271
Data Sheet
Rev. F | Page 6 of 24
Parameter
Symbol
Test Conditions/Comments
Min
Typ1
Max
Unit
DYNAMIC CHARACTERISTICS5, 11
Bandwidth
−3 dB, RAW = 10 kΩ, Terminal W, see Figure 42
kHz
RAW = 20 kΩ
300
RAW = 50 kΩ
120
RAW = 100 kΩ
60
Total Harmonic Distortion
VA = 1 V rms, f = 1 kHz, code = half scale
dB
RAW = 20 kΩ
−90
RAW = 50 kΩ
−88
RAW = 100 kΩ
−85
Resistor Noise Density
Code = half scale, TA = 25°C
nV/√Hz
RAW = 20 kΩ
13
RAW = 50 kΩ
25
RAW = 100 kΩ
32
1
Typical specifications represent average readings at 25°C, VDD = 5 V, and VSS = 0 V.
2
Resistor position nonlinearity error (R-INL) is the deviation from an ideal value measured between the maximum resistance and the minimum resistance wiper
positions. R-DNL measures the relative step change from ideal between successive tap positions.
3
The maximum current in each code is defined by IAW = (VDD − 1)/RAW.
4
The terms resistor performance mode and R-Perf mode are used interchangeably. See the Resistor Performance Mode section.
5
Guaranteed by design and not subject to production test.
6
See Figure 25 for more details.
7
Resistor Terminal A and Resistor Terminal W have no limitations on polarity with respect to each other. Dual-supply operation enables ground referenced bipolar
signal adjustment.
8
Different from operating current, the supply current for the fuse program lasts approximately 55 ms.
9
Different from operating current, the supply current for the fuse read lasts approximately 500 ns.
10
PDISS is calculated from (IDD × VDD) + (ISS × VSS).
11
All dynamic characteristics use VDD = +2.5 V, VSS = −2.5 V.
Table 5. AD5271—20 kΩ Resistor Performance Mode Code Range
Resistor Tolerance per Code
|VDD − VSS| = 4.5 V to 5.5 V
|VDD − VSS| = 2.7 V to 4.5 V
R-TOLERANCE
1% R-Tolerance
From 0x1E to 0xFF
From 0x32 to 0xFF
2% R-Tolerance
From 0x0F to 0xFF
From 0x19 to 0xFF
3% R-Tolerance
From 0x06 to 0xFF
From 0x0E to 0xFF
Table 6. AD5271—50 kΩ and 100 kΩ Resistor Performance Mode Code Range
Resistor Tolerance per Code
RAW = 50 kΩ
RAW = 100 kΩ
R-TOLERANCE
1% R-Tolerance
From 0x1E to 0xFF
From 0x14 to 0xFF
2% R-Tolerance
From 0x14 to 0xFF
From 0x0F to 0xFF
3% R-Tolerance
From 0x0A to 0xFF
From 0x0A to 0xFF


Similar Part No. - AD5271BRMZ-100

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5270-20 AD-AD5270-20 Datasheet
223Kb / 5P
   Devices Connected
AD5272 AD-AD5272 Datasheet
720Kb / 28P
   1024-/256-Position, 1% Resistor Tolerance Error, I2C Interface and 50-TP Memory Digital Rheostat
REV. D
AD5272BCPZ-100-RL7 AD-AD5272BCPZ-100-RL7 Datasheet
713Kb / 28P
   1024-/256-Position, 1% Resistor Tolerance Error, I2C Interface and 50-TP Memory Digital Rheostat
REV. D
AD5272BCPZ-20-RL7 AD-AD5272BCPZ-20-RL7 Datasheet
713Kb / 28P
   1024-/256-Position, 1% Resistor Tolerance Error, I2C Interface and 50-TP Memory Digital Rheostat
REV. D
AD5272BRMZ-100 AD-AD5272BRMZ-100 Datasheet
713Kb / 28P
   1024-/256-Position, 1% Resistor Tolerance Error, I2C Interface and 50-TP Memory Digital Rheostat
REV. D
More results

Similar Description - AD5271BRMZ-100

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5272BRMZ-20 AD-AD5272BRMZ-20 Datasheet
713Kb / 28P
   1024-/256-Position, 1% Resistor Tolerance Error, I2C Interface and 50-TP Memory Digital Rheostat
REV. D
AD5272 AD-AD5272 Datasheet
720Kb / 28P
   1024-/256-Position, 1% Resistor Tolerance Error, I2C Interface and 50-TP Memory Digital Rheostat
REV. D
AD5174 AD-AD5174 Datasheet
1,009Kb / 20P
   Single-Channel, 1024-Position, Digital Rheostat with SPI Interface and 50-TP Memory
REV. 0
AD5175 AD-AD5175 Datasheet
1Mb / 20P
   Single-Channel, 1024-Position, Digital Rheostat with I2C Interface and 50-TP Memory
REV. 0
AD5291 AD-AD5291 Datasheet
650Kb / 28P
   256-/1024-Position, DigiPOT Potentiometers with Maximum 짹1% R-Tolerance Error and 20-TP Memory
REV. 0
ADN2850 AD-ADN2850_15 Datasheet
604Kb / 28P
   Nonvolatile Memory, Dual 1024-Position Digital Resistor
Rev. E
ADN2850 AD-ADN2850_16 Datasheet
749Kb / 30P
   Nonvolatile Memory, Dual 1024-Position Digital Resistor
ADN2850BRUZ25-RL7 AD-ADN2850BRUZ25-RL7 Datasheet
604Kb / 28P
   Nonvolatile Memory, Dual 1024-Position Digital Resistor
Rev. E
AD5292BRUZ-100 AD-AD5292BRUZ-100 Datasheet
1Mb / 32P
   256-/1024-Position, Digital Potentiometers
REV. D
AD5291 AD-AD5291_14 Datasheet
1,019Kb / 30P
   256-/1024-Position, Digital Potentiometers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com