Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD5270BRMZ-100-RL7 Datasheet(PDF) 3 Page - Analog Devices

Part # AD5270BRMZ-100-RL7
Description  1024-/256-Position, 1% Resistor Tolerance Error, SPI Interface and 50-TP Memory Digital Rheostat
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5270BRMZ-100-RL7 Datasheet(HTML) 3 Page - Analog Devices

  AD5270BRMZ-100-RL7 Datasheet HTML 1Page - Analog Devices AD5270BRMZ-100-RL7 Datasheet HTML 2Page - Analog Devices AD5270BRMZ-100-RL7 Datasheet HTML 3Page - Analog Devices AD5270BRMZ-100-RL7 Datasheet HTML 4Page - Analog Devices AD5270BRMZ-100-RL7 Datasheet HTML 5Page - Analog Devices AD5270BRMZ-100-RL7 Datasheet HTML 6Page - Analog Devices AD5270BRMZ-100-RL7 Datasheet HTML 7Page - Analog Devices AD5270BRMZ-100-RL7 Datasheet HTML 8Page - Analog Devices AD5270BRMZ-100-RL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
Data Sheet
AD5270/AD5271
Rev. F | Page 3 of 24
SPECIFICATIONS
ELECTRICAL CHARACTERISTICS—AD5270
VDD = 2.7 V to 5.5 V, VSS = 0 V; VDD = 2.5 V to 2.75 V, VSS = −2.5 V to −2.75 V; −40°C < TA < +125°C, unless otherwise noted.
Table 1.
Parameter
Symbol
Test Conditions/Comments
Min
Typ1
Max
Unit
DC CHARACTERISTICS—RHEOSTAT MODE
Resolution
10
Bits
Resistor Integral Nonlinearity2, 3
R-INL
RAW = 20 kΩ, |VDD − VSS| = 3.0 V to 5.5 V
−1
+1
LSB
RAW = 20 kΩ, |VDD − VSS| = 2.7 V to 3.0 V
−1
+1.5
LSB
RAW = 50 kΩ, 100 kΩ
−1
+1
LSB
Resistor Differential Nonlinearity2
R-DNL
−1
+1
LSB
Nominal Resistor Tolerance
R-Perf Mode4
See
Table 2 and Table 3
−1
±0.5
+1
%
Normal Mode
±15
%
Resistance Temperature Coefficient5, 6
Code = full scale
5
ppm/°C
Wiper Resistance
Code = zero scale
35
70
RESISTOR TERMINALS
Terminal Voltage Range5, 7
VSS
VDD
V
Capacitance5 A
f = 1 MHz, measured to GND, code =
half scale
90
pF
Capacitance5 W
f = 1 MHz, measured to GND, code =
half scale
40
pF
Common-Mode Leakage Current5
VA = VW
50
nA
DIGITAL INPUTS
Input Logic5
High
VINH
2.0
V
Low
VINL
0.8
V
Input Current
IIN
±1
µA
Input Capacitance5
CIN
5
pF
DIGITAL OUTPUT
Output Voltage5
High
VOH
RPULL_UP = 2.2 kΩ to VDD
VDD − 0.1
V
Low
VOL
RPULL_UP = 2.2 kΩ to VDD
VDD = 2.7 V to 5.5 V, VSS = 0 V
0.4
V
VDD = 2.5 V to 2.75 V, VSS = −2.5 V to −2.75 V
0.6
V
Tristate Leakage Current
−1
+1
µA
Output Capacitance5
5
pF
POWER SUPPLIES
Single-Supply Power Range
VSS = 0 V
2.7
5.5
V
Dual-Supply Power Range
±2.5
±2.75
V
Supply Current
Positive
IDD
1
µA
Negative
ISS
−1
µA
50-TP Store Current5, 8
Positive
IDD_OTP_STORE
4
mA
Negative
ISS_OTP_STORE
−4
mA
OTP Read Current5, 9
Positive
IDD_OTP_READ
500
µA
Negative
ISS_OTP_READ
−500
µA


Similar Part No. - AD5270BRMZ-100-RL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5270-20 AD-AD5270-20 Datasheet
223Kb / 5P
   Devices Connected
More results

Similar Description - AD5270BRMZ-100-RL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5272BRMZ-20 AD-AD5272BRMZ-20 Datasheet
713Kb / 28P
   1024-/256-Position, 1% Resistor Tolerance Error, I2C Interface and 50-TP Memory Digital Rheostat
REV. D
AD5272 AD-AD5272 Datasheet
720Kb / 28P
   1024-/256-Position, 1% Resistor Tolerance Error, I2C Interface and 50-TP Memory Digital Rheostat
REV. D
AD5174 AD-AD5174 Datasheet
1,009Kb / 20P
   Single-Channel, 1024-Position, Digital Rheostat with SPI Interface and 50-TP Memory
REV. 0
AD5175 AD-AD5175 Datasheet
1Mb / 20P
   Single-Channel, 1024-Position, Digital Rheostat with I2C Interface and 50-TP Memory
REV. 0
AD5291 AD-AD5291 Datasheet
650Kb / 28P
   256-/1024-Position, DigiPOT Potentiometers with Maximum 짹1% R-Tolerance Error and 20-TP Memory
REV. 0
ADN2850 AD-ADN2850_15 Datasheet
604Kb / 28P
   Nonvolatile Memory, Dual 1024-Position Digital Resistor
Rev. E
ADN2850 AD-ADN2850_16 Datasheet
749Kb / 30P
   Nonvolatile Memory, Dual 1024-Position Digital Resistor
ADN2850BRUZ25-RL7 AD-ADN2850BRUZ25-RL7 Datasheet
604Kb / 28P
   Nonvolatile Memory, Dual 1024-Position Digital Resistor
Rev. E
AD5292BRUZ-100 AD-AD5292BRUZ-100 Datasheet
1Mb / 32P
   256-/1024-Position, Digital Potentiometers
REV. D
AD5291 AD-AD5291_14 Datasheet
1,019Kb / 30P
   256-/1024-Position, Digital Potentiometers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com