Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A1425A-1CQ132B Datasheet(PDF) 38 Page - Actel Corporation

Part # A1425A-1CQ132B
Description  HiRel FPGAs
Download  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

A1425A-1CQ132B Datasheet(HTML) 38 Page - Actel Corporation

Back Button A1425A-1CQ132B Datasheet HTML 34Page - Actel Corporation A1425A-1CQ132B Datasheet HTML 35Page - Actel Corporation A1425A-1CQ132B Datasheet HTML 36Page - Actel Corporation A1425A-1CQ132B Datasheet HTML 37Page - Actel Corporation A1425A-1CQ132B Datasheet HTML 38Page - Actel Corporation A1425A-1CQ132B Datasheet HTML 39Page - Actel Corporation A1425A-1CQ132B Datasheet HTML 40Page - Actel Corporation A1425A-1CQ132B Datasheet HTML 41Page - Actel Corporation A1425A-1CQ132B Datasheet HTML 42Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 98 page
background image
38
A1 42 5A T i m i n g C har a c t e r i st i c s (continued)
(W or s t - C as e M i l i t a r y Cond i t i o n s , V CC = 4.5 V, TJ = 1 25°C)
‘–1’ Speed
‘Std’ Speed
Parameter
Description
Min.
Max.
Min.
Max.
Units
CMOS Output Module Timing1
tDHS
Data to Pad, High Slew
9.2
10.8
ns
tDLS
Data to Pad, Low Slew
17.3
20.3
ns
tENZHS
Enable to Pad, Z to H/L, High Slew
7.7
9.1
ns
tENZLS
Enable to Pad, Z to H/L, Low Slew
13.1
15.5
ns
tENHSZ
Enable to Pad, H/L to Z, High Slew
9.9
11.6
ns
tENLSZ
Enable to Pad, H/L to Z, Low Slew
10.5
11.6
ns
tCKHS
IOCLK Pad to Pad H/L, High Slew
12.5
13.7
ns
tCKLS
IOCLK Pad to Pad H/L, Low Slew
18.1
20.1
ns
dTLHHS
Delta Low to High, High Slew
0.06
0.07
ns/pF
dTLHLS
Delta Low to High, Low Slew
0.11
0.13
ns/pF
dTHLHS
Delta High to Low, High Slew
0.04
0.05
ns/pF
dTHLLS
Delta High to Low, Low Slew
0.05
0.06
ns/pF
Dedicated (Hard-Wired) I/O Clock Network
tIOCKH
Input Low to High
(Pad to I/O Module Input)
3.0
3.5
ns
tIOPWH
Minimum Pulse Width High
3.9
4.4
ns
tIOPWL
Minimum Pulse Width Low
3.9
4.4
ns
tIOSAPW
Minimum Asynchronous Pulse Width
3.9
4.4
ns
tIOCKSW
Maximum Skew
0.5
0.5
ns
tIOP
Minimum Period
7.9
9.3
ns
fIOMAX
Maximum Frequency
125
100
MHz
Dedicated (Hard-Wired) Array Clock Network
tHCKH
Input Low to High
(Pad to S-Module Input)
4.6
5.3
ns
tHCKL
Input High to Low
(Pad to S-Module Input)
4.6
5.3
ns
tHPWH
Minimum Pulse Width High
3.9
4.4
ns
tHPWL
Minimum Pulse Width Low
3.9
4.4
ns
tHCKSW
Maximum Skew
0.4
0.4
ns
tHP
Minimum Period
7.9
9.3
ns
fHMAX
Maximum Frequency
125
100
MHz
Notes:
1.
Delays based on 35 pF loading.
2.
SSO information can be found in the Simultaneously Switching Output Limits for Actel FPGAs application note at
http://www.actel.com/appnotes.


Similar Part No. - A1425A-1CQ132B

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
A1425A-1CQ132B ACTEL-A1425A-1CQ132B Datasheet
1Mb / 98P
   Highly Predictable Performance with 100% Automatic Placement and Routing
More results

Similar Description - A1425A-1CQ132B

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
A1010B-PQ100C ACTEL-A1010B-PQ100C Datasheet
1Mb / 98P
   HiRel FPGAs
A1020B-2PLG44I ACTEL-A1020B-2PLG44I Datasheet
1Mb / 98P
   HiRel FPGAs
A1020B-PG84M ACTEL-A1020B-PG84M Datasheet
1Mb / 98P
   HiRel FPGAs
A1020B-PL68C ACTEL-A1020B-PL68C Datasheet
1Mb / 98P
   HiRel FPGAs
A1010B-1PL68C ACTEL-A1010B-1PL68C Datasheet
1Mb / 98P
   HiRel FPGAs
A1010B-PLG68C ACTEL-A1010B-PLG68C Datasheet
1Mb / 98P
   HiRel FPGAs
A14100A-1CQ256B ACTEL-A14100A-1CQ256B Datasheet
1Mb / 98P
   HiRel FPGAs
A54SX32A-1CQ208M ACTEL-A54SX32A-1CQ208M Datasheet
455Kb / 50P
   HiRel SX-A Family FPGAs
RT54SX32-1CQ256B ACTEL-RT54SX32-1CQ256B Datasheet
393Kb / 46P
   SX Family FPGAs RadTolerant and HiRel
logo
Texas Instruments
OMAP3525-HIREL TI-OMAP3525-HIREL Datasheet
3Mb / 239P
[Old version datasheet]   OMAP3525-HiRel and OMAP3530-HiRel Applications Processors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com