Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP303LSN30T1 Datasheet(PDF) 18 Page - ON Semiconductor

Part # NCP303LSN30T1
Description  Voltage Detector Series with Programmable Delay
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP303LSN30T1 Datasheet(HTML) 18 Page - ON Semiconductor

Back Button NCP303LSN30T1 Datasheet HTML 14Page - ON Semiconductor NCP303LSN30T1 Datasheet HTML 15Page - ON Semiconductor NCP303LSN30T1 Datasheet HTML 16Page - ON Semiconductor NCP303LSN30T1 Datasheet HTML 17Page - ON Semiconductor NCP303LSN30T1 Datasheet HTML 18Page - ON Semiconductor NCP303LSN30T1 Datasheet HTML 19Page - ON Semiconductor NCP303LSN30T1 Datasheet HTML 20Page - ON Semiconductor NCP303LSN30T1 Datasheet HTML 21Page - ON Semiconductor NCP303LSN30T1 Datasheet HTML 22Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 26 page
background image
NCP302, NCP303
http://onsemi.com
18
Figure 41. Microprocessor Reset Circuit with Additional Hysteresis
2
1
NCP301
LSN27T1
3
VDD
GN
D
Reset Output
Input
RH
RL
NCP301
LSN27T1
GN
D
NCP303
LSN27T1
GN
D
GN
D
Reset
VDD
Microprocessor
5
CD
Comparator hysteresis can be increased with the addition of
resistor RH. The hysteresis equations have been simplified and
do not account for the change of input current Iin as Vin crosses
the comparator threshold. The internal resistance, Rin is simply
calculated using Iin = 0.26 mA at 2.6 V.
Vin Decreasing:
Vth +
RH
Rin
) 1 VDET*
Vin Increasing:
Vth +
RH
Rin ø RL
) 1 VDET* ) VHYS
VHYS = Vin Increasing − Vin Decreasing
Test Data
Vth Decreasing
(V)
Vth Increasing
(V)
VHYS
(V)
RH
(W)
RL
(kW)
2.70
2.70
2.70
2.70
2.70
2.70
2.70
2.70
2.70
2.70
2.84
2.87
2.88
2.91
2.90
2.94
2.98
2.70
3.04
3.15
0.135
0.17
0.19
0.21
0.20
0.24
0.28
0.27
0.34
0.35
0
100
100
100
220
220
220
470
470
470
10
6.8
4.3
10
6.8
4.3
10
6.8
4.3
Figure 42. Simple Clock Oscillator
NCP301
LSN27T1
GN
D
Reset Output
Input
82 k
NCP301
LSN27T1
GN
D
NCP302
HSN27T1
GN
D
C
5.0 V
100 k
C (mF)
fOSC (kHz)
IQ (mA)
0.01
2590
21.77
0.1
490
21.97
1.0
52
22.07
Test Data
5
CD
2
3
1


Similar Part No. - NCP303LSN30T1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP303LSN30T1 ONSEMI-NCP303LSN30T1 Datasheet
183Kb / 26P
   Voltage Detector Series with Programmable Delay
January, 2005 ??Rev. 14.5
NCP303LSN30T1 ONSEMI-NCP303LSN30T1 Datasheet
194Kb / 26P
   Voltage Detector Series with Programmable Delay
May, 2006 ??Rev. 19
NCP303LSN30T1 ONSEMI-NCP303LSN30T1 Datasheet
177Kb / 26P
   Voltage Detector Series
May, 2014 ??Rev. 26
NCP303LSN30T1G ONSEMI-NCP303LSN30T1G Datasheet
183Kb / 26P
   Voltage Detector Series with Programmable Delay
January, 2005 ??Rev. 14.5
NCP303LSN30T1G ONSEMI-NCP303LSN30T1G Datasheet
194Kb / 26P
   Voltage Detector Series with Programmable Delay
May, 2006 ??Rev. 19
More results

Similar Description - NCP303LSN30T1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP302 ONSEMI-NCP302 Datasheet
183Kb / 26P
   Voltage Detector Series with Programmable Delay
January, 2005 ??Rev. 14.5
NCP302 ONSEMI-NCP302_06 Datasheet
194Kb / 26P
   Voltage Detector Series with Programmable Delay
May, 2006 ??Rev. 19
logo
Semtech Corporation
SC1437 SEMTECH-SC1437 Datasheet
93Kb / 8P
   Precision Voltage Detector With Programmable Trigger Voltage & Timer Delay
logo
Agamem Microelectronic ...
AA16 AGAMEM-AA16 Datasheet
205Kb / 12P
   Voltage detector with delay
logo
RICOH electronics devic...
RN5VD RICOH-RN5VD Datasheet
198Kb / 28P
   VOLTAGE DETECTOR WITH OUTPUT DELAY
logo
New Japan Radio
NJU7708 NJRC-NJU7708 Datasheet
81Kb / 9P
   VOLTAGE DETECTOR with Delay Function
logo
ELM Electronics
ELM76 ELM-ELM76 Datasheet
1Mb / 16P
   CMOS Voltage detector with delay function
logo
Pericom Semiconductor C...
PT7M6518 PERICOM-PT7M6518 Datasheet
504Kb / 8P
   Voltage Detector with Adjustable Delay Time
logo
ELM Technology Corporat...
ELM76 ELM-TECH-ELM76 Datasheet
1Mb / 16P
   CMOS Voltage detector with delay function
logo
Microchip Technology
TC51N5002ECBTR MICROCHIP-TC51N5002ECBTR Datasheet
449Kb / 14P
   1A Voltage Detector with Output Delay
05/01/02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com