Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SBRD8835LG Datasheet(PDF) 1 Page - ON Semiconductor

Part # SBRD8835LG
Description  SWITCHMODE Power Rectifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SBRD8835LG Datasheet(HTML) 1 Page - ON Semiconductor

  SBRD8835LG Datasheet HTML 1Page - ON Semiconductor SBRD8835LG Datasheet HTML 2Page - ON Semiconductor SBRD8835LG Datasheet HTML 3Page - ON Semiconductor SBRD8835LG Datasheet HTML 4Page - ON Semiconductor SBRD8835LG Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© Semiconductor Components Industries, LLC, 2012
November, 2012 − Rev. 11
1
Publication Order Number:
MBRD835L/D
MBRD835LG,
MBRD835LT4G,
SBRD8835LG,
SBRD8835LT4G
SWITCHMODE
Power Rectifier
DPAK Surface Mount Package
This SWITCHMODE power rectifier which uses the Schottky
Barrier principle with a proprietary barrier metal, is designed for use
as output rectifiers, free wheeling, protection and steering diodes in
switching power supplies, inverters and other inductive switching
circuits.
Features
Low Forward Voltage
150°C Operating Junction Temperature
Epoxy Meets UL 94 V−0 @ 0.125 in
Compact Size
Lead Formed for Surface Mount
SBRD8 Prefix for Automotive and Other Applications Requiring
Unique Site and Control Change Requirements; AEC−Q101
Qualified and PPAP Capable
These Devices are Pb−Free and are RoHS Compliant*
Mechanical Characteristics
Case: Epoxy, Molded
Weight: 0.4 Gram (Approximately)
Finish: All External Surfaces Corrosion Resistant and Terminal
Leads are Readily Solderable
Lead and Mounting Surface Temperature for Soldering Purposes:
260
°C Max. for 10 Seconds
Shipped 75 Units Per Plastic Tube
ESD Rating:
Machine Model = C (> 400 V)
Human Body Model = 3B (> 8000 V)
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
Device
Package
Shipping
ORDERING INFORMATION
SCHOTTKY BARRIER
RECTIFIER
8.0 AMPERES, 35 VOLTS
4
1
3
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
MBRD835LT4G
DPAK
(Pb−Free)
2,500 /
Tape & Reel **
DPAK
CASE 369C
MARKING DIAGRAM
B835LG = Specific Device Number
Y
= Year
WW
= Work Week
G
= Pb−Free Device
YWW
B
835LG
MBRD835LG
DPAK
(Pb−Free)
75 Units / Rail
http://onsemi.com
SBRD8835LG
DPAK
(Pb−Free)
75 Units / Rail
SBRD8835LT4G
DPAK
(Pb−Free)
2,500 /
Tape & Reel **
**
16 mm Tape, 13” Reel


Similar Part No. - SBRD8835LG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SBRD8835LG ONSEMI-SBRD8835LG Datasheet
215Kb / 6P
   Switch-mode Power Rectifier DPAK Surface Mount Package
August, 2020 - Rev. 13
SBRD8835LG-VF01 ONSEMI-SBRD8835LG-VF01 Datasheet
215Kb / 6P
   Switch-mode Power Rectifier DPAK Surface Mount Package
August, 2020 - Rev. 13
More results

Similar Description - SBRD8835LG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBR3045PT ONSEMI-MBR3045PT Datasheet
64Kb / 4P
   SWITCHMODE Power Rectifier
February, 2006 ??Rev. 3
MBRD835L ONSEMI-MBRD835L_10 Datasheet
113Kb / 5P
   SWITCHMODE Power Rectifier
July, 2010 ??Rev. 9
MBR3045ST ONSEMI-MBR3045ST_11 Datasheet
106Kb / 5P
   SWITCHMODE??Power Rectifier
January, 2011 ??Rev. 8
MBR7030WT ONSEMI-MBR7030WT_10 Datasheet
123Kb / 4P
   SWITCHMODE Power Rectifier
March, 2010 ??Rev. 3
MURF1660CT ONSEMI-MURF1660CT_07 Datasheet
83Kb / 4P
   SWITCHMODE Power Rectifier
June, 2007 - Rev. 5
MURD620CT ONSEMI-MURD620CT_11 Datasheet
101Kb / 4P
   SWITCHMODE Power Rectifier
January, 2011 ??Rev. 9
NRVBB4030T4G ONSEMI-NRVBB4030T4G Datasheet
144Kb / 6P
   SWITCHMODE Power Rectifier
January, 2012 ??Rev. 7
MBR16100CT ONSEMI-MBR16100CT Datasheet
124Kb / 5P
   SWITCHMODE Power Rectifier
May, 2008 ??Rev. 5
MBRB3030CTL ONSEMI-MBRB3030CTL Datasheet
91Kb / 8P
   SWITCHMODE Power Rectifier
August, 2005 ??Rev. 6
MUR220 ONSEMI-MUR220 Datasheet
52Kb / 6P
   SWITCHMODE Power Rectifier
April, 2003 - Rev. 4
MBRB30H60CT-1G ONSEMI-MBRB30H60CT-1G_12 Datasheet
170Kb / 10P
   SWITCHMODE Power Rectifier
January, 2012 ??Rev. 10
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com