Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTB85N03 Datasheet(PDF) 7 Page - ON Semiconductor

Part # NTB85N03
Description  Power MOSFET 85 Amps, 28 Volts N?묬hannel TO??20 and D2PAK
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTB85N03 Datasheet(HTML) 7 Page - ON Semiconductor

  NTB85N03 Datasheet HTML 1Page - ON Semiconductor NTB85N03 Datasheet HTML 2Page - ON Semiconductor NTB85N03 Datasheet HTML 3Page - ON Semiconductor NTB85N03 Datasheet HTML 4Page - ON Semiconductor NTB85N03 Datasheet HTML 5Page - ON Semiconductor NTB85N03 Datasheet HTML 6Page - ON Semiconductor NTB85N03 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
NTP85N03, NTB85N03
http://onsemi.com
7
PACKAGE DIMENSIONS
TO−220
CASE 221A−09
ISSUE AA
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: INCH.
3. DIMENSION Z DEFINES A ZONE WHERE ALL
BODY AND LEAD IRREGULARITIES ARE
ALLOWED.
DIM
MIN
MAX
MIN
MAX
MILLIMETERS
INCHES
A
0.570
0.620
14.48
15.75
B
0.380
0.405
9.66
10.28
C
0.160
0.190
4.07
4.82
D
0.025
0.035
0.64
0.88
F
0.142
0.147
3.61
3.73
G
0.095
0.105
2.42
2.66
H
0.110
0.155
2.80
3.93
J
0.018
0.025
0.46
0.64
K
0.500
0.562
12.70
14.27
L
0.045
0.060
1.15
1.52
N
0.190
0.210
4.83
5.33
Q
0.100
0.120
2.54
3.04
R
0.080
0.110
2.04
2.79
S
0.045
0.055
1.15
1.39
T
0.235
0.255
5.97
6.47
U
0.000
0.050
0.00
1.27
V
0.045
−−−
1.15
−−−
Z
−−−
0.080
−−−
2.04
B
Q
H
Z
L
V
G
N
A
K
F
12 3
4
D
SEATING
PLANE
−T−
C
S
T
U
R
J
STYLE 5:
PIN 1. GATE
2. DRAIN
3. SOURCE
4. DRAIN
ON Semiconductor and
are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice
to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability
arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages.
“Typical” parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All
operating parameters, including “Typicals” must be validated for each customer application by customer’s technical experts. SCILLC does not convey any license under its patent rights
nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications
intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should
Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates,
and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death
associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal
Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
N. American Technical Support: 800−282−9855 Toll Free
USA/Canada
Japan: ON Semiconductor, Japan Customer Focus Center
2−9−1 Kamimeguro, Meguro−ku, Tokyo, Japan 153−0051
Phone: 81−3−5773−3850
NTP85N03/D
LITERATURE FULFILLMENT:
Literature Distribution Center for ON Semiconductor
P.O. Box 61312, Phoenix, Arizona 85082−1312 USA
Phone: 480−829−7710 or 800−344−3860 Toll Free USA/Canada
Fax: 480−829−7709 or 800−344−3867 Toll Free USA/Canada
Email: orderlit@onsemi.com
ON Semiconductor Website: http://onsemi.com
Order Literature: http://www.onsemi.com/litorder
For additional information, please contact your
local Sales Representative.


Similar Part No. - NTB85N03

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTB85N03 ONSEMI-NTB85N03 Datasheet
80Kb / 12P
   Power MOSFET 85 Amps, 28 Volts
October, 2003 ??Rev. 1
NTB85N03T4 ONSEMI-NTB85N03T4 Datasheet
80Kb / 12P
   Power MOSFET 85 Amps, 28 Volts
October, 2003 ??Rev. 1
More results

Similar Description - NTB85N03

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTP75N03-06 ONSEMI-NTP75N03-06 Datasheet
60Kb / 8P
   Power MOSFET 75 Amps, 30 Volts N?묬hannel TO??20 and D2PAK
December, 2003 ??Rev. 4
NTB45N06G ONSEMI-NTB45N06G Datasheet
86Kb / 7P
   Power MOSFET 45 Amps, 60 Volts N?묬hannel TO??20 and D2PAK
August, 2005 ??Rev. 1
NTB75N03RG ONSEMI-NTB75N03RG Datasheet
96Kb / 8P
   Power MOSFET 75 Amps, 25 Volts N?묬hannel D2PAK, TO??20
June, 2006 ??Rev. 4
NTB4302T4G ONSEMI-NTB4302T4G Datasheet
86Kb / 7P
   Power MOSFET 74 Amps, 30 Volts N?묬hannel TO??20 & D2PAK
August, 2005 ??Rev. 3
NTP45N06LG ONSEMI-NTP45N06LG Datasheet
86Kb / 8P
   Power MOSFET 45 Amps, 60 Volts Logic Level, N?묬hannel TO??20 and D2PAK
August, 2005 ??Rev. 2
NTP60N06L ONSEMI-NTP60N06L Datasheet
94Kb / 8P
   Power MOSFET 60 Amps, 60 Volts, Logic Level N?묬hannel TO??20 and D2PAK
August, 2005 ??Rev. 3
NTP45N06L ONSEMI-NTP45N06L Datasheet
87Kb / 8P
   45 Amps, 60 Volts, Logic Level, N?묬hannel TO??20 and D2PAK
August, 2004 ??Rev. 1
NTB23N03R ONSEMI-NTB23N03R Datasheet
63Kb / 6P
   Power MOSFET 23 Amps, 25 Volts N?묬hannel D2PAK
August, 2005 ??Rev. 2
NTP85N03 ONSEMI-NTP85N03 Datasheet
80Kb / 12P
   Power MOSFET 85 Amps, 28 Volts
October, 2003 ??Rev. 1
NTBV45N06 ONSEMI-NTBV45N06 Datasheet
66Kb / 8P
   Power MOSFET 45 Amps, 60 Volts N?밅hannel TO??20 and D2PAK
March, 2001 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com