Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV8440ASTT1G Datasheet(PDF) 8 Page - ON Semiconductor

Part # NCV8440ASTT1G
Description  Protected Power MOSFET 2.6 A, 52 V, N?묬hannel, Logic Level, Clamped MOSFET w/ ESD Protection
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV8440ASTT1G Datasheet(HTML) 8 Page - ON Semiconductor

  NCV8440ASTT1G Datasheet HTML 1Page - ON Semiconductor NCV8440ASTT1G Datasheet HTML 2Page - ON Semiconductor NCV8440ASTT1G Datasheet HTML 3Page - ON Semiconductor NCV8440ASTT1G Datasheet HTML 4Page - ON Semiconductor NCV8440ASTT1G Datasheet HTML 5Page - ON Semiconductor NCV8440ASTT1G Datasheet HTML 6Page - ON Semiconductor NCV8440ASTT1G Datasheet HTML 7Page - ON Semiconductor NCV8440ASTT1G Datasheet HTML 8Page - ON Semiconductor NCV8440ASTT1G Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
NCV8440, NCV8440A
http://onsemi.com
8
ORDERING INFORMATION
Device
Package
Shipping
NCV8440STT1G
SOT−223
(Pb−Free)
1000 / Tape & Reel
NCV8440ASTT1G
SOT−223
(Pb−Free)
1000 / Tape & Reel
NCV8440STT3G
SOT−223
(Pb−Free)
4000 / Tape & Reel
NCV8440ASTT3G
SOT−223
(Pb−Free)
4000 / Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.


Similar Part No. - NCV8440ASTT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8440ASTT1G ONSEMI-NCV8440ASTT1G Datasheet
89Kb / 9P
   Protected Power MOSFET
May, 2016 ??Rev. 7
More results

Similar Description - NCV8440ASTT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8440 ONSEMI-NCV8440 Datasheet
154Kb / 8P
   Protected Power MOSFET 2.6 A, 52 V, N?묬hannel, Logic Level, Clamped MOSFET w/ ESD Protection
December, 2009 ??Rev. 5
NID9N05ACLT4G ONSEMI-NID9N05ACLT4G Datasheet
123Kb / 7P
   9.0 A, 52 V, N?묬hannel, Logic Level, Clamped MOSFET w/ESD Protection in a DPAK Package
December, 2013 ??Rev. 10
NTD6600N ONSEMI-NTD6600N Datasheet
69Kb / 6P
   Power MOSFET 100 V, 12 A, N?묬hannel, Logic Level DPAK
March, 2007 ??Rev. 4
NTTFS4939N ONSEMI-NTTFS4939N Datasheet
149Kb / 7P
   Power MOSFET 30 V, 52 A, Single N?묬hannel, 8FL
October, 2009 ??Rev. 0
NTF3055L108 ONSEMI-NTF3055L108 Datasheet
80Kb / 6P
   Power MOSFET 3.0 A, 60 V, Logic Level, N?묬hannel SOT??23
December, 2005 ??Rev. 4
NVF3055L108T1G ONSEMI-NVF3055L108T1G Datasheet
117Kb / 6P
   Power MOSFET 3.0 A, 60 V, Logic Level, N?묬hannel SOT??23
October, 2011 ??Rev. 6
MTP10N10EL ONSEMI-MTP10N10EL Datasheet
107Kb / 8P
   Power MOSFET 10 A, 100 V, Logic Level, N?묬hannel TO??20
March, 2005 ??Rev. 4
NTMYS7D3N04CL ONSEMI-NTMYS7D3N04CL Datasheet
322Kb / 7P
   Power MOSFET 40 V, 7.3 m, 52 A, Single N?묬hannel
March, 2019-Rev. 0
NTMFS4C08NT1G ONSEMI-NTMFS4C08NT1G Datasheet
129Kb / 7P
   Power MOSFET 30 V, 52 A, Single N?묬hannel, SO?? FL
March, 2013 ??Rev. 1
NTMFS4C09NT1G ONSEMI-NTMFS4C09NT1G Datasheet
132Kb / 7P
   Power MOSFET 30 V, 52 A, Single N?묬hannel, SO?? FL
November, 2013 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com