Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MPSW51 Datasheet(PDF) 3 Page - Motorola, Inc

Part # MPSW51
Description  ne Watt High Current Transistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPSW51 Datasheet(HTML) 3 Page - Motorola, Inc

  MPSW51 Datasheet HTML 1Page - Motorola, Inc MPSW51 Datasheet HTML 2Page - Motorola, Inc MPSW51 Datasheet HTML 3Page - Motorola, Inc MPSW51 Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MPSW51 MPSW51A
3
Motorola Small–Signal Transistors, FETs and Diodes Device Data
Figure 5. Current Gain — Bandwidth Product
Figure 6. Capacitance
–20
–100
–10
IC, COLLECTOR CURRENT (mA)
200
100
70
50
30
VR, REVERSE VOLTAGE (VOLTS)
–5.0
–20
Cobo
160
120
80
0
–50
–200
–1000
–500
300
–10
–25
–15
40
TJ = 25°C
–1.0
–4.0
Cibo
–2.0
–5.0
–3.0
Cobo
Cibo
VCE = –10 V
TJ = 25°C
f = 20 MHz
Figure 7. Active Region — Safe Operating
Area
–10
–1.0
VCE, COLLECTOR–EMITTER VOLTAGE (VOLTS)
–500
–200
–100
–50
–20
–10
–30
–2.0
–5.0
–40
–1.0 k
MPSW51
CURRENT LIMIT
THERMAL LIMIT
SECOND BREAKDOWN LIMIT
MPSW51A
–20
DUTY CYCLE
≤ 10%
TA = 25°C
TC = 25°C
1.0 ms
1.0 ms
100
ms


Similar Part No. - MPSW51

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MPSW51 ONSEMI-MPSW51 Datasheet
100Kb / 4P
   One Watt High Current Transistors PNP Silicon
March, 2006 ??Rev. 3
MPSW51 ONSEMI-MPSW51 Datasheet
102Kb / 5P
   One Watt High Current Transistors
August, 2010 ??Rev. 4
logo
Foshan Blue Rocket Elec...
MPSW51 FOSHAN-MPSW51 Datasheet
957Kb / 6P
   Silicon PNP transistor in a TO-92 Plastic Package
logo
Jiangsu Changjiang Elec...
MPSW51 JIANGSU-MPSW51 Datasheet
381Kb / 3P
   TO-92 Plastic-Encapsulate Transistors
logo
Micro Commercial Compon...
MPSW51 MCC-MPSW51 Datasheet
509Kb / 3P
   PNP Plastic-Encapsulate Transistors
More results

Similar Description - MPSW51

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MPSW51 ONSEMI-MPSW51_10 Datasheet
102Kb / 5P
   One Watt High Current Transistors
August, 2010 ??Rev. 4
logo
Motorola, Inc
MPSW01 MOTOROLA-MPSW01 Datasheet
89Kb / 4P
   One Watt High Current Transistors
logo
ON Semiconductor
MPSW51 ONSEMI-MPSW51 Datasheet
100Kb / 4P
   One Watt High Current Transistors PNP Silicon
March, 2006 ??Rev. 3
MPSW01 ONSEMI-MPSW01 Datasheet
137Kb / 4P
   One Watt High Current Transistors NPN Silicon
February, 2010 ??Rev. 5
logo
Motorola, Inc
BC490 MOTOROLA-BC490 Datasheet
249Kb / 6P
   High Current Transistors
logo
ON Semiconductor
BC637 ONSEMI-BC637 Datasheet
66Kb / 4P
   High Current Transistors
March, 2007 ??Rev. 0
BC636 ONSEMI-BC636 Datasheet
56Kb / 4P
   High Current Transistors
June, 2000 ??Rev. 1
BC637 ONSEMI-BC637_11 Datasheet
98Kb / 4P
   High Current Transistors
February, 2011 ??Rev. 1
logo
Motorola, Inc
BC635 MOTOROLA-BC635 Datasheet
116Kb / 4P
   High Current Transistors
BC636 MOTOROLA-BC636 Datasheet
116Kb / 4P
   High Current Transistors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com