Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADuC7029BBCZ62I Datasheet(PDF) 10 Page - Analog Devices

Part # ADuC7029BBCZ62I
Description  Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU
Download  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADuC7029BBCZ62I Datasheet(HTML) 10 Page - Analog Devices

Back Button ADuC7029BBCZ62I Datasheet HTML 6Page - Analog Devices ADuC7029BBCZ62I Datasheet HTML 7Page - Analog Devices ADuC7029BBCZ62I Datasheet HTML 8Page - Analog Devices ADuC7029BBCZ62I Datasheet HTML 9Page - Analog Devices ADuC7029BBCZ62I Datasheet HTML 10Page - Analog Devices ADuC7029BBCZ62I Datasheet HTML 11Page - Analog Devices ADuC7029BBCZ62I Datasheet HTML 12Page - Analog Devices ADuC7029BBCZ62I Datasheet HTML 13Page - Analog Devices ADuC7029BBCZ62I Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 104 page
background image
ADuC7019/20/21/22/24/25/26/27/28/29
Data Sheet
Rev. F | Page 10 of 104
SPECIFICATIONS
AVDD = IOVDD = 2.7 V to 3.6 V, VREF = 2.5 V internal reference, fCORE = 41.78 MHz, TA = −40°C to +125°C, unless otherwise noted.
Table 1.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
ADC CHANNEL SPECIFICATIONS
Eight acquisition clocks and fADC/2
ADC Power-Up Time
5
μs
DC Accuracy1, 2
Resolution
12
Bits
Integral Nonlinearity
±0.6
±1.5
LSB
2.5 V internal reference
±1.0
LSB
1.0 V external reference
Differential Nonlinearity3, 4
±0.5
+1/−0.9
LSB
2.5 V internal reference
+0.7/−0.6
LSB
1.0 V external reference
DC Code Distribution
1
LSB
ADC input is a dc voltage
ENDPOINT ERRORS5
Offset Error
±1
±2
LSB
Offset Error Match
±1
LSB
Gain Error
±2
±5
LSB
Gain Error Match
±1
LSB
DYNAMIC PERFORMANCE
fIN = 10 kHz sine wave, fSAMPLE = 1 MSPS
Signal-to-Noise Ratio (SNR)
69
dB
Includes distortion and noise components
Total Harmonic Distortion (THD)
−78
dB
Peak Harmonic or Spurious Noise
(PHSN)
−75
dB
Channel-to-Channel Crosstalk
−80
dB
Measured on adjacent channels
ANALOG INPUT
Input Voltage Ranges
Differential Mode
VCM6 ± VREF/2
V
Single-Ended Mode
0 to VREF
V
Leakage Current
±1
±6
µA
Input Capacitance
20
pF
During ADC acquisition
ON-CHIP VOLTAGE REFERENCE
0.47 µF from VREF to AGND
Output Voltage
2.5
V
Accuracy
±5
mV
TA = 25°C
Reference Temperature Coefficient
±40
ppm/°C
Power Supply Rejection Ratio
75
dB
Output Impedance
70
TA = 25°C
Internal VREF Power-On Time
1
ms
EXTERNAL REFERENCE INPUT
Input Voltage Range
0.625
AVDD
V
DAC CHANNEL SPECIFICATIONS
RL = 5 kΩ, CL = 100 pF
DC Accuracy7
Resolution
12
Bits
Relative Accuracy
±2
LSB
Differential Nonlinearity
±1
LSB
Guaranteed monotonic
Offset Error
±15
mV
2.5 V internal reference
Gain Error8
±1
%
Gain Error Mismatch
0.1
%
% of full scale on DAC0
ANALOG OUTPUTS
Output Voltage Range_0
0 to DACREF
V
DACREF range: DACGND to DACVDD
Output Voltage Range_1
0 to 2.5
V
Output Voltage Range_2
0 to DACVDD
V
Output Impedance
2


Similar Part No. - ADuC7029BBCZ62I

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUC7029 AD-ADUC7029_15 Datasheet
1Mb / 104P
   Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU
Rev. F
More results

Similar Description - ADuC7029BBCZ62I

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUC7019 AD-ADUC7019 Datasheet
987Kb / 92P
   Precision Analog Microcontroller 12-bit Analog I/O, ARM7TDMI MCU
REV. A
ADUC7024BSTZ62 AD-ADUC7024BSTZ62 Datasheet
1Mb / 104P
   Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU
Rev. F
ADUC7121 AD-ADUC7121 Datasheet
1Mb / 96P
   Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU
REV. 0
ADUC7022 AD-ADUC7022_15 Datasheet
1Mb / 104P
   Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU
Rev. F
ADUC7019 AD-ADUC7019_15 Datasheet
1Mb / 104P
   Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU
Rev. F
ADUC7021 AD-ADUC7021_15 Datasheet
1Mb / 104P
   Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU
Rev. F
ADUC7026 AD-ADUC7026_15 Datasheet
1Mb / 104P
   Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU
Rev. F
ADUC7028 AD-ADUC7028_15 Datasheet
1Mb / 104P
   Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU
Rev. F
ADUC702X AD-ADUC702X_1 Datasheet
841Kb / 78P
   Precision Analog Microcontroller 12-bit Analog I/O, ARM7TDMI MCU
Rev. PrA
ADUC7021BCPZ62 AD-ADUC7021BCPZ62 Datasheet
1Mb / 104P
   Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU
Rev. F
ADUC7029 AD-ADUC7029_15 Datasheet
1Mb / 104P
   Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com