Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FES16BT Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # FES16BT
Description  16 Ampere Glass Passivated Super Fast Rectifiers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FES16BT Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FES16BT Datasheet HTML 1Page - Fairchild Semiconductor FES16BT Datasheet HTML 2Page - Fairchild Semiconductor FES16BT Datasheet HTML 3Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
FES16AT - FES16JT, Rev. A
Typical Characteristics
Pulse
Generator
(Note 2)
50
NONINDUCTIVE
50
NONINDUCTIVE
DUT
(-)
(+)
OSCILLOSCOPE
(Note 1)
50
NONINDUCTIVE
50V
(approx)
Reverse Recovery Time Characterstic and Test Circuit Diagram
1.0cm
SET TIME BASE FOR
trr
+0.5A
0
-0.25A
-1.0A
5/ 10 ns/ cm
Forward Current Derating Curve
0
255075
100
125
150
175
0
4
8
12
16
20
AMBIENT TEMPERATURE ( C)
º
SINGLE PHASE
HALF WAVE
60HZ
RESISTIVE OR
INDUCTIVE LOAD
.375" (9.0mm) LEAD
LENGTHS
Reverse Characteristics
0
2040
6080
100
120
140
0.1
1
10
100
1000
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
T = 25 C
º
A
T = 100 C
º
A
Non-Repetitive Surge Current
1
2
5
10
20
50
100
0
50
100
150
200
250
NUMBER OF CYCLES AT 60Hz
Forward Characteristics
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
0.01
0.1
1
10
100
FORWARD VOLTAGE (V)
Pulse Width = 300
µs
2% Duty Cycle
T = 25 C
º
A
FES16AT-FES16DT
FES16FT-FES16JT
Junction Capacitance
1
2
5
10
20
50
100
0
50
100
150
200
250
300
REVERSE VOLTAGE (V)
FES16FT-FES16JT
FES16AT-FES16DT


Similar Part No. - FES16BT

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
FES16BT GE-FES16BT Datasheet
75Kb / 2P
   FAST EFFICIENT PLASTIC RECTIFIER
logo
Vishay Siliconix
FES16BT VISHAY-FES16BT Datasheet
187Kb / 3P
   Ultrafast Plastic Rectifiers
15-Jan-03
logo
EIC discrete Semiconduc...
FES16BT EIC-FES16BT Datasheet
49Kb / 2P
   Ultrafast Plastic Rectifiers
logo
Fairchild Semiconductor
FES16BT FAIRCHILD-FES16BT Datasheet
50Kb / 3P
   Fast Rectifiers (Glass Passivated)
logo
Vishay Siliconix
FES16BT VISHAY-FES16BT Datasheet
143Kb / 5P
   Ultrafast Plastic Rectifier
Revision: 07-Jan-08
More results

Similar Description - FES16BT

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FEP16AT FAIRCHILD-FEP16AT Datasheet
37Kb / 3P
   16 Ampere Glass Passivated Super Fast Rectifiers
logo
Thinki Semiconductor Co...
FMG22R THINKISEMI-FMG22R Datasheet
620Kb / 2P
   10.0 Ampere Insulated Glass Passivated Super Fast Recovery Rectifiers
logo
Lite-On Technology Corp...
STPR805DB LITEON-STPR805DB Datasheet
37Kb / 2P
   SUPER FAST GLASS PASSIVATED RECTIFIERS
STPR2010CT LITEON-STPR2010CT Datasheet
40Kb / 2P
   SUPER FAST GLASS PASSIVATED RECTIFIERS
logo
Taiwan Semiconductor Co...
SF31G TSC-SF31G_14 Datasheet
378Kb / 4P
   Glass Passivated Super Fast Rectifiers
SF1001G TSC-SF1001G_14 Datasheet
386Kb / 4P
   Glass Passivated Super Fast Rectifiers
logo
Silicon Standard Corp.
MUR805CT SSC-MUR805CT Datasheet
308Kb / 2P
   GLASS PASSIVATED SUPER FAST RECTIFIERS
logo
Taiwan Semiconductor Co...
SF11G TSC-SF11G_14 Datasheet
377Kb / 4P
   Glass Passivated Super Fast Rectifiers
SF11SG TSC-SF11SG_14 Datasheet
374Kb / 3P
   Glass Passivated Super Fast Rectifiers
logo
HY ELECTRONIC CORP.
SF11G HY-SF11G_17 Datasheet
134Kb / 3P
   SUPER FAST GLASS PASSIVATED RECTIFIERS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com