Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FES16AT Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FES16AT
Description  16 Ampere Glass Passivated Super Fast Rectifiers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FES16AT Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FES16AT Datasheet HTML 1Page - Fairchild Semiconductor FES16AT Datasheet HTML 2Page - Fairchild Semiconductor FES16AT Datasheet HTML 3Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
FES16AT - FES16JT, Rev. A
FES16AT - FES16JT
16 Ampere Glass Passivated Super Fast Rectifiers
Absolute Maximum Ratings*
T
A
= 25°C unless otherwise noted
*These ratings are limiting values above which the serviceability of any semiconductor device may be impaired.
Electrical Characteristics
T
A
= 25°C unless otherwise noted
©1999 Fairchild Semiconductor Corporation
Features
Low forward voltage drop.
High surge current capacity.
High current capability.
High reliability.
Parameter
Device
Units
16AT
16BT
16CT
16DT
16FT
16GT
16HT
16JT
Peak Repetitive Reverse Voltage
50
100
150
200
300
400
500
600
V
Maximum RMS Voltage
35
70
105
140
210
280
350
420
V
DC Blocking Voltage
(Rated VR)
50
100
150
200
300
400
500
600
V
Maximum Reverse Current
@ rated VR
TA = 25
°C
TA = 100
°C
10
500
µA
µA
Maximum Reverse Recovery Time
IF = 0.5 A, IR = 1.0 A, IRR = 0.25 A
35
50
nS
Maximum Forward Voltage @ 16.0A
0.975
1.3
1.5
V
Typical Junction Capacitance
VR = 4.0. f = 1.0 MHz
170
145
pF
Symbol
Parameter
Value
Units
IO
Average Rectified Current
.375 " lead length @ TA = 100
°C
16
A
if(surge)
Peak Forward Surge Current
8.3 ms single half-sine-wave
Superimposed on rated load (JEDEC method)
250
A
PD
Total Device Dissipation
Derate above 25
°C
7.81
62
W
mW/
°C
RθJA
Thermal Resistance, Junction to Ambient
16
°C/W
RθJL
Thermal Resistance, Junction to Lead
1.2
°C/W
Tstg
Storage Temperature Range
-65 to +150
°C
TJ
Operating Junction Temperature
-65 to +150
°C
Dimensions are in:
inches (mm)
DIA
12
.412(10.5)
MAX
.148(3.74)
.154(3.91)
.103(2.62)
.113(2.87)
.587(14.91)
.594(15.1)
.53(13.46)
.56(14.22)
.14(3.56)
.16(4.06)
.195(4.95)
.205(5.20)
.027(0.68)
.037(0.94)
.175(4.44)
.185(4.70)
.23(5.84)
.27(6.86)
.10(2.54)
.11(2.79)
.014(0.35)
.025(0.64)
.045(1.14)
.055(1.40)
PIN 1 +
CASE
+
PIN 2 -
CASE Positive
PIN 1 -
+
PIN 2 +
CASE Negative
Suffix “R”
TO-220AC
Discrete POWER & Signal
Technologies


Similar Part No. - FES16AT

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
FES16AT GE-FES16AT Datasheet
75Kb / 2P
   FAST EFFICIENT PLASTIC RECTIFIER
logo
Vishay Siliconix
FES16AT VISHAY-FES16AT Datasheet
187Kb / 3P
   Ultrafast Plastic Rectifiers
15-Jan-03
logo
EIC discrete Semiconduc...
FES16AT EIC-FES16AT Datasheet
49Kb / 2P
   Ultrafast Plastic Rectifiers
logo
Fairchild Semiconductor
FES16AT FAIRCHILD-FES16AT Datasheet
50Kb / 3P
   Fast Rectifiers (Glass Passivated)
logo
Vishay Siliconix
FES16AT VISHAY-FES16AT Datasheet
143Kb / 5P
   Ultrafast Plastic Rectifier
Revision: 07-Jan-08
More results

Similar Description - FES16AT

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FEP16AT FAIRCHILD-FEP16AT Datasheet
37Kb / 3P
   16 Ampere Glass Passivated Super Fast Rectifiers
logo
Thinki Semiconductor Co...
FMG22R THINKISEMI-FMG22R Datasheet
620Kb / 2P
   10.0 Ampere Insulated Glass Passivated Super Fast Recovery Rectifiers
logo
Lite-On Technology Corp...
STPR805DB LITEON-STPR805DB Datasheet
37Kb / 2P
   SUPER FAST GLASS PASSIVATED RECTIFIERS
STPR2010CT LITEON-STPR2010CT Datasheet
40Kb / 2P
   SUPER FAST GLASS PASSIVATED RECTIFIERS
logo
Taiwan Semiconductor Co...
SF31G TSC-SF31G_14 Datasheet
378Kb / 4P
   Glass Passivated Super Fast Rectifiers
SF1001G TSC-SF1001G_14 Datasheet
386Kb / 4P
   Glass Passivated Super Fast Rectifiers
logo
Silicon Standard Corp.
MUR805CT SSC-MUR805CT Datasheet
308Kb / 2P
   GLASS PASSIVATED SUPER FAST RECTIFIERS
logo
Taiwan Semiconductor Co...
SF11G TSC-SF11G_14 Datasheet
377Kb / 4P
   Glass Passivated Super Fast Rectifiers
SF11SG TSC-SF11SG_14 Datasheet
374Kb / 3P
   Glass Passivated Super Fast Rectifiers
logo
HY ELECTRONIC CORP.
SF11G HY-SF11G_17 Datasheet
134Kb / 3P
   SUPER FAST GLASS PASSIVATED RECTIFIERS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com