Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADuM1200WTRZ Datasheet(PDF) 9 Page - Analog Devices

Part # ADuM1200WTRZ
Description  Dual-Channel Digital Isolators
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADuM1200WTRZ Datasheet(HTML) 9 Page - Analog Devices

Back Button ADuM1200WTRZ Datasheet HTML 5Page - Analog Devices ADuM1200WTRZ Datasheet HTML 6Page - Analog Devices ADuM1200WTRZ Datasheet HTML 7Page - Analog Devices ADuM1200WTRZ Datasheet HTML 8Page - Analog Devices ADuM1200WTRZ Datasheet HTML 9Page - Analog Devices ADuM1200WTRZ Datasheet HTML 10Page - Analog Devices ADuM1200WTRZ Datasheet HTML 11Page - Analog Devices ADuM1200WTRZ Datasheet HTML 12Page - Analog Devices ADuM1200WTRZ Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
Data Sheet
ADuM1200/ADuM1201
Rev. I | Page 9 of 28
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions
25 Mbps (CR Grade Only)
VDD1 Supply Current
IDD1 (25)
5 V/3 V Operation
6.3
8.0
mA
12.5 MHz logic signal freq.
3 V/5 V Operation
3.4
4.8
mA
12.5 MHz logic signal freq.
VDD2 Supply Current
IDD2 (25)
5 V/3 V Operation
3.4
4.8
mA
12.5 MHz logic signal freq.
3 V/5 V Operation
6.3
8.0
mA
12.5 MHz logic signal freq.
For All Models
Input Currents
IIA, IIB
−10
+0.01
+10
μA
0 V ≤ VIA, VIB ≤ (VDD1 or VDD2)
Logic High Input Threshold
VIH
0.7 (VDD1 or VDD2)
V
Logic Low Input Threshold
VIL
0.3 (VDD1 or VDD2)
V
Logic High Output Voltages
VOAH, VOBH
(VDD1 or VDD2) − 0.1
VDD1 or VDD2
V
IOx = −20 μA, VIx = VIxH
(VDD1 or VDD2) − 0.5
(VDD1 or VDD2) − 0.2
V
IOx = −4 mA, VIx = VIxH
Logic Low Output Voltages
VOAL, VOBL
0.0
0.1
V
IOx = 20 μA, VIx = VIxL
0.04
0.1
V
IOx = 400 μA, VIx = VIxL
0.2
0.4
V
IOx = 4 mA, VIx = VIxL
SWITCHING SPECIFICATIONS
ADuM120xAR
CL = 15 pF, CMOS signal levels
Minimum Pulse Width2
PW
1000
ns
Maximum Data Rate3
1
Mbps
Propagation Delay4
tPHL, tPLH
50
150
ns
Pulse Width Distortion, |tPLH − tPHL|4
PWD
40
ns
Change vs. Temperature
11
ps/°C
Propagation Delay Skew5
tPSK
50
ns
Channel-to-Channel Matching6
tPSKCD/tPSKOD
50
ns
Output Rise/Fall Time (10% to 90%)
tR/tF
10
ns
ADuM120xBR
CL = 15 pF, CMOS signal levels
Minimum Pulse Width2
PW
100
ns
Maximum Data Rate3
10
Mbps
Propagation Delay4
tPHL, tPLH
15
55
ns
Pulse Width Distortion, |tPLH − tPHL|4
PWD
3
ns
Change vs. Temperature
5
ps/°C
Propagation Delay Skew5
tPSK
22
ns
Channel-to-Channel Matching
Codirectional Channels6
tPSKCD
3
ns
Opposing Directional Channels6
tPSKOD
22
ns
Output Rise/Fall Time (10% to 90%)
tR/tF
5 V/3 V Operation
3.0
ns
3 V/5 V Operation
2.5
ns
ADuM120xCR
CL = 15 pF, CMOS signal levels
Minimum Pulse Width2
PW
20
40
ns
Maximum Data Rate3
25
50
Mbps
Propagation Delay4
tPHL, tPLH
20
50
ns
Pulse Width Distortion, |tPLH − tPHL|4
PWD
3
ns
Change vs. Temperature
5
ps/°C
Propagation Delay Skew5
tPSK
15
ns
Channel-to-Channel Matching
Codirectional Channels6
tPSKCD
3
ns
Opposing Directional Channels6
tPSKOD
15
ns
Output Rise/Fall Time (10% to 90%)
tR/tF
5 V/3 V Operation
3.0
ns
3 V/5 V Operation
2.5
ns


Similar Part No. - ADuM1200WTRZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADuM1200WTRZ AD-ADuM1200WTRZ Datasheet
444Kb / 28P
   Dual-Channel Digital Isolators
Rev. I
ADuM1200WTRZ-RL7 AD-ADuM1200WTRZ-RL7 Datasheet
444Kb / 28P
   Dual-Channel Digital Isolators
Rev. I
More results

Similar Description - ADuM1200WTRZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM1200 AD-ADUM1200 Datasheet
704Kb / 20P
   Dual-Channel Digital Isolators
REV. B
ADUM1200 AD-ADUM1200_15 Datasheet
444Kb / 28P
   Dual-Channel Digital Isolators
Rev. I
ADUM1200UR-EP AD-ADUM1200UR-EP Datasheet
444Kb / 28P
   Dual-Channel Digital Isolators
Rev. I
ADUM1201 AD-ADUM1201_15 Datasheet
444Kb / 28P
   Dual-Channel Digital Isolators
Rev. I
logo
Texas Instruments
ISO7220A TI1-ISO7220A_15 Datasheet
1Mb / 35P
[Old version datasheet]   Dual Channel Digital Isolators
logo
Analog Devices
ADUM1240 AD-ADUM1240 Datasheet
470Kb / 24P
   Micropower, Dual-Channel Digital Isolators
ADUM1240 AD-ADUM1240_V01 Datasheet
491Kb / 24P
   Micropower, Dual-Channel Digital Isolators
Rev. B
logo
Silicon Laboratories
SI8410 SILABS-SI8410 Datasheet
571Kb / 26P
   SINGLE & DUAL-CHANNEL DIGITAL ISOLATORS
logo
Texas Instruments
ISO7220A TI-ISO7220A_08 Datasheet
827Kb / 26P
[Old version datasheet]   DUAL DIGITAL ISOLATORS
ISO7220A TI-ISO7220A_10 Datasheet
827Kb / 28P
[Old version datasheet]   DUAL DIGITAL ISOLATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com