Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADuC845BSZ62-3 Datasheet(PDF) 4 Page - Analog Devices

Part # ADuC845BSZ62-3
Description  MicroConverter짰 Multichannel 24-/16-Bit ADCs with Embedded 62 kB Flash and Single-Cycle MCU
Download  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADuC845BSZ62-3 Datasheet(HTML) 4 Page - Analog Devices

  ADuC845BSZ62-3 Datasheet HTML 1Page - Analog Devices ADuC845BSZ62-3 Datasheet HTML 2Page - Analog Devices ADuC845BSZ62-3 Datasheet HTML 3Page - Analog Devices ADuC845BSZ62-3 Datasheet HTML 4Page - Analog Devices ADuC845BSZ62-3 Datasheet HTML 5Page - Analog Devices ADuC845BSZ62-3 Datasheet HTML 6Page - Analog Devices ADuC845BSZ62-3 Datasheet HTML 7Page - Analog Devices ADuC845BSZ62-3 Datasheet HTML 8Page - Analog Devices ADuC845BSZ62-3 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 108 page
background image
ADuC845/ADuC847/ADuC848
Data Sheet
Rev. C | Page 4 of 108
SPECIFICATIONS1
AVDD = 2.7 V to 3.6 V or 4.75 V to 5.25 V, DVDD = 2.7 V to 3.6 V or 4.75 V to 5.25 V, REFIN(+) = 2.5 V, REFIN(–) = AGND; AGND =
DGND = 0 V; XTAL1/XTAL2 = 32.768 kHz crystal; all specifications TMIN to TMAX, unless otherwise noted. Input buffer on for primary
ADC, unless otherwise noted. Core speed = 1.57 MHz (default CD = 3), unless otherwise noted.
Table 1.
Parameter
Min
Typ
Max
Unit
Conditions
PRIMARY ADC
Conversion Rate
5.4
105
Hz
Chop on (ADCMODE.3 = 0)
16.06
1365
Hz
Chop off (ADCMODE.3 = 1)
No Missing Codes2
24
Bits
≤26.7 Hz update rate with chop enabled
24
Bits
≤80.3 Hz update rate with chop disabled
Resolution (ADuC845/ADuC847)
See Table 11 and Table 15
Resolution (ADuC848)
See Table 13 and Table 17
Output Noise (ADuC845/ADuC847)
See Table 10 and Table 14
μV (rms)
Output noise varies with selected update rates,
gain range, and chop status.
Output Noise (ADuC848)
See Table 12 and Table 16
μV (rms)
Output noise varies with selected update rates,
gain range, and chop status.
Integral Nonlinearity
±15
ppm of FSR
1 LSB16
Offset Error3
±3
μV
Chop on
Chop off, offset error is in the order of the noise
for the programmed gain and update rate
following a calibration.
Offset Error Drift vs. Temperature2
±10
nV/°C
Chop on (ADCMODE.3 = 0)
±200
nV/°C
Chop off (ADCMODE.3 = 1)
Full-Scale Error4
ADuC845/ADuC847
±10
μV
±20 mV to ±2.56 V
ADuC848
±10
μV
±20 mV to ±640 mV
±0.5
LSB16
±1.28 V to ±2.56 V
Gain Error Drift vs. Temperature4
±0.5
ppm/°C
Power Supply Rejection
80
dB
AIN = 1 V, ±2.56 V, chop enabled
113
dB
AIN = 7.8 mV, ±20 mV, chop enabled
80
dB
AIN = 1 V, ±2.56 V, chop disabled2
PRIMARY ADC ANALOG INPUTS
Differential Input Voltage Ranges 5, 6
Gain = 1 to 128
Bipolar Mode (ADC0CON1.5 = 0)
±1.024 ×
VREF/GAIN
V
VREF = REFIN(+) − REFIN(−) or
REFIN2(+) − REFIN2(−) (or Int 1.25 VREF)
Unipolar Mode (ADC0CON1.5 = 1)
0 – 1.024 ×
VREF/GAIN
V
VREF = REFIN(+) − REFIN(−) or
REFIN2(+) − REFIN2(−) (or Int 1.25 VREF)
ADC Range Matching
±2
μV
AIN = 18 mV, chop enabled
Common-Mode Rejection DC
Chop enabled, chop disabled
On AIN
95
dB
AIN = 7.8 mV, range = ±20 mV
113
dB
AIN = 1 V, range = ±2.56 V
Common-Mode Rejection
50 Hz/60 Hz2
50 Hz/60 Hz ± 1 Hz, 16.6 Hz and 50 Hz update
rate, chop enabled, REJ60 enabled
On AIN
95
dB
AIN = 7.8 mV, range = ±20 mV
90
dB
AIN = 1 V, range = ±2.56 V
Footnotes at end of table.


Similar Part No. - ADuC845BSZ62-3

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUC845BSZ62-3 AD-ADUC845BSZ62-3 Datasheet
1Mb / 109P
   MicroConverter짰 Multichannel 24-/16-Bit ADCs with Embedded 62 kB Flash and Single-Cycle MCU
Rev. D
More results

Similar Description - ADuC845BSZ62-3

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUC845 AD-ADUC845_V01 Datasheet
1Mb / 109P
   MicroConverter짰 Multichannel 24-/16-Bit ADCs with Embedded 62 kB Flash and Single-Cycle MCU
Rev. D
ADUC845 AD-ADUC845 Datasheet
1Mb / 108P
   MicroConverter Multichannel 24-/16-Bit ADCs with Embedded 62 kB Flash and Single-Cycle MCU
REV. A
ADUC845 AD-ADUC845_15 Datasheet
1Mb / 108P
   24-/16-Bit ADCs with Embedded 62 kB Flash and Single-Cycle MCU
Rev. C
ADUC847 AD-ADUC847_15 Datasheet
1Mb / 108P
   24-/16-Bit ADCs with Embedded 62 kB Flash and Single-Cycle MCU
Rev. C
ADUC848 AD-ADUC848_15 Datasheet
1Mb / 108P
   24-/16-Bit ADCs with Embedded 62 kB Flash and Single-Cycle MCU
Rev. C
ADUC843BSZ62-5 AD-ADUC843BSZ62-5 Datasheet
908Kb / 88P
   MicroConverter짰 12-Bit ADCs and DACs with Embedded High Speed 62-kB Flash MCU
REV. 0
ADUC841BSZ62-5 AD-ADUC841BSZ62-5 Datasheet
908Kb / 88P
   MicroConverter짰 12-Bit ADCs and DACs with Embedded High Speed 62-kB Flash MCU
REV. 0
ADUC841BSZ62-3 AD-ADUC841BSZ62-3 Datasheet
908Kb / 88P
   MicroConverter짰 12-Bit ADCs and DACs with Embedded High Speed 62-kB Flash MCU
REV. 0
ADUC834 AD-ADUC834_02 Datasheet
1Mb / 80P
   MicroConverter, Dual 16-Bit/24-Bit ADCs with Embedded 62 kB Flash MCU
REV. 0
ADUC834 AD-ADUC834 Datasheet
1Mb / 80P
   MicroConverter, Dual 16-Bit/24- Bit ADCs with Embedded 62 kB Flash MCU
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com